Part Number Hot Search : 
AC03DSM 09016 PE8706 324004P CY2210 1502B N4002 40331
Product Description
Full Text Search
  pixels Datasheet PDF File

For pixels Found Datasheets File :: 3891    Search Time::1.188ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    S9840

Hamamatsu Corporation
Part No. S9840
OCR Text ...672 (h) 0.196 (v) mm (2048 14 pixels). features l optimized structure for full line binning (1d operation) l high quantum efficiency in uv region l stable uv response l low dark current (mpp operation) l no image-lag applications l spectr...
Description High UV sensitivity CCD image sensor

File Size 99.99K  /  4 Page

View it Online

Download Datasheet





    VP7610 VP7610CGFPIR

List of Unclassifed Manufacturers
Part No. VP7610 VP7610CGFPIR
OCR Text ...hrominance as though the colour pixels were superimposed upon themselves, all on the second line. pixel separator since the colourspace converter requires the 3 most recent lines of ccd data, this block handles the shuffling of either the 2...
Description COLOUR DIGITAL VIDEO CAMERA DECODER IC

File Size 238.07K  /  14 Page

View it Online

Download Datasheet

    HT17E11-300

List of Unclassifed Manufacturers
Part No. HT17E11-300
OCR Text ... ?? 270. 336 (v) m m number of pixels 1280(h) ?? 1024(v) p ixels pixel pitch 0.264(h) ?? 0.264(v) m m pixel arrangement rgb vertical stripe display colors 16,194,227 c olors display mode normally white dimensional outline 383.5(h) ??...
Description TFT-LCD PRODUCT

File Size 340.50K  /  22 Page

View it Online

Download Datasheet

    UPD16661A UPD16661AN UPD16661AN-051

NEC[NEC]
Part No. UPD16661A UPD16661AN UPD16661AN-051
OCR Text ...od can be changed in units of 9 pixels (3 columns x 3 lines). (6) Internal timing generation The internal timing to each block is generated from the /FRM and STB signals. (7) CR oscillator In master mode, this oscillator generates the...
Description 160-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM

File Size 178.28K  /  36 Page

View it Online

Download Datasheet

    UPD16662 UPD16662N UPD16662N-051

NEC[NEC]
Part No. UPD16662 UPD16662N UPD16662N-051
OCR Text ...ationship between data bits and pixels As the display is in four gray scales, each pixel consists of two bits. The RAM is configured with four pixels (8 pixels per word) using the packed pixel system. (1) BMODE = L Bytes (8 bits) access D...
Description 240 OUTPUT LCD COLUMN SEGMENT DRIVER WITH BUILT-IN RAM

File Size 253.03K  /  36 Page

View it Online

Download Datasheet

    UPD16663 UPD16663N UPD16663N-051

NEC[NEC]
Part No. UPD16663 UPD16663N UPD16663N-051
OCR Text ...ATIONSHIP BETWEEN DATA BITS AND pixels 16-gray scale display consists of 4 bits per pixel. In the packed pixel format, RAM is configured with 2 pixels (4 pixels per word). (1) BMODE = L Byte (8-bit) access D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D1...
Description 240-OUTPUT LCD COLUMN SEGMENT DRIVER WITH BUILT-IN RAM

File Size 279.24K  /  40 Page

View it Online

Download Datasheet

    UPD16664 UPD16664N UPD16664N-001

NEC[NEC]
Part No. UPD16664 UPD16664N UPD16664N-001
OCR Text ...on with the PD16667, 144 x 128 pixels to 416 x 320 pixels can be displayed. FEATURES * Internal display RAM : 208 x 160 x 2 bits * Logic voltage * Duty * Number of outputs * Display : 2.4 to 3.6 V : 1/128, 1/160 selectable : 144,160,18...
Description 144/160/184/208-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM

File Size 335.51K  /  52 Page

View it Online

Download Datasheet

    LC104S1-A1

Electronic Theatre Controls, Inc.
List of Unclassifed Manufacturers
Part No. LC104S1-A1
OCR Text ... into red, green and blue sub - pixels or dots which are arranged in vertical stripes. gray scale or the brightness of the sub - pixel color is determined with a 6 - bit gray scale signal for each dot, thus, presenting a palette of more tha...
Description PRELIMINARY SPECIFICATION

File Size 707.62K  /  28 Page

View it Online

Download Datasheet

    UPD3719 UPD3719D

NEC[NEC]
Part No. UPD3719 UPD3719D
OCR Text pixels x 3 COLOR CCD LINEAR IMAGE SENSOR The PD3719 is a color CCD (Charge Coupled Device) linear image sensor which changes optical images to electrical signal and has the function of color separation. The PD3719 has 3 rows of 10600 pix...
Description 10600 pixels x 3 COLOR CCD LINEAR IMAGE SENSOR

File Size 141.58K  /  20 Page

View it Online

Download Datasheet

For pixels Found Datasheets File :: 3891    Search Time::1.188ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of pixels

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.79929089546204