Description |
12MHZ CERAMIC RES,SMT CAT 5E CROSSOVER PATCH CORD CABLE GREEN 6 FT Multiconductor Commercial Audio Cable; Number of Conductors:3; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:LSPVC; Conductor Material:Copper; Features:Flamarrest Low-Smoke Jacket; Jacket Color:Natural RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded ProceSS Compatible:Yes; Capacitance:33pF/ft RoHS Compliant: Yes 128 x 128 pixel format, LED or EL Backlight available 28/40-Pin 8位CMOS闪存微控制器 28/40-Pin 8-Bit CMOS FLASH Microcontrollers 28/40-Pin 8位CMOS闪存微控制器 SWITCH, SPNO SPNC ANTI-VANDAL 28/40-Pin 8位CMOS闪存微控制器
|