Part Number Hot Search : 
PCB2421 KA3884D KI1563DH MA447 31ACD NJU7211L HPN2222A 2SK30
Product Description
Full Text Search
  PIC16F871 SP Datasheet PDF File

For PIC16F871 SP Found Datasheets File :: 7+       Page :: | <1> |   

    Microchip Technology Inc.
Microchip Technology, Inc.
Part No. PIC16LF870T/PQ PIC16LF870T/PT PIC16F871T-I/P PIC16F871T-I/PQ PIC16LF871T-I/PQ PIC16LF871T-I/PT PIC16F871T-I/PT PIC16F870T/L PIC16F871T/PT PIC16LF870-I/L PIC16F870-I/L PIC16F871T/L PIC16LF871-I/L PIC16F871-I/L PIC16F870/L PIC16F871/SP PIC16F871/L PIC16F871/SO PIC16F871/SS PIC16F870/PQ PIC16LF870/PQ PIC16LF871/SP PIC16LF871T/SS PIC16LF871/SO PIC16F870T/PT PIC16LF870T-I/L PIC16F870T/PQ PIC16F870T/SP PIC16LF870/PT PIC16LF871T/PQ PIC16F870T-I/L PIC16LF870/L PIC16F871T/SP PIC16LF871/SS PIC16F871T/SS PIC16F870/SP PIC16LF871T/SP PIC16F871/PQ PIC16LF871/PQ PIC16F871/PT PIC16F870T-I/SP PIC16F870T-I/PQ PIC16LF870-I/P PIC16F870-I/SP PIC16F870-I/PQ PIC16F870-I/PT PIC16LF870-I/SP PIC16LF870T-I/PT PIC16LF870-I/PQ PIC16LF870T/L PIC16F871T-I/L PIC16F871T-I/SS PIC16LF870T/SS
Description 12MHZ CERAMIC RES,SMT
CAT 5E CROSSOVER PATCH CORD CABLE GREEN 6 FT
Multiconductor Commercial Audio Cable; Number of Conductors:3; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:LSPVC; Conductor Material:Copper; Features:Flamarrest Low-Smoke Jacket; Jacket Color:Natural RoHS Compliant: Yes
Shielded Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes
Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:33pF/ft RoHS Compliant: Yes
128 x 128 pixel format, LED or EL Backlight available 28/40-Pin 8位CMOS闪存微控制器
28/40-Pin 8-Bit CMOS FLASH Microcontrollers 28/40-Pin 8位CMOS闪存微控制器
SWITCH, SPNO SPNC ANTI-VANDAL 28/40-Pin 8位CMOS闪存微控制器

File Size 1,564.79K  /  156 Page

View it Online

Download Datasheet