Part Number Hot Search : 
5503P SM3905 MAX1610 30001 SM3905 39513 1N5272 BL303
Product Description
Full Text Search
  photodiodes Datasheet PDF File

For photodiodes Found Datasheets File :: 1043    Search Time::2.078ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    VTS3186 VTS3086

PerkinElmer Optoelectronics
Part No. VTS3186 VTS3086
OCR Text photodiodes vts__86 product description this series of planar, p on n, large area silicon photodiodes is characterized for use in the photovoltaic (unbiased) mode. their excellent speed and broadband sensitivity makes them ideal for detecti...
Description Process photodiode. Isc = 80 microA(typ), Voc = 0.45 mV(typ) at H = 1000 lux, 2850 K.

File Size 14.92K  /  1 Page

View it Online

Download Datasheet





    VTS3180 VTS3182 VTS3185 VTS3080 VTS3082 VTS3085

PerkinElmer Optoelectronics
Part No. VTS3180 VTS3182 VTS3185 VTS3080 VTS3082 VTS3085
OCR Text photodiodes vts_ _80, 82, 85 product description this series of planar, p on n, large area silicon photodiodes is characterized for use in the photovoltaic (unbiased) mode. their excellent speed and broadband sensitivity makes them ideal fo...
Description Process photodiode. Isc = 3 mA(typ), Voc = 0.45 mV(typ) at H = 1000 lux, 2850 K.
Process photodiode. Isc = 0.69 mA(typ), Voc = 0.45 mV(typ) at H = 1000 lux, 2850 K.
Process photodiode. Isc = 0.16 mA(typ), Voc = 0.45 mV(typ) at H = 1000 lux, 2850 K.

File Size 15.72K  /  1 Page

View it Online

Download Datasheet

    TAOS
Part No. TCS3200 TCS3210
OCR Text ... combine confi- gurable silicon photodiodes and a current-to-fre- quency converter on a single monolithic cmos integrated circuit. the output is a square wave (50% duty cycle) with frequency directly propor- tional to light intensity (irrad...
Description PROGRAMMABLE COLOR LIGHT-TO-FREQUENCY CONVERTER

File Size 182.04K  /  14 Page

View it Online

Download Datasheet

    VTS3080H

List of Unclassifed Manufacturers
Part No. VTS3080H
OCR Text photodiodes vts process low capacitance, large area photodiode features ? visible to ir spectral range  excellent qe - 400 to 1100 nm  guaranteed 400 nm response  response @ 940 nm, 0.60 a/w, typical  useable with visible and ir leds  ...
Description VTS Process photodiodes

File Size 241.53K  /  2 Page

View it Online

Download Datasheet

    PANASONIC CORP
Part No. PNA3202
OCR Text photodiodes for optical information systems pin photodiodes absolute maximum ratings (ta = 25?c) parameter symbol ratings unit reverse voltage (dc) v r 30 v power dissipation p d 30 mw operating ambient temperature t opr C25 to +85 ?c sto...
Description PIN PHOTO DIODE

File Size 42.42K  /  2 Page

View it Online

Download Datasheet

    SD138-11-31-211

Advanced Photonix, Inc.
Part No. SD138-11-31-211
OCR Text ...evice features two silicon pin photodiodes vertically integrated a hermetic to5 package. the top photodiode absorbs a portion of the light and the remaining light is transmitted to the bottom photodiode. the current ratio of the two p...
Description Silicon PIN Photodiode Sandwich Detector

File Size 143.20K  /  2 Page

View it Online

Download Datasheet

    S8551 S8552 S8553

Hamamatsu Corporation
Part No. S8551 S8552 S8553
OCR Text photodiodes suitable for detection of arf excimer lasers ( =193 nm). designed to provide optimal performance in the vuv range, these photodiodes offer more stable sensitivity even after long exposure to vuv radiation compared with conve...
Description photodiodes for VUV (Vacuum UV) detection

File Size 114.32K  /  2 Page

View it Online

Download Datasheet

For photodiodes Found Datasheets File :: 1043    Search Time::2.078ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of photodiodes

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.5452561378479