Part Number Hot Search : 
4744A S78D25PI 051233 MC1454 A1014 RJK501 2SK4016Q UMF22N
Product Description
Full Text Search
  pecl Datasheet PDF File

For pecl Found Datasheets File :: 5434    Search Time::1.297ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AM79761 AM79761YC-10 AM79761YC-14

AMD[Advanced Micro Devices]
Part No. AM79761 AM79761YC-10 AM79761YC-14
OCR Text ...k, and transmits it through the pecl drivers. When receiving, the GigaPHY-SD device receives the pecl data stream from the network. It then recovers the clock from the data stream, deserializes the data stream into a 10-bit code group, and ...
Description Physical Layer 10-Bit Transceiver for Gigabit Ethernet (GigaPHY⑩-SD)
Physical Layer 10-Bit Transceiver for Gigabit Ethernet (GigaPHY-SD)

File Size 124.63K  /  20 Page

View it Online

Download Datasheet





    PERICOM SEMICONDUCTOR CORP
Part No. SRS3830A-125.0000T
OCR Text pecl low jitter crystal clock oscillator (xo) ds 267 rev a | 06/23/06 pericom semiconductor corporation ? 1-800-435-2336 ? http://www.pericom.com/saronix all specifications are subject to change without notice. product features ? ...
Description CRYSTAL OSCILLATOR, CLOCK, 125 MHz, LVpecl OUTPUT

File Size 762.47K  /  6 Page

View it Online

Download Datasheet

    IBM Microeletronics
Part No. IBM42P21LNYAA10
OCR Text ... signal output ? ac coupling of pecl signals ? single +3.3v power supply ? serial id module on mod(0-2) ? ul & csa approved ? low bit error rate (< 10 -12 ) ? high reliability: afr < 0.01%/khr @50 c applications ? 2x gigabit fibre channel ?...
Description 1x Fibre Channel Small Form Factor Hot-Pluggable Transceiver(1x?????氦???灏??寮??甯????????)

File Size 187.86K  /  34 Page

View it Online

Download Datasheet

    PLETRONICS INC
Part No. PV75WBV-FREQ PV75VFV-FREQ
OCR Text pecl vcxo series 6 pad leadless surface mount pecl voltage controlled xtal os cillator differential pecl output with enable/disable standard specifications part numbering guide consult factory for available frequencies and specs. not all ...
Description VCXO, CLOCK, 70 MHz - 200 MHz, pecl OUTPUT

File Size 98.09K  /  2 Page

View it Online

Download Datasheet

    MAX104 MAX104CHC

MAXIM - Dallas Semiconductor
MAXIM[Maxim Integrated Products]
Part No. MAX104 MAX104CHC
OCR Text ...ference o Latched, Differential pecl Digital Outputs o Low Error Rate: 10-16 Metastable States at 1Gsps o Selectable 8:16 Demultiplexer o Internal Demux Reset Input with Reset Output o 192-Contact ESBGA Package MAX104 The MAX104 pecl-...
Description 5V / 1Gsps / 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier
【5V, 1Gsps, 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier

File Size 634.35K  /  32 Page

View it Online

Download Datasheet

    MAX106 MAX106CHC

MAXIM[Maxim Integrated Products]
Part No. MAX106 MAX106CHC
OCR Text ...General Description The MAX106 pecl-compatible, 600Msps, 8-bit analog-todigital converter (ADC) allows accurate digitizing of analog signals with bandwidths to 2.2GHz. Fabricated on Maxim's proprietary advanced GST-2 bipolar process, the M...
Description 【5V, 600Msps, 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier

File Size 752.85K  /  32 Page

View it Online

Download Datasheet

    MAX108 MAX108CHC

MAXIM - Dallas Semiconductor
MAXIM[Maxim Integrated Products]
Part No. MAX108 MAX108CHC
OCR Text ...ference o Latched, Differential pecl Digital Outputs o Selectable 8:16 Demultiplexer o Internal Demux Reset Input with Reset Output o 192-Contact ESBGA Package o Pin Compatible with MAX104 (1Gsps) and MAX106 (600Msps) MAX108 The MAX10...
Description 5V / 1.5Gsps / 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier
【5V, 1.5Gsps, 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier

File Size 425.63K  /  32 Page

View it Online

Download Datasheet

    MC12439 MC12439FN

Motorola, Inc
MOTOROLA[Motorola Inc]
Part No. MC12439 MC12439FN
OCR Text ...400 to 800MHz. The differential pecl output can be configured to be the VCO frequency divided by 1, 2, 4, or 8. With the output configured to divide the VCO frequency by 1, and with a 16.66MHz external quartz crystal used to provide the ref...
Description HIGH FREQUENCY PLL CLOCK GENERATOR

File Size 129.32K  /  11 Page

View it Online

Download Datasheet

    NBC12439 NBC12439FA NBC12439FAR2 NBC12439FN NBC12439FNR2

ONSEMI[ON Semiconductor]
Part No. NBC12439 NBC12439FA NBC12439FAR2 NBC12439FN NBC12439FNR2
OCR Text ...0 MHz Programmable Differential pecl Outputs Fully Integrated Phase-Lock-Loop with Internal Loop Filter Parallel Interface for Programming Counter and Output Dividers During Power-Up Minimal Frequency Overshoot Serial 3-Wire Programming Int...
Description 3.3 V/5 V Programmable PLL Synthesized Clock Generator

File Size 143.17K  /  20 Page

View it Online

Download Datasheet

    UPD98404 UPD98404GJ-KEU

NEC[NEC]
Part No. UPD98404 UPD98404GJ-KEU
OCR Text ...l : Ground : Ground for Receive pecl Buffer : Ground for Clock Recovery Circuit : Ground for Clock Synthesis : Ground for Serial/Parallel Circuit : Ground for Transmit pecl Buffer : JTAG Clock : JTAG Data Input : JTAG Data Output : JTAG Mod...
Description ADVANCED ATM SONET FRAMER

File Size 193.82K  /  36 Page

View it Online

Download Datasheet

For pecl Found Datasheets File :: 5434    Search Time::1.297ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of pecl

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.59735989570618