Part Number Hot Search : 
74LS0 M57788SH MLL966A MC1804 K1794 CZRW5222 1A225 SI7860DP
Product Description
Full Text Search
  parity Datasheet PDF File

For parity Found Datasheets File :: 6615    Search Time::1.188ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Holt Integrated Circuits, Inc.
Part No. HI-8282ACM HI-8282ACRI HI-8282ACDM HI-8282ACRT HI-8282APQT
OCR Text ... data timing ! Self test mode ! parity functions ! Low power, single 5 volt supply ! Industrial & full military temperature ranges GENERAL DESCRIPTION The HI-8282A is a silicon gate CMOS device for interfacing the ARINC 429 serial data ...
Description Circular Connector; No. of Contacts:128; Series:MS27656; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No
ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
ARINC 429 transmitter/dual receiver

File Size 687.58K  /  14 Page

View it Online

Download Datasheet





    MPC8280 MPC8280CZUE MPC8280CZUP MPC8280CZUB MPC8280CZUM MPC8280CZUI MPC8280VRE MPC8280VRI MPC8280VRM MPC8280VRP MPC8280V

Freescale Semiconductor, Inc
http://
Part No. MPC8280 MPC8280CZUE MPC8280CZUP MPC8280CZUB MPC8280CZUM MPC8280CZUI MPC8280VRE MPC8280VRI MPC8280VRM MPC8280VRP MPC8280VRB MPC8275CVRE MPC8275CVRI MPC8275CVRB MPC8275CVRP MPC8275CVRM MPC8270VRB MPC8270VRE MPC8270VRI MPC8270VRM MPC8270VRP MPC8280CVRB MPC8280CVRE MPC8280CVRI MPC8280CVRM MPC8280CVRP MPC8280CVRT MPC8280CZQB MPC8280CZQE MPC8280CZQI MPC8280CZQM MPC8280CZQP MPC8280CZQT MPC8280CZUT MPC8280VRT MPC8280ZQB MPC8280ZQE MPC8280ZQI MPC8280ZQM MPC8270CVRE MPC8270CVRP MPC8270CVRB MPC8270CVRI MPC8270CVRM MPC8270ZQM MPC8270ZUE MPC8270ZUP MPC8270ZUM MPC8270CZQM MPC8270ZUB MPC8270ZUI MPC8270CVRT MPC8270CZQB MPC8270CZQE MPC8270CZQI MPC8270CZQT MPC8270CZUB MPC8270CZUE MPC8270CZUM MPC8270CZUT MPC8270VRT MPC8270ZQB MPC8270CZQP MPC8270CZUI MPC8270CZUP MPC8275CZUB MPC8275CZUE MPC8275CZUI MPC8275CZUT MPC8275CZUM MPC8275CZUP MPC8275VRP MPC8270ZUT MPC8280ZQP MPC8280ZUM MPC8275VRB MPC8275VRE MPC8270ZQE MPC8270ZQI MPC8270ZQP MPC8280ZUP MPC8280ZUB MPC8280ZUE MPC8280ZUI MPC8280ZUT
OCR Text ...ory controller -- Supports data parity or ECC and address parity 32-bit data and 18-bit address local bus -- Single-master bus, supports external slaves -- Eight-beat burst transfers -- 32-, 16-, and 8-bit port sizes controlled by on-chip m...
Description PowerQUICC II Family Hardware Specifications
PowerQUICC II?/a> Family Hardware Specifications

File Size 1,279.36K  /  80 Page

View it Online

Download Datasheet

    MX98725

Macronix International
Part No. MX98725
OCR Text ...tem error signal: If an address parity error is detected and CFCS bit 8 is enabled, SERRB and CFCS's bit 30 will be asserted. PCI bus data error signal: As a bus master, when a data parity error is detected and CFCS bit 8 is enabled, CFCS b...
Description SINGLE CHIP FAST ETHERNET NIC CONTROLLER

File Size 204.02K  /  33 Page

View it Online

Download Datasheet

    MC68030 MC68EN360CFE25 MC68EN360FE25 MC68EN360FE25V MC68EN360FE33 MC68EN360RC25 MC68EN360RC25V MC68EN360RC33 MC68EN360ZP

MOTOROLA[Motorola, Inc]
Motorola Inc
MOTOROLA[Motorola Inc]
Part No. MC68030 MC68EN360CFE25 MC68EN360FE25 MC68EN360FE25V MC68EN360FE33 MC68EN360RC25 MC68EN360RC25V MC68EN360RC33 MC68EN360ZP25 MC68360 MC68360CFE25 MC68360CRC25 MC68360FE25 MC68360FE25V MC68360FE33 MC68360RC25 MC68360RC25V MC68360RC33 MC68360ZP25 MC68MH360CFE25 MC68MH360CRC25 MC68MH360FE25 MC68MH360FE25V MC68MH360FE33 MC68MH360RC25 MC68MH360RC25V MC68MH360RC33 M68300 MC68040 MC68302 MC68332 MC68340
OCR Text .............................. 2-6 parity ....................................................................................................... 2-6 parity (PRTY0). ................................................................................
Description QUad Integrated Communications Controller Users Manual

File Size 2,774.06K  /  962 Page

View it Online

Download Datasheet

    HMT451V7AFR8C

Hynix Semiconductor
Part No. HMT451V7AFR8C
OCR Text ...s 3 v ddspd spd power 1 par_in parity bit for the address and control bus 1 err_out parity error found on the address and control bus 1 free datasheet http:/// rev. 1.0 / may. 2013 6 input/output functional descriptions symbol type p...
Description DDR3 SDRAM VLP

File Size 1,218.01K  /  68 Page

View it Online

Download Datasheet

    Intel
Part No. A82596CA KU82596CA
OCR Text ... command dp0 dp3 4 7 i/o data parity. these are tri-stated data parity pins. there is one parity line for each byte of the data bus. the 82596 drives them with even-parity information during write operations having the same timing as data...
Description High-performance 32-bit local area network coprocessor

File Size 739.58K  /  76 Page

View it Online

Download Datasheet

For parity Found Datasheets File :: 6615    Search Time::1.188ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of parity

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.5147478580475