Part Number Hot Search : 
BAV170 TLP627 TC624EPA GM71V 2806061 P82C42PC AD708JN 74HCT42
Product Description
Full Text Search
  panel Datasheet PDF File

For panel Found Datasheets File :: 25691    Search Time::1.75ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AD5220 AD5220BN10 AD5220BN100 AD5220BN50 AD5220BR10 AD5220BR100 AD5220BR50 AD5220BRM10 AD5220BRM100 AD5220BRM50

AD[Analog Devices]
Analog Devices, Inc.
Part No. AD5220 AD5220BN10 AD5220BN100 AD5220BN50 AD5220BR10 AD5220BR100 AD5220BR50 AD5220BRM10 AD5220BRM100 AD5220BRM50
OCR Text ...d for microcontrollers in front panel interface designs. The AD5220 is available in both surface mount (SO-8) and the 8-lead plastic DIP package. For ultracompact solutions selected models are available in the thin SOIC package. All parts a...
Description    Increment/Decrement Digital Potentiometer
2-Channel/ 256-Position Digital Potentiometer
TRIM POT ST-32TG 20 OHMS
Toggle Switch; Circuitry:DPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Through Hole; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:PCB; Features:Standard Actuator RoHS Compliant: Yes

File Size 263.70K  /  10 Page

View it Online

Download Datasheet





    AD5222 AD5222BR10 AD5222BR100 AD5222BR1M AD5222BR50 AD5222BRU10 AD5222BRU100 AD5222BRU1M AD5222BRU50

ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5222 AD5222BR10 AD5222BR100 AD5222BR1M AD5222BR50 AD5222BRU10 AD5222BRU100 AD5222BRU1M AD5222BRU50
OCR Text ...d for microcontrollers in front panel interface designs. The AD5222 is available in the surface-mount (SO-14) package. For ultracompact solutions, selected models are available in the thin TSSOP-14 package. All parts are guaranteed to opera...
Description Increment/Decrement Dual Digital Potentiometer
Dual, Increment/Decrement Digital Potentiometer

File Size 173.37K  /  10 Page

View it Online

Download Datasheet

    AD5227 AD5227BUJZ100-R22 AD5227BUJZ100-RL72 AD5227BUJZ10-R22 AD5227BUJZ10-RL72 AD5227BUJZ50-R22 AD5227BUJZ50-RL72 AD5227

Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5227 AD5227BUJZ100-R22 AD5227BUJZ100-RL72 AD5227BUJZ10-R22 AD5227BUJZ10-RL72 AD5227BUJZ50-R22 AD5227BUJZ50-RL72 AD5227EVAL AD5227BUJZ100-R2 AD5227BUJ10-RL7 AD5227BUJZ10-R2 AD5227BUJZ50-R2 AD5227BUJ50-RL7 AD5227BUJZ10-RL7 AD5227BUJZ100-RL7 AD5227BUJZ50-RL7
OCR Text ................. 12 Automatic LCD panel Backlight Control................................ 13 6-Bit Controller .......................................................................... 13 Constant Bias with Supply to Retain Resistance Setting...
Description 64-Position Up/Down Control Digital Potentiometer 64工位下控制数字电位器
64-Position Digital Up/Down Control Potentiometer

File Size 324.12K  /  16 Page

View it Online

Download Datasheet

    AD5228 AD5228BUJZ1002-R2 AD5228BUJZ1002-RL7 AD5228BUJZ102-R2 AD5228BUJZ102-RL7 AD5228BUJZ502-R2 AD5228BUJZ502-RL7 AD5228

AD[Analog Devices]
Part No. AD5228 AD5228BUJZ1002-R2 AD5228BUJZ1002-RL7 AD5228BUJZ102-R2 AD5228BUJZ102-RL7 AD5228BUJZ502-R2 AD5228BUJZ502-RL7 AD5228EVAL AD5228BUJZ100-R2 AD5228BUJZ100-RL7 AD5228BUJZ10-R2 AD5228BUJZ10-RL7 AD5228BUJZ50-R2 AD5228BUJZ50-RL7
OCR Text ...el adjustments Electronic front panel-level controls Programmable power supply The AD5228 can increment or decrement the resistance in discrete steps or in autoscan mode. When the PU or PD button is pressed briefly (no longer than 0.6 s)...
Description 32-Position Manual Up/Down Control Potentiometer

File Size 334.30K  /  20 Page

View it Online

Download Datasheet

    AM79C874 AM79C874VC

Advanced Micro Devices
Part No. AM79C874 AM79C874VC
OCR Text ...LED pins are provided for front panel status feedback. One option is to use two bi-color LEDs to show when the device is in 100BASE-TX or 10BASE-T mode (by illuminating), Half or Full Duplex (by the color), and when data is being received (...
Description NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver

File Size 507.05K  /  60 Page

View it Online

Download Datasheet

    AME7106 AME7106A AME7106ACKW AME7106CPL AME7106R AME7106RCPL AME7106Y AME7107 AME7107A AME7107ACKW AME7107CPL AME7107R A

AME[Analog Microelectronics]
Part No. AME7106 AME7106A AME7106ACKW AME7106CPL AME7106R AME7106RCPL AME7106Y AME7107 AME7107A AME7107ACKW AME7107CPL AME7107R AME7107RCPL AME7107Y
OCR Text ...e meter l Thermometer l Digital panel meter l Photometer n Typical Operating Circuit * For the operating circuit of the reverse-pins version, please refer to pin configuration on page 4 and pin description on page 5 & 6 1 AME, I...
Description 3-1/2 Digit A/D Converter High Accuracy, Low Power

File Size 1,365.67K  /  20 Page

View it Online

Download Datasheet

    BCM7038

Broadcom
ETC
Part No. BCM7038
OCR Text ...ellite NIM Dual Smartcard Front panel Functional System Block USB 1.1 1394 OVERVIEW T S Inpu t 2x H S X O utput HD Digital Out HD Digital In D ata T ran sp ort 65 6 In put IF IF D em od N T S C /P A L V id eo D ec...
Description Dual High-Definition Digital Video System-on-Chip Solution for Cable, Satellite, and DTV
DUAL HD DIGITAL VIDEO SYSTEM ON CHIP SOLUTION FOR CABLE SATELLITE AND DTV

File Size 383.79K  /  2 Page

View it Online

Download Datasheet

    BCM8021

Broadcom
ETC
Electronic Theatre Controls, Inc.
Part No. BCM8021
OCR Text ...gnals transmitted through front panel or backplane networking equipment supporting both primary and protection circuits. Drive PMD devices or backplane directly with no external clean-up circuit required. Simplifies manufacturability with i...
Description 4-Channel Multirate 1.0-3.2-Gbps Transceiver with High-Speed Redundancy
4 CHANNEL MULTIRATE 1.0-3.2 GBPS TRANSCEIVER WITH HIGH SPEED REDUNDANCY

File Size 115.79K  /  2 Page

View it Online

Download Datasheet

    HCPL-0710 HCPL-0710500

Agilent (Hewlett-Packard)
HP[Agilent(Hewlett-Packard)]
Part No. HCPL-0710 HCPL-0710500
OCR Text ...S, Profibus * AC Plasma Display panel Level Shifting * Multiplexed Data Transmission * Computer Peripheral Interface * Microprocessor System Interface VI 2 IO 7 NC* * 3 LED1 6 VO GND1 4 SHIELD 5 GND2 T...
Description 40 ns Prop. Delay, SO-8 Optocoupler

File Size 269.02K  /  16 Page

View it Online

Download Datasheet

    HI7106 HI7106C HI7106CM44 HI7106CPL HI7106D FN4551

INTERSIL[Intersil Corporation]
Part No. HI7106 HI7106C HI7106CM44 HI7106CPL HI7106D FN4551
OCR Text ...tion enables a high performance panel meter to be built with the addition of only 10 passive components and a display. Features * Guaranteed Zero Reading for 0V Input on All Scales * True Polarity at Zero for Precise Null Detection * 1p...
Description From old datasheet system
3 1/2 Digit, LCD/LED Display, A/D Converter

File Size 122.76K  /  11 Page

View it Online

Download Datasheet

For panel Found Datasheets File :: 25691    Search Time::1.75ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of panel

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
4.3184261322021