Part Number Hot Search : 
NX8315XC 1N245 LT541 39QCL NJM4558C SMCJ12 03Z59Y 15004
Product Description
Full Text Search
  package case3-to-92 Datasheet PDF File

For package case3-to-92 Found Datasheets File :: 9    Search Time::3.312ms    
Page :: | <1> |   

    SIEMENS AG
Infineon
SIEMENS[Siemens Semiconductor Group]
Part No. BC369 C62702-C748
OCR Text ...etailed information see chapter package Outlines. If transistors with max. 4 mm lead length are fixed on PCBs with a min. 10 mm x 10 mm large copper area for the collector terminal, RthJA = 125 K/W and thus Ptot max = 1 W at TA = 25 C. Moun...
Description From old datasheet system
PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)

File Size 126.21K  /  4 Page

View it Online

Download Datasheet





    BC368 C62702-C747

SIEMENS AG
Fairchild Semiconductor
SIEMENS[Siemens Semiconductor Group]
Infineon
Part No. BC368 C62702-C747
OCR Text ...etailed information see chapter package Outlines. If transistors with max. 4 mm lead length are fixed on PCBs with a min. 10 mm x 10 mm large copper area for the collector terminal, RthJA = 125 K/W and thus Ptot max = 1 W at TA = 25 C. Moun...
Description NPN General Purpose Amplifier
NPN Silicon AF Transistor (High current gain High collector current)
From old datasheet system

File Size 125.47K  /  4 Page

View it Online

Download Datasheet

    SIEMENS AG
Infineon
SIEMENS[Siemens Semiconductor Group]
Part No. BC879 A0836 C62702-C855 BC875 BC877 C62702-C853 C62702-C854
OCR Text ...etailed information see chapter package Outlines. If transistors with max. 4 mm lead length are fixed on PCBs with a min. 10 mm x 10 mm large copper area for the collector terminal, RthJA = 125 K/W and thus Ptot max = 1 W at TA = 25 C. Moun...
Description NPN Silicon Darlington Transistors (High current gain Low collector-emitter saturation voltage NPN硅达林顿晶体管(高电流增益低集电极发射极饱和电压
From old datasheet system

File Size 173.23K  /  4 Page

View it Online

Download Datasheet

    Siemens
Infineon
Part No. A0837 BC876
OCR Text ...etailed information see chapter package Outlines. If transistors with max. 4 mm lead length are fixed on PCBs with a min. 10 mm x 10 mm large copper area for the collector terminal, RthJA = 125 K/W and thus Ptot max = 1 W at TA = 25 C. Moun...
Description PNP Silicon Darlington Transistors (High current gain High collector current)
From old datasheet system

File Size 169.50K  /  4 Page

View it Online

Download Datasheet

    DELTA[Delta Electronics, Inc.]
Part No. NC12S0A0V40PRFA NC12S0A0H40NNFA NC12S0A0H40NRFA NC12S0A0H40PNFA NC12S0A0H40PRFA NC12S0A0V40NNFA NC12S0A0V40NRFA NC12S0A0V40PNFA
OCR Text ...horizontal mounted through-hole package and the output can be resistor- or voltage-trimmed from 0.9Vdc to 5.0Vdc. NC40 series has built-in c...Case3 at 50C Auto restart, refer to Figs 36 & 41 for the measuring point DS_NC12S40A_02072007 ...
Description Delphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 40A

File Size 741.30K  /  14 Page

View it Online

Download Datasheet

    DELTA[Delta Electronics, Inc.]
Part No. NC12S0A0V60PRFA NC12S0A0V60NNFA NC12S0A0V60NRFA NC12S0A0V60PNFA
OCR Text ...horizontal mounted through-hole package. The NC12S0A0V60 will provide up to 60A of output current and the output can be resistor- or voltage...Case3 at 50 Refer to Figure 36 for the measuring point DS_NC12S60A_02072007 2 ELECTRICAL CH...
Description Delphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 60A

File Size 508.26K  /  13 Page

View it Online

Download Datasheet

    Delta Electronics
Part No. NC12S0A0V40
OCR Text ...horizontal mounted through-hole package and the output can be resistor- or voltage-trimmed from 0.9Vdc to 5.0Vdc. NC40 series has built-in c...Case3 at 50C Auto restart, refer to Figs 36 & 41 for the measuring point DS_NC12S40A_02072007 ...
Description DC/DC Power Modul

File Size 769.98K  /  14 Page

View it Online

Download Datasheet

    Delta Electronics
Part No. NC12S0A0V60
OCR Text ...horizontal mounted through-hole package. The NC12S0A0V60 will provide up to 60A of output current and the output can be resistor- or voltage...Case3 at 50 Refer to Figure 36 for the measuring point DS_NC12S60A_02072007 2 ELECTRICAL C...
Description DC/DC Power Modul

File Size 536.75K  /  13 Page

View it Online

Download Datasheet

For package case3-to-92 Found Datasheets File :: 9    Search Time::3.312ms    
Page :: | <1> |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of package case3-to-92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.0754060745239