Part Number Hot Search : 
P50N06FI B270005 5230B BCR5PM MAX274 12812 0B1TR TFP2N60A
Product Description
Full Text Search
  oscillators Datasheet PDF File

For oscillators Found Datasheets File :: 7564    Search Time::1.828ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    ABRACON CORP
Part No. ACVTX1018SA-FREQ-D15-H5-OUT1 ACVTX1018A-FREQ-C10-H5-OUT23 ACVTX1018A-FREQ-D30-H5-OUT23 ACVTX1018A-FREQ-F25-H5-OUT23
OCR Text ...os and sine wave  crystal oscillators temperature-compensated xtal oscillators actx 1018 and acvtx 1018 series table 1 dimensions: inches (mm) note: pin 1 may be present with no connection function. 0 c to + 50 c c 05 c 10 c 15 c 2...
Description TCVCXO, SINE OUTPUT, 8 MHz - 45 MHz
TCVCXO, CLOCK, 1 MHz - 26 MHz, CMOS/TTL OUTPUT

File Size 176.13K  /  6 Page

View it Online

Download Datasheet





    HTXO

EUROQUARTZ limited
Part No. HTXO
OCR Text ...uk euro quartz description htxo oscillators are designed to operate at ambient temperatures <250c.the rugged design consists of a high-shock crystal and a high temperature cmos integrated circuit packaged in a 7.5 x 5.0mm surface-mount cera...
Description Temperature Crystal Oscillator

File Size 166.61K  /  2 Page

View it Online

Download Datasheet

    Energy Micro
Part No. EFM32G230F64-QFN64 EFM32G230F32-QFN64 EFM32G230F128-QFN64
OCR Text ...responsible for controlling the oscillators and clocks on-board the efm32g. the cmu provides the capability to turn on and off the clock on an individual basis to all peripheral modules in addition to enable/disable and configure the avai...
Description microcontrollers

File Size 1,541.53K  /  67 Page

View it Online

Download Datasheet

    ZARLINK[Zarlink Semiconductor Inc]
Part No. ZL10037LCG ZL10037LCG1 ZL10037 ZL10037LCF ZL10037LCF1
OCR Text ...tages with sub bands. The three oscillators and sub-bands are designed to provide optimum phase noise performance over the required tuning range of 950 to 2150 MHz, over operating conditions and process variations. The local oscillators ope...
Description Digital Satellite Tuner with RF Bypass

File Size 395.46K  /  33 Page

View it Online

Download Datasheet

    MC13135DW MC13135P ML13135LP ML13135-6P ML13135

LANSDALE Semiconductor Inc.
Part No. MC13135DW MC13135P ML13135LP ML13135-6P ML13135
OCR Text ...ceiver. This includes two local oscillators, two mixers, a limiting IF amplifier and detector, and an op amp. It will provide a voltage buffered RSSI with 70 dB of usable range, isolated tuning diode and buffered LO output for PLL operation...
Description FM Communications Receiver; Dual Conversion Narrowband FM Receiver

File Size 765.50K  /  11 Page

View it Online

Download Datasheet

    CONNOR WINFIELD CORP
Part No. HSM636-040.000M
OCR Text ... reserved. crystal controlled oscillators the connor-winfield models hsm626 and hsm636 are 5.0v hcmos, surface mount, fixed frequency crystal oscillators (xo) designed for use in all applications requiring precision clocks over the -4 com...
Description CRYSTAL OSCILLATOR, CLOCK, 40 MHz, HCMOS OUTPUT

File Size 133.21K  /  2 Page

View it Online

Download Datasheet

    ML145145 ML145145-6P ML145145VP MC145145DW2 MC145145P1

LANSDALE Semiconductor Inc.
Part No. ML145145 ML145145-6P ML145145VP MC145145DW2 MC145145P1
OCR Text ...temperature-compensated crystal oscillators (TCXOs) or crystal-controlled data clock oscillators provide very stable reference frequencies. An oscillator capable of sinking and sourcing 50 A at CMOS logic levels may be direct or DC coupled ...
Description 4-Bit Data Bus Input PLL Frequency Synthesizer

File Size 1,766.77K  /  12 Page

View it Online

Download Datasheet

    PLETRONICS INC
Part No. LV7820DEW-FREQ LV7820DEB-FREQ
OCR Text ... lvds clock oscillators june 2005  pletronics? lv78d series is a quartz crystal controlled precision square w...
Description CRYSTAL OSCILLATOR, CLOCK, 80 MHz - 250 MHz, LVDS OUTPUT

File Size 213.74K  /  8 Page

View it Online

Download Datasheet

    ML145146 ML145146-6P ML145146RP MC145146DW2 MC145146P2

LANSDALE Semiconductor Inc.
Part No. ML145146 ML145146-6P ML145146RP MC145146DW2 MC145146P2
OCR Text ...temperature-compensated crystal oscillators (TCXOs) or crystal-controlled data clock oscillators provide very stable reference frequencies. An oscillator capable of sinking and sourcing 50 A at CMOS logic levels may be direct or DC coupled ...
Description 4-Bit Data Bus Input PLL Frequency Synthesizer

File Size 3,641.55K  /  12 Page

View it Online

Download Datasheet

For oscillators Found Datasheets File :: 7564    Search Time::1.828ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of oscillators

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.0392150878906