Part Number Hot Search : 
SMB110C V6340N B2300 MX806A LT1179A 25002 LC863440 IS126
Product Description
Full Text Search
  oc-3 stm-1 Datasheet PDF File

For oc-3 stm-1 Found Datasheets File :: 2057    Search Time::1.672ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    BCM8112

Electronic Theatre Controls, Inc.
ETC[ETC]
Part No. BCM8112
OCR Text ...d for * Target applications: * OC-192/STM-64 transmission equipment * SONET/SDH optical modules * ADD/DROP multiplexers * Digital cross-con...3.3V STL, and 3.3V * Power consumption: 1700 mW typical * Standard CMOS fabrication process * 452-pi...
Description 16BIT LVDS AND 64BIT LVPECL INTERFACE

File Size 34.89K  /  2 Page

View it Online

Download Datasheet





    BCM8128

Broadcom
ETC
Electronic Theatre Controls, Inc.
Part No. BCM8128
OCR Text ...(CMU) supports multiple rates: OC-192, 10GE, 10GFC and its FEC rates SUMMARY OF BENEFITS * Compliant with Optical Internetworking Forum ...3.3V * Power consumption: 450 mW * Standard CMOS fabrication process * 127-pin BGA package BCM812...
Description Multirate 10-Gbps SONET/SDH/10GE/FEC Transmitter
MULTI RATE 10GBPS SONET / SDH/ 10GE/FEC MUX

File Size 113.87K  /  2 Page

View it Online

Download Datasheet

    BCM8152

ETC
Part No. BCM8152
OCR Text ... APPLICATIONS * * * * * * * OC-192/STM-64/10 GE/FEC transmission equipment SONET/SDH/10 GE/FEC optical modules ADD/DROP multiplexers Dig...3.3V * Power dissipation: 1.2W typical BCM8152 Functional Block Diagram Network Interface Proc...
Description 10 GBPS TRANSCEIVER WITH 10G CLOCK, BUS SKEW, AND LIMITING AMPLIFIER

File Size 125.98K  /  2 Page

View it Online

Download Datasheet

    BCM8211 BCM821104

BOARDCOM[Broadcom Corporation.]
ETC
Part No. BCM8211 BCM821104
OCR Text ... APPLICATIONS * * * * * * * OC-48/stm-16 transmission equipment SONET/SDH optical modules ADD/DROP multiplexers Digital cross-connects A...3.3V configuration. The core and CML I/O operate at 2.5V and the LVPECL I/O can operate at either 2....
Description 2.488-Gbps Transceiver with Internal Loop Timing
2.488 GBPS SONET/SDH TRANSCEIVER WITH INTERNAL LOOP TIMING
2.488 GBPS SONET/ SDH TRANSCEIVER WITH INTERNAL LOOP TIMING

File Size 104.79K  /  2 Page

View it Online

Download Datasheet

    PGT20405

Ericsson Microelectronics
ERICSSON[Ericsson]
Part No. PGT20405
OCR Text ...ations * SDH STM-64 LH * SONET OC-192 LR Description The laser module, intended for OC-192/STM-64 applications, consists of a DFB laser...3. Laser DC bias (+) 4. Monitor (-) 5. Monitor (+) 6. TEC (+) 7. TEC (-) 8. EA modulation (-) 5.0...
Description DFB/EA Laser Module for 10 Gb/s Applications

File Size 296.66K  /  4 Page

View it Online

Download Datasheet

    UPD98411 UPD98411GN-MMU

NEC[NEC]
Part No. UPD98411 UPD98411GN-MMU
OCR Text ... PD98411 155 ATM Interface OC-12 SONET Framer PD98411 NIC SWITCH Backbone Network PD98411 NIC PD98411 UTOPIA Level2 CPU Data Sheet S12953EJ4V0DS00 3 PD98411 SYSTEM CONFIGURATION 1) PD98411 System Applic...
Description ATM QUAD SONET FRAMER

File Size 709.29K  /  36 Page

View it Online

Download Datasheet

    LG1600FXH3111 LG1600FXH1200 LG1600FXH1244 LG1600FXH1298 LG1600FXH2380 LG1600FXH5332 LG1600FXH0 LG1600FXH1555 LG1600FXH06

AGERE[Agere Systems]
LUCENT
Part No. LG1600FXH3111 LG1600FXH1200 LG1600FXH1244 LG1600FXH1298 LG1600FXH2380 LG1600FXH5332 LG1600FXH0 LG1600FXH1555 LG1600FXH0622 LG1600FXH2666 TF1004A LG1600FXH LG1600FXH0500 LG1600FXH0553 LG1600FXH2433 LG1600FXH2488 LG1600FXH2949 LG1600FXH3840 LG1600FXH4977 LG1600FXHXXXX
OCR Text ...iver terminals and regenerators OC-12 through OC-96/STM-4 through STM-32 SONET/SDH test equipment Proprietary bit rate systems Digital video...3 cm x 3 cm (1.2 in. x 1.2 in.) surface-mount package: a GaAs IC that contains the high-speed part o...
Description LG1600FXH Clock and Data Regenerator

File Size 424.70K  /  20 Page

View it Online

Download Datasheet

    PM5312

PMC-Sierra, Inc.
PMC[PMC-Sierra, Inc]
PMC-Sierra Inc
Part No. PM5312
OCR Text ...PQFP) package. APPLICATIONS OC-N to OC-M Multiplexers SONET/SDH Add/Drop Multiplexers SONET/SDH Terminal Multiplexers ATM Transmission S...3:0] TSDCLK TSOW TSUC GTICLK TSD TCLK Status Control Port Transmit Ring Control...
Description SONET/SDH TRANSPORT TERMINATING TRANSCEIVER
SONET/SDH Transport Overhead Terminating Transceiver

File Size 38.42K  /  2 Page

View it Online

Download Datasheet

    V23833-F0105-B002 V23833-F9105-B002 V23833-FX105-B001 V23833-F9105-B001 V23833-F0105-B001

INFINEON[Infineon Technologies AG]
Part No. V23833-F0105-B002 V23833-F9105-B002 V23833-FX105-B001 V23833-F9105-B001 V23833-F0105-B001
OCR Text ...s * * * * * * * * 10GBE, 10GFC, OC-192/STM-64 and G.709 transmission systems for short range Integration on PCI card, with eventually mid-bo...3 4 5 6 7 8 9 10 11 12 13 14 15 GND VEE5 MOD_DESEL INTERRUPT TX_DIS VCC5 GND VCC3 VCC3 SCL SDA MO...
Description XFP1310 nm Small Form Factor Module 10 Gigabit Pluggable Transceiver Compatible with XFP MSA Rev. 3.1

File Size 589.15K  /  25 Page

View it Online

Download Datasheet

    1340TAPC 1340TMPC 1340CAPC 1340CBPC 1340CCPC 1340CMPC 1340CNPC 1340FAPC 1340FBPC 1340FCPC 1340FMPC 1340FNPC 1340TBPC 134

Agere Systems
Part No. 1340TAPC 1340TMPC 1340CAPC 1340CBPC 1340CCPC 1340CMPC 1340CNPC 1340FAPC 1340FBPC 1340FCPC 1340FMPC 1340FNPC 1340TBPC 1340TNPC 1340-TYPE
OCR Text ...le: sonet/sdh compliant with oc-3/stm-1 sonet/sdh compliant with oc-12/stm-4 1.25 gbits for data applications. * telcordia technologies is a trademark of telcordia technologies, inc. 2 2 agere systems inc. data sheet january 20...
Description Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:10; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes
Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:White; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes
Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes
Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Gray; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes
1340-Type Lightwave Receiver

File Size 110.45K  /  12 Page

View it Online

Download Datasheet

For oc-3 stm-1 Found Datasheets File :: 2057    Search Time::1.672ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of oc-3 stm-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.5253460407257