|
|
![](images/bg04.gif) |
Samtec
|
Part No. |
SFM-110-02-L-S-A
|
OCR Text |
...a tion specific option solder nail option f or (2,36mm) .093" thick board available. call samtec. cost-saving applications lower cost phosphor bronze contact (?t2) for applications where beryllium copper is not needed. see sfc series... |
Description |
SOCKET
|
File Size |
484.62K /
1 Page |
View
it Online |
Download Datasheet
|
|
|
![](images/bg04.gif) |
Samtec, Inc.
|
Part No. |
TFML-150-01-S-D
|
OCR Text |
...sht 2) (n/a on -ra) -sn: solder nail (use tfml-xx-d-01-sn & wt-27-01-t) (see fig. 10, sheet 4) (available on -02 lead style only) -sn2: solder nail for .093 board (use tfml-xx-d-01-sn & wt-27-02-t) (see fig. 10,... |
Description |
CONN HEADER .05 100POS DUAL T/H 100 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
File Size |
478.76K /
4 Page |
View
it Online |
Download Datasheet
|
|
|
![](images/bg04.gif) |
Samtec, Inc. SAMTEC INC
|
Part No. |
SFM-135-01-S-D-LC SFM-110-L2-S-D-SN SAMTECINC-SFM-110-02-S-D-N-P
|
OCR Text |
... 2) (use k-500-300) -sn: solder nail for .062 board (sfm-xx-d-sn and wt-27-01-t) (available with lead style -02, -l2 & -t2) (not available with -a & -lc) -sn2: solder nail for .093 board (sfm-xx-d-sn and wt-27-02-t) ... |
Description |
.050'' X .050 70 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
File Size |
405.27K /
4 Page |
View
it Online |
Download Datasheet
|
|
|
![](images/bg04.gif) |
OxiMax
|
Part No. |
DS-100A
|
OCR Text |
... If the fingernail is long, the nail tip will extend over the finger stop. (2)
3
3. Spread open the rear tabs of the sensor to provide even force over the length of the pads. Check the position of the sensor. If an index finger canno... |
Description |
Adult Oxygen Sensor
|
File Size |
918.95K /
64 Page |
View
it Online |
Download Datasheet
|
|
|
![](images/bg04.gif) |
Samtec, Inc.
|
Part No. |
SFML-115-T1-S-D SFML-120-T1-S-D SFML-130-T1-S-D SFML-145-T1-S-D SFML-140-T2-S-D SFML-150-T2-S-D SFML-120-T2-S-D
|
OCR Text |
...(see fig.4, sht. 2) -sn: solder nail (use sfml-xx-d-sn & wt-27-01-t) (see fig 8, sht 4) (available on -x2 lead styles only) -sn2: solder nail for .093 board (use sfml-xx-d-sn & wt-27-02-t) (see fig 8, sht 4) ... |
Description |
CONN RCPT .05 30POS DUAL T/H 30 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET CONN RCPT .05 40POS DUAL T/H 40 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET CONN RCPT .05 60POS DUAL T/H 60 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET CONN RCPT .05 90POS DUAL T/H 90 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET CONN RCPT .05 80POS DUAL SMD 80 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET CONN RCPT .05 100POS DUAL SMD 100 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET CONN RCPT .05 40POS DUAL SMD 40 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
File Size |
573.30K /
4 Page |
View
it Online |
Download Datasheet
|
|
|
![](images/bg04.gif) |
Microchip
|
Part No. |
PIC12C671 PIC12C672 PIC12C508A PIC12C509A
|
OCR Text |
...e and medical products, such as nail guns, brake lights and medical dispensers. the thousands of designers and millions of products using the 8-pin picmicro mcu?s get the required results. many everyday applications are space and weight con... |
Description |
This powerful (400 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS OTP-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 8-pin package and features 4 channels This powerful (1µsecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS OTP-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 8-pin package. Easily adapted for auto
|
File Size |
50.02K /
2 Page |
View
it Online |
Download Datasheet
|
|
|
![](images/bg04.gif) |
MOLEX INC
|
Part No. |
52368-0201
|
OCR Text |
... receptacle - pcb retention nail receptacle - stagger tails yes receptacle - packaging tray receptacle - housing material polyester glass-filled receptacle - flammability ul 94v-0 receptacle - contact phosphor ... |
Description |
20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE
|
File Size |
169.71K /
3 Page |
View
it Online |
Download Datasheet
|
|
![](images/findchips_sm.gif)
Price and Availability
|