|
|
|
Analog Integrations, Corp. Analog Integrations Corporation AIC[Analog Intergrations Corporation]
|
Part No. |
AIC809N31CUBG AIC809N31CUTR AIC809N31PUBG AIC809N31PUTR AIC809N44CUBG AIC810-23CUBG AIC810-23CUTR AIC810-26CUBG AIC810-26PUBG AIC810-26PUTR AIC810-29PUBG AIC810-29PUTR AIC810-31CUBG AIC810-31PUBG AIC810-31PUTR AIC810-40CUTR AIC810-40PUBG AIC810-44CUBG AIC810-46CUTR AIC810-46PUBG AIC810-46PUTR AIC809-26CUTR AIC809-29CUTR AIC809-29PUBG AIC809-40CUBG AIC809-40PUTR AIC809 AIC809-26CUBG AIC809-40PUBG AIC809-31PUTR AIC809-46PUTR AIC809-29PUTR AIC809-40CUTR AIC809-23PUBG AIC809-44PUTR AIC809N23CUBG AIC809-23CUBG AIC809-23CUTR AIC809-23PUTR AIC809-26PUBG AIC809-26PUTR AIC809-29CUBG AIC809-31CUBG AIC809-31CUTR AIC809-44CUBG AIC809-44CUTR AIC809-44PUBG AIC809-46CUBG AIC809-46CUTR AIC809-46PUBG AIC809-31PUBG AIC810-46CUBG AIC809N23CUTR AIC809N23PUBG AIC809N23PUTR AIC809N26CUBG AIC809N26CUTR AIC809N26PUBG AIC809N26PUTR AIC809N29CUBG AIC809N29CUTR AIC809N29PUBG AIC809N29PUTR AIC809N40CUBG AIC809N40CUTR AIC809N40PUBG AIC809N40PUTR AIC809N44CUTR AIC809N44PUBG AIC809N44PUTR AIC809N46CUBG AIC809N46CUTR AIC809N46PUBG AIC809N46PUTR AIC810 AIC810-23PUBG AIC810-23PUTR AIC810-26CUTR AIC810-29CUBG AIC810-29CUTR AIC810-31CUTR AIC810-40CUBG AIC810-40PUTR AIC810-44CUTR AIC810-44PUBG AIC810-44PUTR
|
Description |
n-ch mosfet so8bwl 8mohms at 10V PWM OPTIMIZED - LEAD FREE VERSION 3引脚微处理器复位电路 mosfet; Transistor Polarity:Dual N Channel; Drain Source Voltage, Vds:30V; Continuous Drain Current, Id:6.9A; On-Resistance, Rds(on):26mohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:8-SOIC; Leaded Process Compatible:No 3引脚微处理器复位电路 3-PIN MICROPROCESSOR RESET CIRCUITS 3引脚微处理器复位电路 mosfet; Transistor Polarity:N Channel; Continuous Drain Current, Id:12A; On-Resistance, Rds(on):0.0085ohm; Package/Case:8-SOIC; Leaded Process Compatible:No; Mounting Type:surface mount; Peak Reflow Compatible (260 C):No mosfet; Transistor Polarity:N Channel; Continuous Drain Current, Id:11A; On-Resistance, Rds(on):0.011ohm; Package/Case:8-SOIC; Leaded Process Compatible:No; Mounting Type:surface mount; Peak Reflow Compatible (260 C):No 2.54mm Pitch SIL Vertical PC Tail Pin Header, 7mm mating pin height, tin, 2-way ALL.CLIP, EX-LARGE IEC1010 KIT RoHS Compliant: Yes (AIC809 / AIC810) 3-PIN MICROPROCESSOR RESET CIRCUITS
|
File Size |
225.71K /
8 Page |
View
it Online |
Download Datasheet |
|
|
|
VISAY[Vishay Siliconix] Vishay Intertechnology Inc Vishay Intertechnology,Inc.
|
Part No. |
SUP65P06-20 SUB65P06-20
|
Description |
From old datasheet system P-Channel Enhancement-Mode Trans P-Channel 60-V (D-S), 175C mosfet TRANSISTOR,mosfet,P-CHANNEL,60V V(BR)DSS,65A I(D),TO-220AB P-Channel mosfet 30V n-channel PowerTrench mosfet
|
File Size |
43.50K /
4 Page |
View
it Online |
Download Datasheet |
|
|
|
IXYS, Corp. IXYS[IXYS Corporation]
|
Part No. |
VMO550-01F
|
Description |
HiPerFET mosfet Module 590 A, 100 V, 0.0021 ohm, n-chANNEL, Si, POWER, mosfet mosfet Modules
|
File Size |
45.71K /
2 Page |
View
it Online |
Download Datasheet |
|
|
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
Part No. |
2N7002K
|
Description |
n-ch; 60V (DS) mosfet; add ESD protect function N沟道0V(D-S) mosfet;补充的ESD保护功能 n-channel 60-V (D-S) mosfet
|
File Size |
190.96K /
3 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|