Part Number Hot Search : 
MAX68 6KE30A IMD3A DMF09RF 54ACT174 DTC14 ZX84C10 120EI
Product Description
Full Text Search
  msop Datasheet PDF File

For msop Found Datasheets File :: 7435    Search Time::1.234ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MSOP-8 REEL-MSOP-8

Analog Microelectronics
Part No. msop-8 REEL-msop-8
OCR Text msop-8 carrier tape, number of components per reel and reel size package carrier width (w) pitch (p) part per full reel reel size msop-8 12.00.1 mm 4.00.1 mm 4000pcs 3301 mm
Description Carrier Width (W) 12.0 -0.1 mm Pitch (P) 4.0 -0.1 mm

File Size 25.07K  /  1 Page

View it Online

Download Datasheet





    MSOP-10 MSOP-10PP REEL-MSOP-10PP

Analog Microelectronics
Part No. msop-10 msop-10PP REEL-msop-10PP
OCR Text msop-10/pp pin 1 w p ame ame carrier tape, number of com ponents per reel and reel size package carrier width (w) pitch (p) part per full reel reel size msop-10/pp 12.00.1 mm 4.00.1 mm 4000pcs 3301 mm
Description Carrier Width (W) 12.0 -0.1 mm Pitch (P) 4.0 -0.1 mm

File Size 26.05K  /  1 Page

View it Online

Download Datasheet

    MSOP-8

Analog Microelectronics
Part No. msop-8
OCR Text msop-8/pp
Description A1 : MIN 0.000 MAX 0.150 A2 : MIN 0.750 MAX 0.950

File Size 49.35K  /  1 Page

View it Online

Download Datasheet

    MSOP-8

Analog Microelectronics
Part No. msop-8
OCR Text msop-8 with plating e top pkg . top view front view end view e e1 pin 1 . d e1 btm pkg . l l1 l2 detail a b a1 a2 a b b1 c1 c b section b - b e1 b see detail a
Description A1 : MIN 0 MAX 0.20 A2 : MIN 0.75 MAX 0.95

File Size 81.63K  /  1 Page

View it Online

Download Datasheet

    MSOP-10PP

Analog Microelectronics
Part No. msop-10PP
OCR Text msop-10/pp symbols l2 millimeters inches max min a1 a2 b c d max min 0.950 0.150 e e 0.1929 bsc 3.000 bsc e1 l e2 d1 5' 0.750 0.000 0.500 bsc 4.900 bsc 1.800 ref 0' 0.0374 0.0059 0.1181 bsc 5' 0.0295 0.0000 0.0197 bsc 0.0709 ref 0' 0.950...
Description A1 : MIN 0.000 MAX 0.150 A2 : MIN 0.750 MAX 0.952

File Size 51.04K  /  1 Page

View it Online

Download Datasheet

    AD8611 AD8611AR AD8611ARM AD8612 AD8612ARU AD8612ARU-REEL AD8611ARM-R2 AD8611AR-REEL AD8611AR-REEL7 AD8611ARM-REEL

Analog Devices, Inc.
AD[Analog Devices]
Part No. AD8611 AD8611AR AD8611ARM AD8612 AD8612ARU AD8612ARU-REEL AD8611ARM-R2 AD8611AR-REEL AD8611AR-REEL7 AD8611ARM-REEL
OCR Text ...T GND LATCH AD8611 8-Lead msop (RM-8) V IN IN V 1 8 OUT OUT GND LATCH AD8611 4 5 The AD8611/AD8612 are single and dual 4 ns comparators with latch function and complementary output. Fast 4 ns propagation delay makes the AD8611...
Description Ultrafast 4 ns Single Supply Comparators
14-Lead, Ultrafast 4 ns Single Supply Comparator
8-Lead, Ultrafast 4 ns Single Supply Comparator

File Size 128.14K  /  12 Page

View it Online

Download Datasheet

    AM4952MMTR-G1 AM4951RMP-G1 AM4951 AM4951MM-G1 AM4951MMTR-G1 AM4951MP-G1 AM4951MPTR-G1 AM4951RMM-G1 AM4951RMMTR-G1 AM4951

Diodes Incorporated
Part No. AM4952MMTR-G1 AM4951RMP-G1 AM4951 AM4951MM-G1 AM4951MMTR-G1 AM4951MP-G1 AM4951MPTR-G1 AM4951RMM-G1 AM4951RMMTR-G1 AM4951RMPTR-G1 AM4952
OCR Text ...am4951/r series is available in msop-8 (12v application only) or psop-8 (24v application only) package. the am4952 is available in msop-10 package. features ? btl output single-phase fu...
Description BTL DRIVE SINGLE PHASE FULL-WAVE FAN MOTOR DRIVER
BTL DRIVE SINGLE PHASE FULL WAVE FAN MOTOR DRIVER
BTL Drive Single-phase Full-wave Fan Motor Driver

File Size 356.87K  /  14 Page

View it Online

Download Datasheet

    AD8616 AD8616AR AD8616ARM AD8618AR AD8618ARU AR8618ARU AD8616ARMZ-R2 AD8616ARMZ-REEL AD8616ARZ AD8616ARZ-REEL AD8616ARZ-

Analog Devices, Inc.
AD[Analog Devices]
Part No. AD8616 AD8616AR AD8616ARM AD8618AR AD8618ARU AR8618ARU AD8616ARMZ-R2 AD8616ARMZ-REEL AD8616ARZ AD8616ARZ-REEL AD8616ARZ-REEL7 AD8616ARM-R2 AD8618ARUZ-REEL AD8618ARZ AD8618AR-REEL AD8618AR-REEL7 AD8618ARU-REEL AD8618ARZ-REEL AD8618ARZ-REEL7 AD8616ARM-REEL
OCR Text ...t to Scale) Figure 1. 8-Lead msop (RM-8) OUT A 1 8 V+ OUT B 04648-0-002 -IN A 2 +IN A 3 AD8616 7 TOP VIEW V- 4 (Not to Scale) 6 -IN B 5 +IN B APPLICATIONS Barcode scanners Battery-powered instrumentati...
Description Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
Precision 20 MHz CMOS Dual Rail-to-Rail Operational Amplifier
Precision 20 MHz CMOS Quad Rail-to-Rail Operational Amplifier

File Size 340.77K  /  16 Page

View it Online

Download Datasheet

    LTC2865 LTC2863-15 LTC2862-15

Linear Technology
Part No. LTC2865 LTC2863-15 LTC2862-15
OCR Text ...iew mse package 12-lead plastic msop exposed pad (pin 13) connect to pcb gnd t jmax = 150c, ja = 40c/w, jc = 10c/w 13 12 11 10 9 8 7 13 1 2 3 4 5 6 v cc a b z y slo ro re de di v l gnd top view de package 12-lead (4mm 3mm) plastic dfn...
Description 60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers

File Size 377.31K  /  26 Page

View it Online

Download Datasheet

    AD8651 AD8651AR AD8651ARM AD8651ARM-R2 AD8651AR-REEL AD8651AR-REEL7 AD8652 AD8652ARMZ-R2 AD8652ARMZ-REEL AD8652ARZ-REEL

AD[Analog Devices]
Part No. AD8651 AD8651AR AD8651ARM AD8651ARM-R2 AD8651AR-REEL AD8651AR-REEL7 AD8652 AD8652ARMZ-R2 AD8652ARMZ-REEL AD8652ARZ-REEL AD8652ARZ AD8652ARZ-REEL7 AD8651ARMZ-REEL
OCR Text ...on: 2.7 V to 5.5 V Space-saving msop and SOIC packaging NC 1 -IN 2 +IN 3 V- 4 PIN CONFIGURATIONS 8 NC V+ OUT NC 03301-0-001 OUT A 1 -IN A 2 +IN A 3 V- 4 8 V+ OUT B -IN B +IN B 03301-B-003 03301-B-004 AD8651 TOP VIEW ...
Description 50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers Preliminary Technical Data

File Size 374.81K  /  20 Page

View it Online

Download Datasheet

For msop Found Datasheets File :: 7435    Search Time::1.234ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of msop

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.62153100967407