Part Number Hot Search : 
V400B 35N08 BTB1184 01140 NE559 MC79M12 SB2510M LTC372
Product Description
Full Text Search
  mounted Datasheet PDF File

For mounted Found Datasheets File :: 81661    Search Time::1.235ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    TS6K8A-A TS2K8A-C TS6K8A-C TS6K8A-S TS6K8B-A TS2K8B-C TS6K8B-C TS6K8B-S TS6K8C-A TS2K8C-C TS6K8C-S TS3009S-881 TS6K6A-A

Yamaichi Electronics Co., Ltd.
Yamaichi Electronics Co., L...
Yamaichi Electronics Co...
Part No. TS6K8A-A TS2K8A-C TS6K8A-C TS6K8A-S TS6K8B-A TS2K8B-C TS6K8B-C TS6K8B-S TS6K8C-A TS2K8C-C TS6K8C-S TS3009S-881 TS6K6A-A TS2K6A-C TS6K6A-C TS6K6A-S TS3014S-10C-1 TS3014S-6B-1 TS3014S-8C-1 TS3004S-8C1SMT TS3014S-8B-1 TS3004S-8B1SMT TS3004ST-10101SMT TS3004ST-8A1SMT TS6K4C-A TS2K4C-C TS6K4C-S TS3004S-6B1SMT TS3004S-6C1SMT TS3K6A TS3K6B TS3K6C TS3014S-6C-1 TS3014S-10B-1 TS3K8A TS3K8B TS3014S-8A-1 TS3014S-8D-1 TS4A TS2K4A TS2K4A-C TS2K4B TS2K4B-C TS2K4C TS2K4D TS4B TS3014S-10A-1 TS3014S-10D-1 TS3014S-6A-1 TS3014S-6D-1 TS3K8C TS3004S-8D1SMT TS3004S-8A1SMT TS6K6B-A TS2K6B-C TS6K6B-C TS6K6B-S TS6K10A-S TS6K10A-C TS6K10A-A TS2K10A-C TS3004S-6A1SMT TS3004S-6D1SMT TS6K6C-S TS6K6C-A TS3.04S-10D1SMT TS3.04S-10C1SMT TS3.04S-10B1SMT TS3.04S-10A1SMT TS2K8D TS4C TS6K4B-C TS6K4B-A TS6K4B-S TS6K4A-A TS6K10C-A TS6K10B-S TS6K10B-C TS6K10B-A TS6K10C-S TS6K4A-S TS6K4A-C
OCR Text mounted, Unshielded) RoHS PCB-Layout (Top View) Glass filled polyester (UL94V-0) Black 240C / 5 sec. Thickness 0.35mm Alloy C5210, Gold plating over Nickel (contact area) Tin Plating over Nckel (solder area) * Depopulation of contacts ...
Description Modular Jacks

File Size 170.98K  /  6 Page

View it Online

Download Datasheet





    2SA2012 2SC5565

SANYO[Sanyo Semicon Device]
Part No. 2SA2012 2SC5565
OCR Text ...VCEO VEBO IC ICP IB PC Tj Tstg mounted on a ceramic board (250mm2x0.8mm) Tc=25C 1 : Base 2 : Collector 3 : Emitter SANYO : PCP (Bottom view) Conditions Ratings (-30)40 (-)30 (-)5 (-)5 (-)8 (-)600 1.3 3.5 150 -55 to +150 Unit V ...
Description    DC/DC Converter Applications
PNP/NPN Epitaxial Planar Silicon Transistors
PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications

File Size 48.24K  /  5 Page

View it Online

Download Datasheet

    2SA2013 2SC5566

SANYO[Sanyo Semicon Device]
Part No. 2SA2013 2SC5566
OCR Text ...VCEO VEBO IC ICP IB PC Tj Tstg mounted on a ceramic board (250mm2x0.8mm) Tc=25C 1 : Base 2 : Collector 3 : Emitter SANYO : PCP (Bottom view) Conditions Ratings (-50)80 (-)50 (-)6 (-)4 (-)7 (-)600 1.3 3.5 150 -55 to +150 Unit V ...
Description    DC/DC Converter Applications
PNP/NPN Epitaxial Planar Silicon Transistors
PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
NPN Epitaxial Planar Silicon Transistors DC/DC Converter Applications

File Size 48.85K  /  5 Page

View it Online

Download Datasheet

    2SA2016 2SC5569

SANYO[Sanyo Semicon Device]
Part No. 2SA2016 2SC5569
OCR Text ...VCEO VEBO IC ICP IB PC Tj Tstg mounted on a ceramic board (250mm2x0.8mm) Tc=25C 1 : Base 2 : Collector 3 : Emitter SANYO : PCP (Bottom view) Conditions Ratings (-50)80 (-)50 (-)6 (-)7 (-)10 (-)1.2 1.3 3.5 150 -55 to +150 Unit V...
Description    DC/DC Converter Applications
PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
PNP/NPN Epitaxial Planar Silicon Transistors
DC/DC Converter Applications 直流/直流转换器应

File Size 48.94K  /  5 Page

View it Online

Download Datasheet

    NXP
Part No. PMEG2002AESF
OCR Text ...2) leadless ultra small surface-mounted device (smd) package. 2. features and benefits ? average forward current i f(av) 0.2 a ? reverse voltage v r 20 v ? low forward voltage typ. v f 245 mv ? low forward current typ. i f 10 a ? ultr...
Description 0.2 A low VF MEGA Schottky barrier rectifier

File Size 207.99K  /  13 Page

View it Online

Download Datasheet

    NTMFS4C10N

ON Semiconductor
Part No. NTMFS4C10N
OCR Text ...evice reliability. 1. surface ? mounted on fr4 board using 1 sq ? in pad, 1 oz cu. 2. surface ? mounted on fr4 board using the minimum recommended pad size. 3. this is the absolute maximum rating. parts are 100% tested at t j = 25 c, v g...
Description Power MOSFET

File Size 135.87K  /  7 Page

View it Online

Download Datasheet

   
Part No. BU52001GUL-E2
OCR Text ...crease in ta of 1 over 25 mounted on 50mm 58mm glass-epoxy pcb 3. not to exceed pd 4. reduced by 4.20mw for each increase in ta of 1 over 25 mounted on 50mm 58mm glass-epoxy pcb 5. not to exceed pd 6. reduced by 20...
Description MAGNETIC FIELD SENSOR-HALL EFFECT, 0.8-5.5mT, 0.40-2.60V, SQUARE, SURFACE MOUNT

File Size 862.97K  /  21 Page

View it Online

Download Datasheet

    Vishay Semiconductors
Part No. 1.5SMC300CA
OCR Text ... above t a = 25c per fig. 2 (2) mounted on 0.31 x 0.31? (8.0 x 8.0mm) copper pads to each terminal (3) mounted on minimum recommended pad layout features ? low profile package with built-in strain relief for surface mounted applications ? ...
Description DIODE 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB, PLASTIC, SMC, 2 PIN, Transient Suppressor

File Size 87.26K  /  3 Page

View it Online

Download Datasheet

    TPC8073

Toshiba Semiconductor
Part No. TPC8073
OCR Text ...ot exceed 150 . note 2: device mounted on a glass-epoxy board (a), figure 5.1 note 3: device mounted on a glass-epoxy board (b), figure 5.2 note 4: v dd = 24 v, t ch = 25 (initial), l = 0.5 mh, r g = 1 ? , i ar = 18 a fig. fig. fi...
Description MOSFETs Silicon N-Channel MOS (U-MOS)

File Size 228.60K  /  9 Page

View it Online

Download Datasheet

    TOSHIBA
Part No. SSM6J214FE
OCR Text ...eed 150 c during use. note 2: mounted on fr4 board. (25.4 mm 25.4 mm 1.6 mm, cu pad: 645 mm 2 ) marking (top view) equivalent circuit unit: mm jedec D jeita D toshiba 2-2n1j weight: 3 mg (typ.) es6 1,2,...
Description Small-signal MOSFET

File Size 202.99K  /  6 Page

View it Online

Download Datasheet

For mounted Found Datasheets File :: 81661    Search Time::1.235ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of mounted

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.5464589595795