Part Number Hot Search : 
FC17GY MBRF10 PM6615 MBRF10 SLP2040 MBRF10 7950K11 107004
Product Description
Full Text Search
  mosfets Datasheet PDF File

For mosfets Found Datasheets File :: 19893    Search Time::1.406ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    IRF1010EL IRF1010ES IRF1010ESTRL IRF1010ESTRR

IRF[International Rectifier]
Part No. IRF1010EL IRF1010ES IRF1010ESTRL IRF1010ESTRR
OCR Text ...ption Advanced HEXFET(R) Power mosfets from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device ...
Description 60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
60V Single N-Channel HEXFET Power MOSFET in a TO-262 package
Power MOSFET(Vdss=60V/ Rds(on)=12mohm/ Id=84A)
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A)
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A?)
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A?

File Size 122.02K  /  10 Page

View it Online

Download Datasheet





    IRF1010E

International Rectifier
Part No. IRF1010E
OCR Text ...ption Advanced HEXFET(R) Power mosfets from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device ...
Description Power MOSFET(Vdss=60V,Rds(on)=12mohm,Id=84A?

File Size 143.91K  /  8 Page

View it Online

Download Datasheet

    IRF1010NL IRF1010NS IRF1010NSTRR IRF1010NSPBF IRF1010NSTRL IRF1010NLPBF

IRF[International Rectifier]
Part No. IRF1010NL IRF1010NS IRF1010NSTRR IRF1010NSPBF IRF1010NSTRL IRF1010NLPBF
OCR Text ... S Advanced HEXFET (R) Power mosfets from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device ...
Description 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
Power MOSFET(Vdss = 55 V/ Rds(on)=11mohm/ Id=85A)
Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A)
Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A?)
Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A?

File Size 144.82K  /  10 Page

View it Online

Download Datasheet

    IRF1010N

IRF[International Rectifier]
Part No. IRF1010N
OCR Text ...ption Advanced HEXFET(R) Power mosfets from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device ...
Description Power MOSFET(Vdss=55V, Rds(on)=11mohm, Id=85A?)
Power MOSFET(Vdss=55V, Rds(on)=11mohm, Id=85A)

File Size 154.40K  /  8 Page

View it Online

Download Datasheet

    IXGH25N100AU1 IXGH25N100U1

IXYS Corporation
Part No. IXGH25N100AU1 IXGH25N100U1
OCR Text ...nditions, and dimensions. IXYS mosfets and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,850,072 4,881,106 4,931,844 5,017,508 5,034,796 5,049,961 5,063,307 5,187,117 5,237,481 5,486,715 5,381,025 IXGH25N10...
Description High speed IGBT with Diode

File Size 309.56K  /  6 Page

View it Online

Download Datasheet

    MP7722 MP7722DF

MPS[Monolithic Power Systems]
Part No. MP7722 MP7722DF
OCR Text ...ating the following: 180m power mosfets Startup / Shutdown pop elimination Short circuit protection Mute / Standby The MP7722 utilizes a single ended output structure capable of delivering 2 x 20W into 4 speakers. MPS Class D Audio Amplifie...
Description 2 x 20W Class D Stereo Single Ended Audio Amplifer

File Size 406.78K  /  11 Page

View it Online

Download Datasheet

    MS KENNEDY CORP
Part No. MSK3003
OCR Text mosfets for ease of drive isolated package for direct heat sinking, excellent thermal conductivity avalanche rated devices interfaces directly with most brushless motor drive ic's 55 volt, 10 amp full three phase bridge m.s.kennedy corp...
Description 10 A, 55 V, 0.15 ohm, 6 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET

File Size 138.27K  /  5 Page

View it Online

Download Datasheet

    Kersemi Electronic Co., Ltd.
Kersemi Electronic Co., Ltd...
Part No. IRF1404L IRF1404S
OCR Text mosfets from international rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. this benefit, combined with the fast switching speed and ruggedized device design that hexfet power mosfe...
Description HEXFET? Power MOSFET

File Size 3,989.19K  /  10 Page

View it Online

Download Datasheet

For mosfets Found Datasheets File :: 19893    Search Time::1.406ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of mosfets

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.85237002372742