Part Number Hot Search : 
RN5VL22A TME0505S AMS385AN 2M100 41200 A3187ELT AT24WC HER108G
Product Description
Full Text Search
  module Datasheet PDF File

For module Found Datasheets File :: 55107    Search Time::1.516ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Photon Technology Co., Ltd.
Part No. 10GB/S-DFB-LASER-module
OCR Text module (Preliminary) Description The direct-modulated laser(DML) module is a cost-effective solution for 10 Gbits/s digital transmission using conventional intracity SMF28 single-mode fiber links. The package contains a high-speed DFB las...
Description 10Gb/s DFB Laser module

File Size 58.20K  /  1 Page

View it Online

Download Datasheet





    80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB

INTEL[Intel Corporation]
Part No. 80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB
OCR Text ...erence Each Register Comparator module is associated with a pin of Port 1 or Port 4 and is capable of performing input capture output compare and pulse width modulation functions The PCAs are exactly the same in function except for the addi...
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 300.18K  /  22 Page

View it Online

Download Datasheet

    STM8S903F3M6TR

STMICROELECTRONICS
Part No. STM8S903F3M6TR
OCR Text ... embedded single wire interface module (swim) for fast on-chip programming and non intrusive debugging unique id ? 96-bit key including lot number 1 / 113 docid15590 rev 5 september 2010 www .st.com ufqfpn32 5x5 lqfp32 7x7 sdip32 400 mils...
Description 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PDSO20

File Size 1,190.32K  /  113 Page

View it Online

Download Datasheet

    SKM200GM12T4

Semikron International
Part No. SKM200GM12T4
OCR Text ... j =25c 990 a t j -40 ... 175 c module i t(rms) 500 a t stg -40 ... 125 c v isol ac sinus 50hz, t = 1 min 4000 v characteristics symbol conditions min. typ. max. unit igbt v ce(sat) i c =200a v ge =15v chiplevel t j =25c 1.8 2.05 v t j = 1...
Description Fast IGBT4 modules

File Size 156.40K  /  5 Page

View it Online

Download Datasheet

    LTM2884 LTM2884-15

Linear Technology
Part No. LTM2884 LTM2884-15
OCR Text ...solated usb 2.0 compatible module ? ( micromodule) transceiver . an upstream supply powers both sides of the interface through an integrated, isolated dc/dc converter. the ltm2884 is ideal for isolation in host, hub, bus split - te...
Description    Isolated USB Transceiver with Isolated Power

File Size 413.39K  /  24 Page

View it Online

Download Datasheet

    LINEAR TECHNOLOGY CORP
Part No. LTM2881HV-3PBF
OCR Text module transceiver + power the ltm ? 2881 is a complete galvanically isolated full- duplex rs485/rs422 module ? transceiver. no external components are required. a single supply powers both sides of the interface through an integrated, ...
Description LINE TRANSCEIVER, PBGA32

File Size 304.44K  /  22 Page

View it Online

Download Datasheet

    Samsung
Part No. LTM240CL01
OCR Text ...-------------- (11) 3.1 tft lcd module 3.2 back light unit 4. block diagram ------------------------------------------------------------------------------------ (14) 4.1 tft lcd module 4.2 back light unit 5. input terminal pin assignment ...
Description TFT LCD module

File Size 1,056.24K  /  31 Page

View it Online

Download Datasheet

    IKCS22F60AA

INFINEON TECHNOLOGIES AG
Part No. IKCS22F60AA
OCR Text ........ ......................8 module section ............................................................................................................................... .............8 igbt and diode section ............................
Description AC MOTOR CONTROLLER, 45 A, ZMA20

File Size 863.80K  /  17 Page

View it Online

Download Datasheet

    ALN1971T2

Advanced Semiconductor Business Inc.
Part No. ALN1971T2
OCR Text module the plerow tm aln-series is the compactly designed surface-mount module for the use of the lna with or without the following gain blocks in the infrastructure equipment of the mobile wireless (cdma, gsm, pcs, phs, wcdma, dmb, wla...
Description Internally Matched LNA module

File Size 577.82K  /  4 Page

View it Online

Download Datasheet

    ALE2045T2

Advanced Semiconductor Business Inc.
Part No. ALE2045T2
OCR Text module the plerow tm al e - series is the compactly designed surface - mount module for the use of the lna with or without the following gain blocks in the infrastructure equipment of the mobile wireless (cdma, gsm, pcs, phs, w...
Description Internally Matched LNA module

File Size 449.91K  /  4 Page

View it Online

Download Datasheet

For module Found Datasheets File :: 55107    Search Time::1.516ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of module

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
6.6203329563141