|
|
|
Exar, Corp.
|
Part No. |
ST16C650A ST16C650ACQ48 ST16C650ACJ44
|
OCR Text |
...with auto software flow control modem control signals tx rx cts flow control rts flow control brg prescaler cs1 cs0 ddis# int txrdy# rdrdy# ...ta b l e 2 . if it is not used, leave it unconnected. rxrdy# 29 32 29 o uart receiver ready (activ... |
Description |
2.90V TO 5.5V UART WITH 32-BYTE FIFO 1 CHANNEL(S), 3.125M bps, SERIAL COMM CONTROLLER, PQCC44 2.90V TO 5.5V UART WITH 32-BYTE FIFO 1 CHANNEL(S), 3.125M bps, SERIAL COMM CONTROLLER, PQFP48 UART with 32-Byte FIFOs and Infrared (IrDA) Encoder/Decoder
|
File Size |
361.24K /
53 Page |
View
it Online |
Download Datasheet |
|
|
|
Maxim
|
Part No. |
MAX3524
|
OCR Text |
...e television receiver and cable modem applications. The MAX3524 is a single-ended input, differential-output low-noise amplifier (LNA) that ...ta = +70C) 10-Pin MAX (derate 10.3mW/C above +70C) .........825mW Operating Temperature Range ......... |
Description |
"Low-Noise, High-Linearity Broadband Amplifier"
|
File Size |
172.22K /
7 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|