Part Number Hot Search : 
GP30T 2SK298 F1030 3EZ15D5 E170CA ACM2402F PB2016 SI7135
Product Description
Full Text Search
  mm3.5 Datasheet PDF File

For mm3.5 Found Datasheets File :: 1771    Search Time::4.766ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2SA2010

PANASONIC[Panasonic Semiconductor]
Part No. 2SA2010
OCR Text ...amic substrate at 15 x 15 x 0.6 mm3. I Electrical Characteristics Ta = 25C 3C Parameter Collector cutoff current Collector to base volt...5 A IC = -1 A, IB = -10 mA IC = -2.5 A, IB = -50 mA Collector output capacitance Transition frequenc...
Description    Silicon PNP epitaxial planer type

File Size 48.79K  /  2 Page

View it Online

Download Datasheet





    AT5608

List of Unclassifed Manufacturers
ETC
Part No. AT5608
OCR Text ...nd and all bags Pkg. Volume 350 mm3 Pkg. Volume <350 mm3 Convection 219~225C VPR 219~225C IR/Convection 219~225C Convection 235~240C VPR 235~240C IR/Convection 235~240C 2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinch...
Description Bi-directional Motor Driver

File Size 203.38K  /  7 Page

View it Online

Download Datasheet

    BFS17AR BFS17AW BFS17A

Vishay Siliconix
Vishay Telefunken
Part No. BFS17AR BFS17AW BFS17A
OCR Text ...e printed board (25 x 20 x 1.5) mm3 plated with 35mm Cu Symbol RthJA Value 450 Unit K/W Electrical DC Characteristics Tamb = 25_C, unless otherwise specified Parameter Test Conditions Collector cut-off current VCE = 25 V, VBE = 0 Collec...
Description From old datasheet system
Silicon NPN Planar RF Transistor

File Size 163.18K  /  10 Page

View it Online

Download Datasheet

    BFS17R BFS17W BFS17

Vishay Intertechnology,Inc.
TFUNK[Vishay Telefunken]
Vishay Siliconix
Part No. BFS17R BFS17W BFS17
OCR Text ...e printed board (25 x 20 x 1.5) mm3 plated with 35mm Cu Symbol RthJA Value 450 Unit K/W www.vishay.de * FaxBack +1-408-970-5600 2 (10) Document Number 85038 Rev. 4, 20-Jan-99 BFS17/BFS17R/BFS17W Vishay Telefunken Electrical DC Cha...
Description Silicon NPN Planar RF Transistor
From old datasheet system

File Size 148.66K  /  10 Page

View it Online

Download Datasheet

    L88MS33T

Sanyo Semicon Device
Part No. L88MS33T
OCR Text ...ass epoxy board (50 x 5 0 x 0.8 mm3) with a copper thickness of 18 m. Pd max - S Allowable power dissipation, Pd max - W Board Copper-clad area S (mm2) Copper-clad area, S - mm2 2) 3) Pd is the value for when the solder on the surfac...
Description 3.3 V, 0.5 A Low Dropout Voltage Regulator with On/Off Function

File Size 126.89K  /  7 Page

View it Online

Download Datasheet

    MA1100-1

Mitsubishi Electric, Corp.
MITSUBISHI[Mitsubishi Electric Semiconductor]
Part No. MA1100-1
OCR Text ...yp. sSmall Size : 77 x 148 x 40 mm3 s50 Ohm Input/Output Impedances 3 mm 71 mm MA1100-1 77 mm 4 HOLES 3.5 mm Vg(-6V:PIN#12) GND(PIN#11) Vdet(PIN#13) (out) APPLICATION sDCS 1800 (1805 ~ 1880 MHz) Base station 40 mm 25 PI...
Description For DCS1800 - 30W Power Amplifier 对于DCS1800 30W功率功放
From old datasheet system

File Size 22.27K  /  1 Page

View it Online

Download Datasheet

    AN2493FH

PANASONIC[Panasonic Semiconductor]
Part No. AN2493FH
OCR Text ...circuit board of 50 x 50 x 0.8 (mm3). *3: It becomes = 471(mW) at supply voltage VCC = 4.8 V. s Recommended Operating Range Parameter Supply voltage Symbol VCC Range 4.7 to 5.2 Unit V s Electrical Characteristics at VCC = 4.8 V, Ta =...
Description Luminance and chrominance signal processing (PAL) IC for 8 mm VCR

File Size 236.45K  /  24 Page

View it Online

Download Datasheet

    AN8730SB

PANASONIC[Panasonic Semiconductor]
Part No. AN8730SB
OCR Text ...rd (glass epoxy: 50 x 50 x t0.8 mm3) Rth(j-a) = 78C/ W PD = 1 282 mW (25C) Power dissipation PD (mW) 1 000 800 690 600 Independent ...5 INSP 10 LDON 9 INFO 11 INTR 14 VREF 15 VSEN CT 7 Triangular wave 16 EMP...
Description 4-channel driver IC for optical disk

File Size 78.36K  /  7 Page

View it Online

Download Datasheet

    LB11996 LB11996H

SANYO[Sanyo Semicon Device]
Part No. LB11996 LB11996H
OCR Text ...d substrate: 114.3 x 76.1 x 1.6 mm3 glass epoxy Allowable Operating Ranges at Ta = 25C Parameter Power supply voltage 1 Power supply vol...5 mA IVC IVCREF GVCC VCTH VCTH VC = VCREF = 1.65V VC = VCREF = 1.65V VRF/VC VCREF = 1.65V VCREF = 1....
Description Monolithic Digital IC
Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver

File Size 85.11K  /  10 Page

View it Online

Download Datasheet

    LB1996

SANYO[Sanyo Semicon Device]
Part No. LB1996
OCR Text ...h substrate (114.3 x 76.1 x 1.6 mm3, glass exposy) VCC1 1.3 0.8 1.9 -20 to +75 -55 to +150 Operating temperature Storage temperature ...5 mA 20 2.35 50 -30 VC pin input current VCREF pin input current Voltage gain Startup voltage S...
Description Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive

File Size 72.82K  /  9 Page

View it Online

Download Datasheet

For mm3.5 Found Datasheets File :: 1771    Search Time::4.766ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of mm3.5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.48857092857361