Part Number Hot Search : 
54H059B 1N4003ID M62427 L188E 1N4962 GB8206 NMC27C64 45H30B
Product Description
Full Text Search
  mlccs Datasheet PDF File

For mlccs Found Datasheets File :: 158    Search Time::1.281ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    C0603C152K2RACTU

Kemet Corporation
Part No. C0603C152K2RACTU
OCR Text ...eramic chip capacitors (smd mlccs) x7r dielectric, 6.3 C 250 vdc (commercial grade) ordering information c 1206 c 106 m 4 r a c tu ceramic case size (l" x w") specifcation/ series 1 capacitance code (pf) capacitance tolerance voltage...
Description Surface Mount Multilayer Ceramic Chip Capacitors (SMD mlccs) X7R Dielectric, 6.3 ?250 VDC (Commercial Grade)

File Size 842.75K  /  22 Page

View it Online

Download Datasheet





    Kemet
Part No. X7R2225 X7R1808
OCR Text ...eramic chip capacitors (smd mlccs) x7r dielectric, 6.3 C 250 vdc (commercial grade) ordering information c 1206 c 106 m 4 r a c tu ceramic case size (l" x w") specifcation/ series 1 capacitance code (pf) capacitance tolerance volta...
Description Surface Mount Multilayer Ceramic Chip Capacitors

File Size 879.29K  /  22 Page

View it Online

Download Datasheet

    C1005X5R0J475K C3225X7S1H106M

TDK Electronics
Part No. C1005X5R0J475K C3225X7S1H106M
OCR Text ... tdk offers general application mlccs as well as specialty applications mlccs. the capacitance range for general application ml ccs can be found here, specialty application mlccs can be found in the tdk mlcc product guide. you may also ...
Description TDK MLCC Capacitance Offering

File Size 279.28K  /  1 Page

View it Online

Download Datasheet

    C0402C100J5GACTU C0402C470J5GACTU C0805C220J5GACTU

Kemet Corporation
Part No. C0402C100J5GACTU C0402C470J5GACTU C0805C220J5GACTU
OCR Text ...er ceramic chip capacitors (smd mlccs) c0g dielectric, 10 C 200 vdc (commercial grade) ordering information c 1206 c 104 j 3 g a c tu ceramic case size (l" x w") specifcation/ series 1 capacitance code (pf) capacitance tolerance 2 voltag...
Description Surface Mount Multilayer Ceramic Chip Capacitors (SMD mlccs) C0G Dielectric, 10 ?200 VDC (Commercial Grade)

File Size 1,537.79K  /  20 Page

View it Online

Download Datasheet

    Syfer Technology, Ltd.
Part No. 1812Y2000333KER 1812Y2000333KEB
OCR Text ...) standard capacitors includes mlccs with tin fnish over nickel, but no flexicap tm . notes: (1) space grade tested in accordance with escc 3009. refer to syfer specifcation s02a 0100. (2) mil grade. released in accordance wit...
Description CAPACITOR, CERAMIC, MULTILAYER, 200 V, X7R, 0.033 uF, SURFACE MOUNT, 1812 CHIP, ROHS COMPLIANT

File Size 560.63K  /  9 Page

View it Online

Download Datasheet

    C1206C106J3RACTU C1206C106J9RACTU C0805C106K4RACTU C0805C105K4RACTU C2220C106J8RACTU C2220C106J3RACTU C2220C106J4RACTU C

Kemet Corporation
Part No. C1206C106J3RACTU C1206C106J9RACTU C0805C106K4RACTU C0805C105K4RACTU C2220C106J8RACTU C2220C106J3RACTU C2220C106J4RACTU C2220C106J9RACTU C0603C106J3RACTU C0603C106K3RACTU C0603C106M9RACTU C0603C106K9RACTU C0603C106J8RACTU C0603C106K4RACTU C0603C106J9RACTU C0603C106M4RACTU C0603C106M8RACTU C1206C106K3RACTU C1206C106K8RACTU C1206C106K9RACTU C1206C106M4RACTU C0402C106K3RACTU C0402C182K5RACTU C0805C106K8RACTU
OCR Text ...eramic chip capacitors (smd mlccs) x7r dielectric, 6.3 C 250 vdc (commercial grade) ordering information c 1206 c 106 m 4 r a c tu ceramic case size (l" x w") specifcation/ series 1 capacitance code (pf) capacitance tolerance volta...
Description X7R Dielectric, 6.3 ?250 VDC (Commercial Grade)
Surface Mount Multilayer Ceramic Chip Capacitors (SMD mlccs) X7R Dielectric, 6.3 ?250 VDC (Commercial Grade)
   X7R Dielectric, 6.3 ?250 VDC (Commercial Grade)
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)

File Size 812.57K  /  21 Page

View it Online

Download Datasheet

    C1206C105Z4VACTU

Kemet Corporation
Part No. C1206C105Z4VACTU
OCR Text ...eramic chip capacitors (smd mlccs) y5v dielectric, 6.3 C 50 vdc (commercial grade) ordering information c 1210 c 226 z 4 v a c tu ceramic case size (l" x w") specifcation/ series capacitance code (pf) capacitance tolerance voltage di...
Description Y5V Dielectric, 6.3 ?50 VDC (Commercial Grade)

File Size 1,457.89K  /  17 Page

View it Online

Download Datasheet

    1812 EEV 2225 1005 3225 2220 C430 1210 C222 5650 C124 PEH205 ALN20S PEH506 ALC40 1206 0603 C331 C350 4532 C328 C330 0402

Kemet Corporation
Part No. 1812 EEV 2225 1005 3225 2220 C430 1210 C222 5650 C124 PEH205 ALN20S PEH506 ALC40 1206 0603 C331 C350 4532 C328 C330 0402 C325 C114 C356 C346 1608 ALC10S ALP-T20 ESW C316 2012 PEG225 PEG126 PEG124 PEG127 PEG220 0805 PEH169 0201 C202 C315 4520 C192 ALS40 C667 C668 3530 C320 2520 C522 PEH526 PEH536 PEH126 PEH226 PEH220 PEH626 PEH534 PEH225 SCR PEH200 PEH532 ESC VRR 3333 4564 SRA ALP-T22 HV10-HV16 HV20-HV36 ESG SM30 ALC12 ALC42 C630 HS20-HS36 SM26 SM20 C637 C440 4040 VCR EST 6560 C622 4540 C410 C420 C657 C340 SM23 C324 5440 2020 ESK SM24 1515 SM33 SCA HV60-HV66 C327 ALS31 EDK SM35 C066 ALS34 ELH ALS32 ALS30 ESY SM34 SM21 SM25 C643 ALS35 SM36 C631 C623
OCR Text ... multilayer ceramic capacitors (mlccs) kemet multilayer ceramic capacitors (mlccs) offer tremendous performance, reliability and cost advantages for circuit designers. our comprehensive line of surface mount and through-hole devices are u...
Description Aluminum Electrolytic Capacitors
   Aluminum Electrolytic Capacitors

File Size 4,837.89K  /  66 Page

View it Online

Download Datasheet

    C0603C101K5RACTU

Kemet Corporation
Part No. C0603C101K5RACTU
OCR Text ...eramic chip capacitors (smd mlccs) x7r dielectric, 6.3 C 250 vdc (commercial grade) ordering information c 1206 c 106 m 4 r a c tu ceramic case size (l" x w") specifcation/ series 1 capacitance code (pf) capacitance tolerance voltage...
Description Surface Mount Multilayer Ceramic Chip Capacitors (SMD mlccs) X7R Dielectric, 6.3 ?250 VDC (Commercial Grade)

File Size 1,567.60K  /  24 Page

View it Online

Download Datasheet

    C1210X473KCRACTU

Kemet Corporation
Part No. C1210X473KCRACTU
OCR Text ...tion (hv ft-cap) surface mount mlccs in x7r dielectric combine high voltage and fexible termination technologies. featuring a 125c maximum operating temperature and considered temperature stable, these devices address the primary failur...
Description High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500VDC-3000VDC (Commercial Grade)

File Size 934.10K  /  17 Page

View it Online

Download Datasheet

For mlccs Found Datasheets File :: 158    Search Time::1.281ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of mlccs

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
7.0520040988922