Part Number Hot Search : 
MMSZ526 L8150 2SC3995 EDREDRED EUP2570 17S682K BT138 CL766
Product Description
Full Text Search
  MKS020.033 63 10AMMO18.5 Datasheet PDF File

For MKS020.033 63 10AMMO18.5 Found Datasheets File :: 150+       Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Electronic Theatre Controls, Inc.
Vishay Intertechnology, Inc.
IRC Advanced Film
LEDtronics, Inc.
Part No. MKS020.01/63/20AMMO16.5 MKS020.015/63/20ROLL16.5 MKS020.015/63/10AMMO16.5 MKS020.033/63/20ROLL16.5 MKS020.022/63/20ROLL16.5 MKS020.022/63/20AMMO16.5 MKS022200/63/20AMMO16.5 MKS020.022/63/10AMMO16.5 MKS020.015/63/20AMMO16.5 MKS020.033/63/20AMMO16.5 MKS020.033/63/10AMMO18.5 MKS020.01/63/10AMMO18.5 MKS020.01/63/10ROLL16.5 MKS020.01/63/20ROLL16.5 MKS020.022/63/10ROLL16.5 MKS022200/63/20ROLL16.5 MKS020.047/63/10AMMO18.5 MKS020.01/63/20AMMO18.5 MKS020.015/63/20AMMO18.5 MKS020.047/63/20AMMO18.5 MKS020.01/63/10AMMO16.5 MKS020.033/63/10AMMO16.5 MKS020.033/63/20AMMO18.5
Description CAPACITOR, METALLIZED FILM, POLYESTER, 63 V, 0.01 uF, THROUGH HOLE MOUNT RADIAL LEADED
CAPACITOR, METALLIZED FILM, POLYESTER, 63 V, 0.015 uF, THROUGH HOLE MOUNT RADIAL LEADED
CAPACITOR, METALLIZED FILM, POLYESTER, 63 V, 0.033 uF, THROUGH HOLE MOUNT RADIAL LEADED
CAPACITOR, METALLIZED FILM, POLYESTER, 63 V, 0.022 uF, THROUGH HOLE MOUNT RADIAL LEADED
CAPACITOR, METALLIZED FILM, POLYESTER, 63 V, 0.0022 uF, THROUGH HOLE MOUNT RADIAL LEADED
CAPACITOR, METALLIZED FILM, POLYESTER, 63 V, 0.047 uF, THROUGH HOLE MOUNT RADIAL LEADED

File Size 265.02K  /  5 Page

View it Online

Download Datasheet