Part Number Hot Search : 
1N4592 60AYP6C MAX12 2545E CPH6635 IF29C93A CP150 2G40UM
Product Description
Full Text Search
  MKS020.01 63 10AMMO16.5 Datasheet PDF File

For MKS020.01 63 10AMMO16.5 Found Datasheets File :: 2+       Page :: | <1> |   

    Electronic Theatre Controls, Inc.
Vishay Intertechnology, Inc.
IRC Advanced Film
LEDtronics, Inc.
Part No. MKS020.01/63/20AMMO16.5 MKS020.015/63/20ROLL16.5 MKS020.015/63/10AMMO16.5 MKS020.033/63/20ROLL16.5 MKS020.022/63/20ROLL16.5 MKS020.022/63/20AMMO16.5 MKS022200/63/20AMMO16.5 MKS020.022/63/10AMMO16.5 MKS020.015/63/20AMMO16.5 MKS020.033/63/20AMMO16.5 MKS020.033/63/10AMMO18.5 MKS020.01/63/10AMMO18.5 MKS020.01/63/10ROLL16.5 MKS020.01/63/20ROLL16.5 MKS020.022/63/10ROLL16.5 MKS022200/63/20ROLL16.5 MKS020.047/63/10AMMO18.5 MKS020.01/63/20AMMO18.5 MKS020.015/63/20AMMO18.5 MKS020.047/63/20AMMO18.5 MKS020.01/63/10AMMO16.5 MKS020.033/63/10AMMO16.5 MKS020.033/63/20AMMO18.5
Description CAPACITOR, METALLIZED FILM, POLYESTER, 63 V, 0.01 uF, THROUGH HOLE MOUNT RADIAL LEADED
CAPACITOR, METALLIZED FILM, POLYESTER, 63 V, 0.015 uF, THROUGH HOLE MOUNT RADIAL LEADED
CAPACITOR, METALLIZED FILM, POLYESTER, 63 V, 0.033 uF, THROUGH HOLE MOUNT RADIAL LEADED
CAPACITOR, METALLIZED FILM, POLYESTER, 63 V, 0.022 uF, THROUGH HOLE MOUNT RADIAL LEADED
CAPACITOR, METALLIZED FILM, POLYESTER, 63 V, 0.0022 uF, THROUGH HOLE MOUNT RADIAL LEADED
CAPACITOR, METALLIZED FILM, POLYESTER, 63 V, 0.047 uF, THROUGH HOLE MOUNT RADIAL LEADED

File Size 265.02K  /  5 Page

View it Online

Download Datasheet