Part Number Hot Search : 
BA7207 NAS1120 MAX3232 7950K23 LC14A ITT002AB ZMY11 AD7851
Product Description
Full Text Search
  MKP4PCM100.15 10 250VDCREEL18. Datasheet PDF File

For MKP4PCM100.15 10 250VDCREEL18. Found Datasheets File :: 13+       Page :: | <1> | 2 |   

    Sumida, Corp.
Yageo, Corp.
Part No. MKS4-LNPCM22.50.33/10/630VDCREEL18.5/360 MKS4-LNPCM22.50.68/10/630VDCREEL18.5/360 MKS4-LNPCM22.50.33/20/400VDCREEL18.5/360 MKS4-LNPCM22.50.68/10/250VDCREEL18.5/360 MKS4-LNPCM22.50.33/5/250VDCREEL18.5/360 MKS4-LNPCM22.50.33/10/250VDCREEL18.5/360 MKS4-LNPCM22.50.33/5/630VDCREEL18.5/360 MKS4-LNPCM22.50.47/10/250VDCREEL18.5/360 MKS4-LNPCM22.50.68/5/250VDCREEL18.5/360 MKS4-LNPCM22.50.68/20/400VDCREEL18.5/360
Description CAPACITOR, METALLIZED FILM, POLYESTER, 630 V, 0.33 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
CAPACITOR, METALLIZED FILM, POLYESTER, 630 V, 0.68 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
CAPACITOR, METALLIZED FILM, POLYESTER, 400 V, 0.33 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
CAPACITOR, METALLIZED FILM, POLYESTER, 250 V, 0.68 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
CAPACITOR, METALLIZED FILM, POLYESTER, 250 V, 0.33 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
CAPACITOR, METALLIZED FILM, POLYESTER, 250 V, 0.47 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
CAPACITOR, METALLIZED FILM, POLYESTER, 400 V, 0.68 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT

File Size 205.68K  /  4 Page

View it Online

Download Datasheet