Part Number Hot Search : 
TPAC400P PA271 NSF03A60 TPAC400P FDD66 PA271 A82596CA ICS85214
Product Description
Full Text Search
  mbps Datasheet PDF File

For mbps  Found Datasheets File :: 9972    Search Time::1.422ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    L9D320G32BG6 L9D320G32BG6E25 L9D320G32BG6I25 L9D320G32BG6M25

LOGIC Devices Incorporated
Part No. L9D320G32BG6 L9D320G32BG6E25 L9D320G32BG6I25 L9D320G32BG6M25
OCR Text ... Industrial: 1333, 1066 and 800 mbps * Extended: 1066 and 800 mbps * Mil-Temp: 800 mbps Write leveling Multipurpose register Output Driver Calibration Benefits 32% space savings while providing a surface mount friendly pitch (1.00mm) Re...
Description 2.0 Gb, DDR3, 64 M x 32 Integrated Module (IMOD)

File Size 3,130.65K  /  154 Page

View it Online

Download Datasheet





    FREESCALE SEMICONDUCTOR INC
Part No. XPC850CZT66BU XPC850CZT80B
OCR Text .../ieee 802.3, supporting full 10-mbps operation ? hdlc/sdlc? (all channels supported at 2 mbps) ? hdlc bus (implements an hdlc-based local area network (lan)) ? asynchronous hdlc to support ppp (point-to-point protocol) ? appletalk ? ? ...
Description 32-BIT, 66 MHz, RISC PROCESSOR, PBGA256
32-BIT, 80 MHz, RISC PROCESSOR, PBGA256

File Size 1,162.26K  /  72 Page

View it Online

Download Datasheet

    SI8460 SI8461BA-B-IS1 SI8461BB-B-IS1 SI8462AA-B-IS1 SI8461AA-B-IS1 SI8460BB-B-IS1 SI8460BA-B-IS1 SI8460AA-B-IS1 SI8460AB

Silicon Laboratories
Part No. SI8460 SI8461BA-B-IS1 SI8461BB-B-IS1 SI8462AA-B-IS1 SI8461AA-B-IS1 SI8460BB-B-IS1 SI8460BA-B-IS1 SI8460AA-B-IS1 SI8460AB-B-IS1 SI8461AB-B-IS1 SI8463AB-B-IS1 SI8463BB-B-IS1 SI8462AB-B-IS1 SI8462BA-B-IS1 SI8462BB-B-IS1 SI8463AA-B-IS1
OCR Text ... required. data rates up to 150 mbps are supported, and all devices achieve worst-case propagation delays of less than 10 ns. all products are safety certified by ul, csa, and vde and support withstand voltages of up to 2.5 kvrms. these dev...
Description LOW POWER SIX-CHANNEL DIGITAL ISOLATOR

File Size 427.54K  /  36 Page

View it Online

Download Datasheet

    IK Semiconductor
Part No. ILX485N ILX485DT
OCR Text ...ng th em to transmit up to 10 mbps. these transceivers draw between 120a and 500a of supply current when unloaded or fully loaded with disabled drivers. all parts operate from a single 5v supply. drivers are short - circuit...
Description Slew-Rate-Limited RS-485/RS-422 Transceivers

File Size 373.54K  /  8 Page

View it Online

Download Datasheet

    AM79C873KCW AM79C873

AMD[Advanced Micro Devices]
Part No. AM79C873KCW AM79C873
OCR Text mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support DISTINCTIVE CHARACTERISTICS s 100BASE-FX direct interface to industry standard electrical/optical transceivers s 10/100BASE-TX physical-layer, single-chip transce...
Description NetPHY⑩ -1 10/100 mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support
NETPHY⒙ -1 10/100 mbps ETHERNET PHYSICAL LAYER SINGLE-CHIP TRANSCEIVER WITH 100BASE-FX SUPPORT
NetPHY -1 10/100 mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support

File Size 190.07K  /  44 Page

View it Online

Download Datasheet

    AM79C874 AM79C874VC

Advanced Micro Devices
Part No. AM79C874 AM79C874VC
OCR Text ...ity, RX activity, Collision, 10 mbps, 100 mbps, Full or Half Duplex s MDIO/MDC operates up to 25 MHz s Automatic Polarity Detection s Built-in loopback and test modes s Single 3.3-V power supply with 5-V I/O tolerance s 12 mm x 12 mm 80-pin...
Description NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver

File Size 507.05K  /  60 Page

View it Online

Download Datasheet

    AM79C875 AM79C875KC AM79C875KI

AMD[Advanced Micro Devices]
Part No. AM79C875 AM79C875KC AM79C875KI
OCR Text ...t-FASTTM III Single-Chip 10/100 mbps PCI Ethernet Controller with Integrated PHY Am79C976 Am79C978A Am79C874 Am79C901A PCnet-PROTM 10/100 mbps PCI Ethernet Controller PCnet-HomeTM Single-Chip 1/10 mbps PCI Home Networking Controller NetPHYT...
Description NetPHY⑩ 4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
NetPHY 4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver

File Size 1,180.81K  /  48 Page

View it Online

Download Datasheet

    BCM1250

ETC
Broadcom Corporation.
Part No. BCM1250
OCR Text ...Processing Blade BCM5840 2,400 mbps IPSec BCM5615 24-10/100 +2-Gigabit Ports PCI SMII BCM5238 24 10/100 Ports BCM5238 BCM5238 SGMII 4 10/100 /1000 Ports FPGA HyperTransport * Extensive, on-chip debug features * 8-10W power d...
Description HIGH PERFORMANCE INTEGRATED 64 BIT MULTIPROCESSOR

File Size 136.73K  /  2 Page

View it Online

Download Datasheet

For mbps  Found Datasheets File :: 9972    Search Time::1.422ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of mbps

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.3561210632324