Part Number Hot Search : 
F3T5G 3A222 MP564 15TBG DCXL30DS 0SPBF NTE30 LTC3436
Product Description
Full Text Search
  max.height. Datasheet PDF File

For max.height. Found Datasheets File :: 30407    Search Time::3.406ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Maxim Integrated Products, Inc.
Part No. MAX-256-X
OCR Text ...orientation with standard pixel height of 0.5 mm. A buffered multiplexer provides individual CMOS amplifiers for each photodiode. The integrating amplifier maintains zero volt bias across each InGaAs photodiode, minimizing dark current and ...
Description Optoelectronic

File Size 129.00K  /  4 Page

View it Online

Download Datasheet





    PG0083.332NLT PG0083.232NLT PG0083332NLT

Pulse Electronics, Corp.
Pulse A Technitrol Company
Part No. PG0083.332NLT PG0083.232NLT PG0083332NLT
OCR Text ...rrent i dc factor ( h typ) typ max ( h 25%) i sat (a) (a) (k1) (k2) pg0083.401 0.32 17.5 3.0 3.2 0.40 27 17.5 2.25e-10 85.4 pg0083.601 0.4...height ?x? (in./mm) height: 4.2...
Description 1 ELEMENT, 3.3 uH, GENERAL PURPOSE INDUCTOR, SMD ROHS COMPLIANT
1 ELEMENT, 2.3 uH, GENERAL PURPOSE INDUCTOR, SMD ROHS COMPLIANT
SMT POWER INDUCTORS Flat Coils - PG0083 Series

File Size 76.65K  /  2 Page

View it Online

Download Datasheet

    Pulse Electronics, Corp.
Part No. PG0083.132NLT
OCR Text ...rrent i dc factor ( h typ) typ max ( h 25%) i sat (a) (a) (k1) (k2) pg0083 s eries pg0083.201 0.18 19 1.7 2.0 0.20 39.5 25 1.61e-9 58.4 pg...height ?x? (in./mm) dimensions: inches mm unless otherwise specified, all tolerances are .010 0,25 ...
Description 1 ELEMENT, 1.3 uH, GENERAL PURPOSE INDUCTOR, SMD

File Size 78.73K  /  2 Page

View it Online

Download Datasheet

    LZ0P3817

Sharp Electrionic Components
Part No. LZ0P3817
OCR Text ...0 TYP. 2.8 +25 12.27 0.2VDD VDD MAX. 3.0 +50 UNIT V C MHz V V 1 2 3 NOTE NOTES : P R E L IM 4 1. Applied to input pins...height : Y = 0.7) under the conditions mentioned above. 8. Defined by the following formula at the b...
Description 1/4-type Built-in Lens Color CMOS Image Sensor with 350 k Pixels

File Size 139.38K  /  16 Page

View it Online

Download Datasheet

    0026613020

Molex Electronics Ltd.
Part No. 0026613020
OCR Text ...Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Materia...Height PC Tail Tin Loc Pack Per Ckts 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 Material No 26-60-30...
Description 3.96mm (.156") Pitch KK垄莽 Solid Header, Right Angle, without Peg, 2 Circuits, Gold (Au) Plating

File Size 245.48K  /  10 Page

View it Online

Download Datasheet

    QTLP601C-AG QTLP601C-E QTLP601C-IB QTLP601C-IG QTLP601C-O QTLP601C-R QTLP601C-Y QTLP601CIGTR QTLP601CYTR

Fairchild Semiconductor, Corp.
Fairchild Semiconductor Corporation
FAIRCHILD[Fairchild Semiconductor]
Part No. QTLP601C-AG QTLP601C-E QTLP601C-IB QTLP601C-IG QTLP601C-O QTLP601C-R QTLP601C-Y QTLP601CIGTR QTLP601CYTR
OCR Text ...FLOW SOLDERING PROFILE 5 sec MAX soldering time 240 C MAX +5 C/s MAX -5 C/s MAX 60 - 120 sec Preheating 120 - 150 C MAX ...Height) QTLP601C-R Red QTLP601C-Y Yellow QTLP601C-IB Blue TAPE AND REEL DIMENSIONS 8.4 5 0. 2.5 ...
Description SURFACE MOUNT LED LAMP SINGLE COLOR LED, BLUE, 1.2 mm
SURFACE MOUNT LED LAMP SINGLE COLOR LED, YELLOW, 1.2 mm
SURFACE MOUNT LED LAMP SUPER BRIGHT 0603 (0.6 mm Height)
InGaN True-Green Surface Mount LED Lamp - Super Bright 0603 (0.6 mm Height)
Yellow Surface Mount LED Lamp - Super Bright 0603 (0.6 mm Height)

File Size 135.39K  /  8 Page

View it Online

Download Datasheet

    QTLP601C-EB

FAIRCHILD[Fairchild Semiconductor]
Fairchild Semiconductor Corporation
Part No. QTLP601C-EB
OCR Text ...FLOW SOLDERING PROFILE 5 sec MAX soldering time 240 C MAX +5 C/s MAX -5 C/s MAX 60 - 120 sec Preheating 120 - 150 C MAX ...Height) Low VF Blue TAPE AND REEL DIMENSIONS 8.4 +1.5 -0.0 QTLP601C-EB 11.0 5 0. 2.5 ...
Description SURFACE MOUNT LED LAMP 0603 (0.6 mm Height)

File Size 349.96K  /  6 Page

View it Online

Download Datasheet

    QTLP601C QTLP601C-2 QTLP601C-3 QTLP601C-4 QTLP601C-7 QTLP601C-B QTLP601C7TR QTLP601CBTR QTLP601C3TR QTLP601C4TR

Fairchild Semiconductor Corporation
FAIRCHILD[Fairchild Semiconductor]
Part No. QTLP601C QTLP601C-2 QTLP601C-3 QTLP601C-4 QTLP601C-7 QTLP601C-B QTLP601C7TR QTLP601CBTR QTLP601C3TR QTLP601C4TR
OCR Text ...FLOW SOLDERING PROFILE 5 sec MAX soldering time 240 C MAX +5 C/s MAX -5 C/s MAX 60 - 120 sec Preheating 120 - 150 C MAX ...Height) QTLP601C-2 HER QTLP601C-7 AlGaAs Red TAPE AND REEL DIMENSIONS 8.4 +1.5 -0.0 QTLP601C-...
Description Green Surface Mount LED Lamp - Standard Bright 0603 (0.6 mm Height)
SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.6 mm Height)
AlGaAs Red Surface Mount LED Lamp - Standard Bright 0603 (0.6 mm Height)
Cree 430nm Blue Surface Mount LED Lamp - Standard Bright 0603 (0.6 mm Height)
Yellow Surface Mount LED Lamp - Standard Bright 0603 (0.6 mm Height)

File Size 360.27K  /  6 Page

View it Online

Download Datasheet

    SAMTEC INC
Part No. QRM8-026-02.0-L-D-A
OCR Text ...2. burr allowance: 0.038[.0015] max. 3. minimum pushout force: signal: 1.60 n [.4 lb.]; ground plane: 4.44 [1lb] 4. parts to be packaged in ...height must be .08 [.003] less than the max height or .001 [.03] greater than the minimum height...
Description 52 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT

File Size 1,048.28K  /  4 Page

View it Online

Download Datasheet

    SAMTEC INC
Part No. QRF8-018-05.0-S-D-DP-A
OCR Text ...2. burr allowance: 0.038[.0015] max. 3. minimum pushout force: signal: 1.80 n [.4 lb.] ground plane 4.44 n [1 lb.] 4. parts to be packa...height must be .003 [.08] less than the max height or .001 [.03] greater than the minimum he...
Description 36 CONTACT(S), FEMALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT, SOCKET

File Size 814.35K  /  4 Page

View it Online

Download Datasheet

For max.height. Found Datasheets File :: 30407    Search Time::3.406ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of max.height.

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.80764293670654