Part Number Hot Search : 
01D05 BCM3418 TD6382P BYT30 LC753 DTA114TK MIC2586 74LS13
Product Description
Full Text Search
  matrix Datasheet PDF File

For matrix Found Datasheets File :: 11534    Search Time::1.891ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    TA1383AFG

Toshiba Semiconductor
Part No. TA1383AFG
OCR Text ...ts and a RGB/Y color difference matrix. The sync processor block supports 525I/P, 750P, and 1125I. TA1383AFG incorporates the I2C bus. The device can control various functions via the bus line. Weight: 0.63 g (typ.) Features Luminance b...
Description NTSC Chroma Decoder, Multi-Point Scan Sync Processor, H/V Frequency Counter IC for Color TV

File Size 1,016.13K  /  47 Page

View it Online

Download Datasheet





    TC9243APG TC9243AFG

http://
Toshiba Semiconductor
Part No. TC9243APG TC9243AFG
OCR Text ...or. Input terminals for the key matrix. Each pin has a built-in pull-down resistor. Key matrix scan output terminals. CMOS output. Scan output terminals for code setting. P-ch open drain output. Transmission display LED driving output termi...
Description Infrared Remote-Control Signal Transmission LSI

File Size 284.38K  /  10 Page

View it Online

Download Datasheet

    ISSI
Part No. IS31FL3731
OCR Text matrix led driver september 2012 general description the is31fl3731 is a compact led driver for 144 single leds. the device can be programmed via an i2c compatible interface. the is31fl3731 offers two blocks each driving 72 leds w...
Description AUDIO MODULATED matrix LED DRIVER

File Size 845.48K  /  22 Page

View it Online

Download Datasheet

    TC9318AFBG TC9318AFAG

Toshiba Semiconductor
Part No. TC9318AFBG TC9318AFAG
OCR Text ...als to the LCD panel. Through a matrix with pins S1~S23, a maximum of 69 segments can be displayed. LCD common output Three levels, VLCD, VEE, and GND, are output at 83 Hz every 2 ms. VEE is output after SYSTEM RESET and CLOCK STOP are rele...
Description Single Chip DTS Microcontroller (DTS-21)

File Size 1,175.16K  /  56 Page

View it Online

Download Datasheet

    TC9327BFG

Toshiba Semiconductor
Part No. TC9327BFG
OCR Text ...ignals to LCD panels. Through a matrix with pins S1 to S25, a maximum 100 segments can be displayed. LCD common output Three levels, VLCD, VEE, and GND, are output at 62.5 Hz every 2 ms. VEE is output after system reset and CLOCK STOP are r...
Description DTS Microcontroller (DTS-21)

File Size 1,693.54K  /  71 Page

View it Online

Download Datasheet

    SCE5780 SCE5781 SCE5782 SCE5783 SCE5784 SCE5785 SCE5786

OSRAM GmbH
Part No. SCE5780 SCE5781 SCE5782 SCE5783 SCE5784 SCE5785 SCE5786
OCR Text matrix Serial Input Dot Addressable Intelligent Display(R) Devices Lead (Pb) Free Product - RoHS Compliant Red Yellow Super-red Green High Efficiency Green Soft Orange InGaAlP Red DESCRIPTION The SCE5780 (red), SCE5781 (yellow), SCE5782 (H...
Description Serial Input Dot Addressable Intelligent Display? Devices
Serial Input Dot Addressable Intelligent Display㈢ Devices

File Size 265.07K  /  15 Page

View it Online

Download Datasheet

    SCE5740 SCE5741 SCE5742 SCE5743 SCE5744 SCE5745

OSRAM GmbH
Part No. SCE5740 SCE5741 SCE5742 SCE5743 SCE5744 SCE5745
OCR Text matrix Serial Input Dot Addressable Intelligent Display(R) Devices Lead (Pb) Free Product / RoHS Compliant SCE574x SCE574xP-SIP SCE574xQ-SIP with right angle bends Standard Red SCE5740 Green SCE5743 DESCRIPTION Yellow SCE574...
Description Dot Addressable Intelligent Display? Devices
Dot Addressable Intelligent Display㈢ Devices

File Size 195.18K  /  16 Page

View it Online

Download Datasheet

    PD2435 PD2436 PD2437 PD3535 PD3536 PD3537

OSRAM GmbH
Part No. PD2435 PD2436 PD2437 PD3535 PD3536 PD3537
OCR Text ...D4435/6/7 4-Character 5 x 7 Dot matrix Alphanumeric Programmable DisplayTM with Built-in CMOS Control Functions PD243X FEATURES * Four Dot matrix Characters in High Efficiency Red, Red, and Bright Green - PD2435/6/7, 0.200" High - PD3535...
Description 4-Character 5 x 7 Dot matrix Alphanumeric Programmable Display?with Built-in CMOS Control Functions
4-Character 5 x 7 Dot matrix Alphanumeric Programmable Display⑩ with Built-in CMOS Control Functions
4-Character 5 x 7 Dot matrix Alphanumeric Programmable Display with Built-in CMOS Control Functions

File Size 209.02K  /  11 Page

View it Online

Download Datasheet

    TC93P24FG

Toshiba Semiconductor
Part No. TC93P24FG
OCR Text ...play up to 136 segments using a matrix consisting of COM1 to 4 and SEG1 to 34. At 1/3 duty, can display up to 105 segments using a matrix consisting of COM1 to 3 and SEG1 to 35. At 1/2 duty, can display up to 72 segments using a matrix cons...
Description Single-Chip DTS Microcontroller (DTS-20)

File Size 237.91K  /  15 Page

View it Online

Download Datasheet

For matrix Found Datasheets File :: 11534    Search Time::1.891ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of matrix

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.5776650905609