Part Number Hot Search : 
Z5257B 10200 MB86298 TA78L12S W2040 STC1120 A1727 BL24C256
Product Description
Full Text Search
  manchester Datasheet PDF File

For manchester Found Datasheets File :: 1443    Search Time::1.453ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    HOPERF
Part No. RFM60
OCR Text ... fsk/ook modulation manchester, nrz, 4/5 encoder analog peripherals ldo regulator with por circuit integrated temperature sensor battery voltage monitor high-speed 8051 c core pipeline instruc...
Description Crystal-less SOC Transmitter Module

File Size 305.16K  /  9 Page

View it Online

Download Datasheet





    MICRF302

Micrel Semiconductor
Part No. MICRF302
OCR Text ...utput Data from the MICRF302 is manchester-coded. Positive Supply October 2008 3 M9999-100908-A Micrel, Inc. MICRF302 Absolute Maximum Ratings(1) Supply Voltage (VDD) ..............................-0.3 V to +4 V Voltage o...
Description Parallel Encoder

File Size 330.36K  /  15 Page

View it Online

Download Datasheet

    T555711-TAS

ATMEL Corporation
Part No. T555711-TAS
OCR Text ...modulation/coding - fsk, psk, manchester, biphase, nrz ? other options - password mode - max block feature - answer-on-request (aor) mode - inverse data output - direct access mode - sequence terminator(s) - write protection...
Description Multifunctional 330-bit Read/Write RF-Identification IC

File Size 656.47K  /  29 Page

View it Online

Download Datasheet

    ATA582306 ATA5823-PLQW

ATMEL Corporation
聚兴科技股份有限公司
Part No. ATA582306 ATA5823-PLQW
OCR Text ...2 MHz) Data Rate 1 to 20 Kbit/s manchester FSK, 1 to 10 Kbit/s manchester ASK ASK/FSK Receiver Uses a Low IF Architecture with High Selectivity, Blocking and Low Intermodulation (Typical 3 dB Blocking 55.5 dBC at 750 kHz/60.5 dBC at 1.5 MHz...
Description UHF ASK/FSK Transceiver

File Size 897.72K  /  98 Page

View it Online

Download Datasheet

    ATA8201 ATA8201-PXQW ATA820109 ATA8202 ATA8202-PXQW

http://
聚兴科技股份有限公司
ATMEL Corporation
Part No. ATA8201 ATA8201-PXQW ATA820109 ATA8202 ATA8202-PXQW
OCR Text ...dBm (ATA8201, FSK, 9.6 Kbits/s, manchester, BER 10-3) -114 dBm (ATA8201, ASK, 2.4 Kbits/s, manchester, BER 10-3) -104 dBm (ATA8202, FSK, 9.6 Kbits/s, manchester, BER 10-3) -113 dBm (ATA8202, ASK, 2.4 Kbits/s, manchester, BER 10-3) Supply Cu...
Description UHF ASK/FSK Receiver

File Size 449.21K  /  44 Page

View it Online

Download Datasheet

    ATA8203 ATA8203P3-TKQY ATA8204 ATA8204P3-TKQY ATA8205 ATA8205P6-TKQY

聚兴科技股份有限公司
ATMEL Corporation
Part No. ATA8203 ATA8203P3-TKQY ATA8204 ATA8204P3-TKQY ATA8205 ATA8205P6-TKQY
OCR Text ...R_0 (1.0 kbit/s to 1.8 kBit/s), manchester, BER 10E-3 -113 dBm, ASK, BR_0 (1.0 kbit/s to 1.8 kBit/s), manchester, BER 10E-3 - ATA8205: -105 dBm, FSK, BR_0 (1.0 kbit/s to 1.8 kBit/s), manchester, BER 10E-3 -111 dBm, ASK, BR_0 (1.0 kbit/s to ...
Description Industrial UHF ASK/FSK Receiver

File Size 590.42K  /  46 Page

View it Online

Download Datasheet

   
Part No. MA15530CC MA15530CFS
OCR Text ... and lock-in ? clock recovery ? manchester ii encode / decode ? separate encoder and decoder sections ? low operating power ? military temperature range -55c to +125c ? monolithic C single chip C construction ? available in commercial and i...
Description DATACOM, manchester ENCODER/DECODER, CDIP24
DATACOM, manchester ENCODER/DECODER, CDFP24

File Size 949.18K  /  14 Page

View it Online

Download Datasheet

    MC68160A MC68160AFB

MOTOROLA[Motorola, Inc]
Part No. MC68160A MC68160AFB
OCR Text ...formers. It encodes NRZ data to manchester data and supplies the signals which are required for data communication via 10BASE-T or AUI interfaces. The MC68160A gluelessly interface to the Ethernet controller contained in the MC68360 Quad In...
Description MC68160A Enhanced Ethernet Transceiver
ENHANCED ETHERNET INTERFACE TRANSCEIVER
MC68160A Enhanced Ethernet Transceiver
From old datasheet system

File Size 354.25K  /  32 Page

View it Online

Download Datasheet

    MC68160 MC68160B MC68160C ON1156 MC68160CFB MC68160FB MC68160BFB

MOTOROLA[Motorola, Inc]
ON Semi
Part No. MC68160 MC68160B MC68160C ON1156 MC68160CFB MC68160FB MC68160BFB
OCR Text ...formers. It encodes NRZ data to manchester data and supplies the signals which are required for data communication via 10BASE-T or AUI interfaces. The MC68160, B and C gluelessly interface to the Ethernet controller contained in the MC68360...
Description From old datasheet system
ENHANCED ETHERNET INTERFACE TRANSCEIVER

File Size 371.22K  /  30 Page

View it Online

Download Datasheet

    HI-2130

Holt Integrated Circuits
Holt Integrated Circuit...
Part No. HI-2130
OCR Text ...r r t 2 message processor bus b manchester encoder bus b manchester decoder bus a manchester encoder bus a manchester decoder reset & initializatio n logi c memory and register access control address data control discret e signal inputs con...
Description Single Package MIL-STD-1553 / MIL-STD-1760 3.3V BC / MT / RT with Integrated Transformers

File Size 559.24K  /  7 Page

View it Online

Download Datasheet

For manchester Found Datasheets File :: 1443    Search Time::1.453ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of manchester

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.87042999267578