Part Number Hot Search : 
12887A KD1083V HWS453 VRE100CA OP97EZ 4VHC59 IP7812AH 12501
Product Description
Full Text Search
  male-female Datasheet PDF File

For male-female Found Datasheets File :: 3217    Search Time::1.532ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    1307032 ANPC-131 ANPC-128 ANPC-135

MA-Com
MACOM[Tyco Electronics]
Part No. 1307032 ANPC-131 ANPC-128 ANPC-135
OCR Text ...y .42 db/ft. not included. bnc: male magnet mount smb: jack, plug or right angle female no-show bracket osx: male, female or right angle jack visible bracket tnc: male or female suction cup n: male or female sma: male or female quickmount...
Description Quck mount micro GPS patch antenna
QuickMount Micro GPS Patch Antennas
Hook-Up Wire; Conductor Size AWG:10; No. Strands x Strand Size:65 x 28; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes

File Size 119.43K  /  2 Page

View it Online

Download Datasheet





    MAX1280EVC16 MAX1280EVKIT

Maxim Integrated Products
Part No. MAX1280EVC16 MAX1280EVKIT
OCR Text ...raight-through, 9-pin female-to-male cable. If the only available serial port uses a 25-pin connector, a standard 25-pin to 9-pin adapter will be required. The EV kit software checks the modem status lines (CTS, DSR, DCD) to confirm that th...
Description MAX1280 Evaluation System

File Size 151.83K  /  9 Page

View it Online

Download Datasheet

    MAX2825 MAX2825EVKIT MAX2826 MAX2826EVKIT MAX2827 MAX2827EVKIT

http://
MAXIM[Maxim Integrated Products]
Part No. MAX2825 MAX2825EVKIT MAX2826 MAX2826EVKIT MAX2827 MAX2827EVKIT
OCR Text ...ns PTC36SAAN DB25, right angle--male AMP 747238-4 1 x 3 headers Sullins PTC36SAAN 6.8nH 5% 0402 inductor Murata LQG15HN6R8J00 Open 3.9nH 0.2...female 25-pin parallel cable, straight through 3) Set the register setting to the default values lis...
Description MAX2825/MAX2826/MAX2827 Evaluation Kits
MAX2825/MAX2826/MAX2827 Evaluation Kits

File Size 1,011.40K  /  12 Page

View it Online

Download Datasheet

    ADAPTERS-TYPE-NSMA TYPE-NSMA TYPE-N_SMA ADAPTERS-TYPE-N_SMA NF-SF50 NF-SM50 NM-SF50 NM-SM50

RF连接
MINI[Mini-Circuits]
http://
Part No. ADAPTERS-TYPE-NSMA TYPE-NSMA TYPE-N_SMA ADAPTERS-TYPE-N_SMA NF-SF50 NF-SM50 NM-SF50 NM-SM50
OCR Text ... $ Qty. (1-49) NM-SM50 N-Male SMA-Male DC-18 1.15 1.20 1.30 50 DJ824 22.95 NF-SM50 N-Female SMA-Male DC-18 1.15 1.20 1.25 50 DJ826 22.95 NF-SF50 N-Female SMA-Female DC...
Description 50OHM/ DC to 18 GHz
50OHM / DC to 18 GHz
50OHM, DC to 18 GHz
50OHM, DC to 18 GHz

File Size 54.07K  /  1 Page

View it Online

Download Datasheet

    TMC2069P7C TMC2069P7CG

FAIRCHILD[Fairchild Semiconductor]
Part No. TMC2069P7C TMC2069P7CG
OCR Text ... CONNECTOR WHICH MATES WITH THE MALE CONNECTOR WITH THE PIN NUMBERS BEING FLIPPED. EXAMPLE: P1A PIN 1 MATES WITH THE MALE CONNECTOR PIN 32. ...Female) Row A 32 31 30 29 28 27 26 25 24 +5V D1 or R/V [bit 0] D1 or R/V [bit 1] D1 or R/V [bit 2] ...
Description Demonstration Board for the TMC3003 DAC

File Size 84.44K  /  12 Page

View it Online

Download Datasheet

    AT-510 AT-514 AT-420

Hirose Electric
Part No. AT-510 AT-514 AT-420
OCR Text ... Part Connector Body Insulator Male contacts Female contacts Attenuation element Material Brass PTFE Brass Beryllium copper Metal film Finish Nickel plating ---------- sOrdering Information AT - 4 01 1 2 3 3 Attenuation 01 06 : 1d...
Description Fixed Attenuators (N,BNC,TNC)

File Size 82.74K  /  3 Page

View it Online

Download Datasheet

    SST58SM008 SST58SM008-70-C-FRI SST58SM008-70-C-FRJ SST58SM008-70-C-FSI SST58SM008-70-C-FSJ SST58LM192 SST58LM192-70-C-FR

SST[Silicon Storage Technology, Inc]
Part No. SST58SM008 SST58SM008-70-C-FRI SST58SM008-70-C-FRJ SST58SM008-70-C-FSI SST58SM008-70-C-FSJ SST58LM192 SST58LM192-70-C-FRI SST58LM192-70-C-FRJ SST58LM192-70-C-FSI SST58LM192-70-C-FSJ SST58LM064 SST58LM064-70-C-FRI SST58LM064-70-C-FRJ SST58LM064-70-C-FSI SST58LM064-70-C-FSJ SST58LM016 SST58LM016-70-C-FRI SST58LM016-70-C-FRJ SST58LM016-70-C-FSI SST58LM016-70-C-FSJ SST58LM032 SST58LM032-70-C-FRI SST58LM032-70-C-FRJ SST58LM032-70-C-FSI SST58LM032-70-C-FSJ SST58SM128 SST58LMXXX SST58SM128-70-C-FRI SST58SMXXX SST58LM008 SST58LM008-70-C-FRI SST58LM008-70-C-FRJ SST58LM008-70-C-FSI SST58LM008-70-C-FSJ SST58LM024 SST58LM024-70-C-FRI SST58LM024-70-C-FRJ SST58LM024-70-C-FSI SST58LM024-70-C-FSJ SST58LM048 SST58LM048-70-C-FRI SST58LM048-70-C-FRJ SST58LM048-70-C-FSI SST58LM048-70-C-FSJ SST58LM096 SST58LM096-70-C-FRI SST58LM096-70-C-FRJ SST58LM096-70-C-FSI SST58LM096-70-C-FSJ SST58LM128 SST58LM128-70-C-FRI SST58LM128-70-C-FRJ SST58LM128-70-C-FSI SST58LM128-70-C-FSJ SST58SM016 SST58SM016-70-C-FRI SST58SM016-70-C-FRJ SST58SM016-70-C-FSI SST58SM016-70-C-FSJ SST58SM024 SST58SM024-70-C-FRI SST58SM024-70-C-FRJ SST58SM024-70-C-FSI SST58SM024-70-C-FSJ SST58SM032 SST58SM032-70-C-FRI SST58SM032-70-C-FRJ SST5
OCR Text ...unting on top of a standard IDE male connector commonly found on the system motherboards. ADM also offers user selectable Master/Slave opera...female connector. Refer to Figure 1-1 for SST's ADM block diagram. The controller interfaces with th...
Description ATA-Disk Module

File Size 340.17K  /  40 Page

View it Online

Download Datasheet

    SP691ANEB SP693A SP691A SP691ACN

SIPEX[Sipex Corporation]
Part No. SP691ANEB SP693A SP691A SP691ACN
OCR Text ... easy connections. Also, mating male pins (see List of Materials) may be soldered to the components and inserted into the receptacle pins. ...Female Ceramic Capacitor 0.1F Al. Spacers - 0.5" 6-32 Hex Nut Optional: 16 Pin DIP Socket 16 Pin SOI...
Description Evaluation Board Manual

File Size 54.05K  /  7 Page

View it Online

Download Datasheet

    SP503AN SP503EB SP503CF

Black Box, Corp.
SIPEX[Sipex Corporation]
Part No. SP503AN SP503EB SP503CF
OCR Text ...RS-232 DTR 13 RTS 16 Male Connector 13 25 14 TxC 15 ST 22 RL 17 LL 24 Receivers RxD 1 RxC 20 CTS 80 ...Female Connector 25 14 SP503AN RTS(A) RTS(B) DTR(A) DTR(B) LL 66 67 68 69 35 36 CTS 80 ...
Description Application Note 应用笔记

File Size 211.92K  /  13 Page

View it Online

Download Datasheet

    AT-320 AT-310 AT-115 AT-114 AT-206

HIROSE[Hirose Electric]
Part No. AT-320 AT-310 AT-115 AT-114 AT-206
OCR Text ... Part Connector Body Insulator Male contacts Female contacts Attenuation element Material Stainless steel PTFE Beryllium copper Beryllium copper Metal film Finish Passivated ---------- sOrdering Information AT - 1 00-(0) 1 2 3 3 At...
Description Fixed Attenuators (SMA Type)

File Size 62.40K  /  3 Page

View it Online

Download Datasheet

For male-female Found Datasheets File :: 3217    Search Time::1.532ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of male-female

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.68797397613525