|
|
|
Sumida, Corp. TE Connectivity, Ltd.
|
Part No. |
SYS321000LK-012 SYS321000LK-015 SYS321000ZK-015 SYS321000LK-020 SYS321000ZK-012 SYS321000ZKI-012 SYS321000ZKI-020 SYS321000ZK-020 SYS321000LKI-020
|
OCR Text |
... 1360 480 80 0.4 -
Unit
A A mA mA mA V V
ILI ILO ICC1 ISB1 ISB2 VOL VOH
0V < VIN < VCC CS = VIH, VI/O = GND to VCC Min. Cycle, CS ...012/015/20/25
ISSUE 1.5 : December 1998
AC Test Conditions
Output Load
* Input pulse lev... |
Description |
1M X 32 MULTI DEVICE SRAM MODULE, 15 ns, PSMA72 PLASTIC, SIMM-72 1M X 32 MULTI DEVICE SRAM MODULE, 15 ns, PZIP72 PLASTIC, ZIP-72 1M X 32 MULTI DEVICE SRAM MODULE, 20 ns, PSMA72 PLASTIC, SIMM-72 1M X 32 MULTI DEVICE SRAM MODULE, 12 ns, PZIP72 PLASTIC, ZIP-72 x32 SRAM Module X32号的SRAM模块 1M X 32 MULTI DEVICE SRAM MODULE, 20 ns, PZIP72 PLASTIC, ZIP-72
|
File Size |
207.31K /
7 Page |
View
it Online |
Download Datasheet |
|
|
|
ON Semiconductor
|
Part No. |
MC33269DR2-012 MC33269T-012 MC33269DTRK-012 MC33269DR2-5.0G
|
OCR Text |
...mc33269/d mc33269, ncv33269 800 ma, adjustable output, low dropout voltage regulator the mc33269/ncv33269 series are low dropout, medium cur...012 mc33269dt ? 012 ncv33269dtrk ? 012* mc33269t ? 012 5.0 v 5.0 v 5.0 v 5.0 v 5.0 v 12 v 12 v 12 v ... |
Description |
800mA, 12V Output, Low Dropout Voltage Regulator; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 12 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PDSO8 800mA, 12V Output, Low Dropout Voltage Regulator; Package: TO-220, SINGLE GAUGE; No of Pins: 3; Container: Rail; Qty per Container: 50 12 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, SFM3 800mA, 12V Output, Low Dropout Voltage Regulator; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 12 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSSO2 ANA 0.8A 5V LDO VREG; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PDSO8
|
File Size |
200.16K /
13 Page |
View
it Online |
Download Datasheet |
|
|
|
Lite-On Technology Corp...
|
Part No. |
LTL420GK3T-012
|
OCR Text |
...ycle, 0.1ms pulse width) 60 ma continuous forward current 30 ma derating linear from 50 0.4 ma/ operating te...012 page : 2 of 11 bns - od - c131/a4
lite - on ... |
Description |
Through Hole Lamp
|
File Size |
442.43K /
12 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|