Part Number Hot Search : 
NTE995M 00LVE STPS20 2SC43 2SC43 TC143E ECG008 37052
Product Description
Full Text Search
  M4A3-64 32-7VNI Datasheet PDF File

For M4A3-64 32-7VNI Found Datasheets File :: 10+       Page :: | <1> |   

    Lattice Semiconductor Corporation
Lattice Semiconductor, Corp.
Part No. M4A3-256/128-7FANI M4A3-256/128-7FANC M4-192/96-14VI M4-96/96-20YI M4-96/96-15YC M4-96/48-14VI M4-64/32-14VI M4-64/32-14JI M4-32/32-14JI M4-32/32-14VI M4A5-32/32-5JNC M4A3-32/32-5JNC M4A3-256/128-10FANI M4A3-256/192-10FANC M4A3-256/192-10FANI M4A3-384/192-10FANI M4A3-512/192-10FANC M4A3-512/192-10FANI M4A3-384/192-10FANC M4A3-64/32-7JNI M4A3-64/32-7VNI M4A3-64/32-7VNC M4A3-256/128-7YI M4A3-256/128-7YNC M4A5-256/128-7YNC M4A3-256/128-7YNI M4A3-32/32-7JNI M4A3-32/32-7JNC M4A5-32/32-5VNC48 M4A3-32/32-5VNC48 M4A3-128/64-7VNC M4A3-128/64-7VNI M4A5-128/64-7VNI M4A3-64/32-7VNI48 M4A3-32/32-7VNC48 M4A3-32/32-12VI M4A3-96/48-7VC M4A5-192/96-7VC M4A5-192/96-6VNC M4A5-192/96-7VNI M4A5-32/32-5JC M4A3-64/64-7VI M4A3-32/32-5JC M4A5-32/32-5VC48 M4A3-256/128-10SANC M4A3-128/64-10VNC M4A3-128/64-12VNI
Description EE PLD, 7.5 ns, PQFP100 LEAD FREE, TQFP-100
EE PLD, 7.5 ns, PQFP48 1.40 MM HEIGHT, LEAD FREE, TQFP-48
High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PQFP44
EE PLD, 10 ns, PBGA256 LEAD FREE, FPBGA-256
EE PLD, 5 ns, PQFP48 1.40 MM HEIGHT, LEAD FREE, TQFP-48
High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP100
High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP144
EE PLD, 6 ns, PQFP144 LEAD FREE, TQFP-144
EE PLD, 7.5 ns, PQFP144 LEAD FREE, TQFP-144
High Performance E 2 CMOS In-System Programmable Logic EE PLD, 5 ns, PQCC44
EE PLD, 7.5 ns, PQCC44 LEAD FREE, PLASTIC, LCC-44
High Performance E 2 CMOS In-System Programmable Logic EE PLD, 5 ns, PQFP48
MACH4 ISP EEPLD, SMD, TQFP100, 3.3V; Logic IC family:Programmable; Logic IC function:Programmable ISP; Voltage, supply:3.3V; Case style:TQFP / 100; Base number:4; I/O lines, No. of:64; Logic function number:M4; Macrocells, No. RoHS Compliant: Yes
EE PLD, 12 ns, PQFP100

File Size 794.75K  /  62 Page

View it Online

Download Datasheet