Part Number Hot Search : 
UF306 UL1480 2SD1889 CXD1944R D1100B32 FDLL4148 2N494C HT66F
Product Description
Full Text Search
  lqfp44 Datasheet PDF File

For lqfp44 Found Datasheets File :: 117    Search Time::2.906ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 |   

    ZMD
Part No. lqfp44
OCR Text ...ersedes edition 12.99 package lqfp44 (10 x 10 ) mds 758 dimensions in millimetres based on jedec jep95: ms-026 1dimensions dimensions of sub-group b1 dimensions of sub-group c1 e nom 0,80 a min - a max 1,60 a 1min 0,05 b pmin 0,30 a 1max...
Description Package

File Size 96.03K  /  2 Page

View it Online

Download Datasheet





    Philips
Part No. lqfp44
OCR Text ... m 0 2.5 5 mm scale pin 1 index lqfp44: plastic low profile quad flat package; 44 leads; body 10 x 10 x 1.4 mm sot389-1 free datasheet http://
Description Package outline

File Size 31.57K  /  1 Page

View it Online

Download Datasheet

    Philips
Part No. lqfp44
OCR Text ...rmation for reflow soldering of lqfp44 package ax bx gx gy hy hx ay by p1 p2 d2 (8 ) d1 (0.125) ax ay bx by d1 d2 gx gy hx hy 13.300 13.300 10.300 10.300 p1 0.800 p2 0.850 0.500 c 1.500 0.600 10.500 10.500 13.550 13.550 solder land c gener...
Description PC board footprint

File Size 27.86K  /  1 Page

View it Online

Download Datasheet

    LQFP44

ETC
Part No. lqfp44
OCR Text pcb - t qfp 4 4 qfp 44 / lqfp 4 4 / tqfp 4 4 smd a dapter b oard (0. 8 mm pitch ) p roduct information: sales@embedded - channel.de description the pcb - t qfp 4 4 adapter module is designed to convert integrated cir...
Description SMD Adapter Board

File Size 195.53K  /  1 Page

View it Online

Download Datasheet

    Holtek
Part No. lqfp44-1010
OCR Text 44-pin lqfp (10mm 10mm) (fp3.2mm) outline dimensions symbol dimensions in inch min. nom. max. a 0.512 0.520 0.528 b 0.390 0.394 0.398 c 0.512 0.520 0.528 d 0.390 0.394 0.398 e 0.031 f 0.012 g 0.053 0.055 0.057 h 0.063 i 0.004 ...
Description Package

File Size 52.46K  /  1 Page

View it Online

Download Datasheet

    PHILIPS[Philips Semiconductors]
Part No. P89C52X2BA P89C52X2 P89C52X2BBD P89C52X2BN P89C52X2FA P89C52X2FBD P89C52X2FN P89C58X2 P89C58X2BA P89C58X2BBD P89C58X2BN P89C58X2FA P89C51X2BA P89C51X2BN P89C54X2 P89C54X2BA P89C54X2BBD P89C54X2BN P89C54X2FA P89C51X2 P89C51X2BBD P89C51X2FA
OCR Text ...1X2FA Package Name PLCC44 DIP40 lqfp44 PLCC44 Description plastic leaded chip carrier; 44 leads plastic dual in-line package; 40 leads (600 mil) plastic low profile quad flat package; 44 leads plastic leaded chip carrier; 44 leads Version S...
Description P89C51X2/52X2/54X2/58X2; 80C51 8-bit Flash microcontroller family 4K/8K/16K/32K Flash 128B/256B RAM

File Size 310.90K  /  48 Page

View it Online

Download Datasheet

    ST72F325AR9B3 ST72P325AR9B3 ST72325AR9B3 ST72F325AR9B6 ST72P325AR9B6 ST72325AR9B6 ST72F325AR9T3 ST72P325AR9T3

STMicroelectronics
Part No. ST72F325AR9B3 ST72P325AR9B3 ST72325AR9B3 ST72F325AR9B6 ST72P325AR9B6 ST72325AR9B6 ST72F325AR9T3 ST72P325AR9T3
OCR Text ...pabilities LQFP64 10 x 10 lqfp44 10 x 10 LQFP48 7x7 LQFP32 7x7 LQFP64 14 x 14 SDIP42 600 mil SDIP32 400 mil - Configurable watchdog timer - Two 16-bit timers with: 2 input captures, 2 output compares,...
Description 8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface

File Size 1,581.61K  /  197 Page

View it Online

Download Datasheet

    PHILIPS[Philips Semiconductors]
Part No. P89LPC952 P89LPC952FA P89LPC952FBD
OCR Text ...P89LPC952FA P89LPC952FBD PLCC44 lqfp44 Description plastic leaded chip carrier; 44 leads plastic low profile quad flat package; 44 leads; body 10 x 10 x 1.4 mm Version SOT187-2 SOT389-1 Type number 3.1 Ordering options Table 2: Ordering...
Description 8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 10-bit ADC
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 10-bit A/D converter

File Size 285.97K  /  66 Page

View it Online

Download Datasheet

    TDA7703RTR

STMicroelectronics
Part No. TDA7703RTR
OCR Text ... controlled single 5 v supply lqfp44 package description the tda7703r highly integrated tuner (hit44) is part of a family of tuners for carradio applications. it contains mixers and if amplifiers for am and fm, fully integrated vco and...
Description Highly integrated tuner

File Size 208.01K  /  32 Page

View it Online

Download Datasheet

For lqfp44 Found Datasheets File :: 117    Search Time::2.906ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of lqfp44

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.3467829227448