|
|
|
Analog Devices, Inc.
|
Part No. |
AD7245ASE/883B AD7245SQ/883B AD7245ASQ/883B AD7245ATQ/883B AD7248SQ/883B
|
Description |
low power, single resistor gain Programmable, Precision Instrumentation Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C low power, single resistor gain Programmable, Precision Instrumentation Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 12-Bit Digital-to-Analog Converter Step-Down Switching Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 12位数字到模拟转换
|
File Size |
232.66K /
7 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|