Part Number Hot Search : 
NJW1152 XR1016CD RPH4NSZ 2E682K MCH3322 24M05 6TRPB TEA0676T
Product Description
Full Text Search
  lowvoltage Datasheet PDF File

For lowvoltage Found Datasheets File :: 395    Search Time::1.5ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MAXIM - Dallas Semiconductor
MAXIM[Maxim Integrated Products]
Part No. MAX1888 MAX1888EUA
OCR Text ...ers. Designed to interface with lowvoltage logic, the MAX1888 can program the controller for three independent offsets. The circuit is extremely low cost and is available in an 8-pin MAX package. Features o Simple, Low-Cost Offset Volta...
Description Low-Cost Integrated Offset Logic for Notebook CPU Power Supplies

File Size 400.64K  /  7 Page

View it Online

Download Datasheet





    SFS302415B

List of Unclassifed Manufacturers
Part No. SFS302415B
OCR Text ...n works at 120 - 140% of rating lowvoltage protection works at 90% max of rating remote on/off provided ( rc open : on , short between rc and +vin : off ) isolation input-output dc1 , 500v 1minute , dc500v 50m w min ( 20 t 15 c ) environmen...
Description DC-DC Converters PCB Mount type

File Size 306.94K  /  8 Page

View it Online

Download Datasheet

    MAX13481E MAX13482E

Maxim Integrated Products
Part No. MAX13481E MAX13482E
OCR Text ...ompliant transceivers interface lowvoltage ASICs with USB devices. The transceivers fully comply to USB 2.0 when operating at full-speed (12Mbps). The transceivers also operate with VL as low as 1.6V, ensuring compatibility with low-voltage...
Description (MAX13481E - MAX13483E) ESD-Protected USB Transceivers

File Size 335.86K  /  19 Page

View it Online

Download Datasheet

    SFS30

List of Unclassifed Manufacturers
Part No. SFS30
OCR Text ...n works at 120 - 140% of rating lowvoltage protection works at 90% max of rating remote on/off provided ( rc open : on , short between rc and +vin : off ) model sfs30241r2 max output wattage[w] 12.48 dc output 1.2v 10.4a specifications mode...
Description DC/DC Converters, SMD/DIP Types, 10.4~30W

File Size 99.35K  /  2 Page

View it Online

Download Datasheet

    LSI Logic
Part No. SYM53C140
OCR Text ...nnects Single-Ended (SE) Ultra, lowvoltage Differential (LVD) Ultra2 or High-Voltage Differential (HVD) peripherals together in any combination. The SYM53C140 is capable of supporting any combination of bus mode SE, HVD, or LVD on either th...
Description Bus Controller

File Size 617.81K  /  68 Page

View it Online

Download Datasheet

    Motorola
Part No. MC14458
OCR Text ...45027, mc145028 = 4.5 to 18 v ? lowvoltage versions available: sc41343 = 2.8 to 10 v version of the mc145027 sc41344 = 2.8 to 10 v version of the mc145028 ? for infrared applications, see application note an1016/d pin assignments mc145026 e...
Description Encoder and Decoder Pairs

File Size 236.32K  /  20 Page

View it Online

Download Datasheet

    SC41343P SC41344DW SC41344P SC41343DW MC145026 MC145026D MC145026P MC145027 MC145027DW MC145027P MC145027DWR2 MC145028DW

Freescale Semiconductor, Inc
Part No. SC41343P SC41344DW SC41344P SC41343DW MC145026 MC145026D MC145026P MC145027 MC145027DW MC145027P MC145027DWR2 MC145028DW
OCR Text ...45027, mc145028 = 4.5 to 18 v ? lowvoltage versions available: sc41343 = 2.8 to 10 v version of the mc145027 sc41344 = 2.8 to 10 v version of the mc145028 ? for infrared applications, see application note an1016/d pin assignments mc145026 e...
Description  Encoder and Decoder Pairs

File Size 158.11K  /  20 Page

View it Online

Download Datasheet

    MAX13481E MAX13481EETE MAX13482E MAX13482EETE MAX13483E MAX13483EETE MAX13483EETE-T MAX13481EETET

MAXIM INTEGRATED PRODUCTS INC
Maxim Integrated Products, Inc.
MAXIM[Maxim Integrated Products]
Part No. MAX13481E MAX13481EETE MAX13482E MAX13482EETE MAX13483E MAX13483EETE MAX13483EETE-T MAX13481EETET
OCR Text ...ompliant transceivers interface lowvoltage ASICs with USB devices. The transceivers fully comply to USB 2.0 when operating at full-speed (12Mbps). The transceivers also operate with VL as low as 1.6V, ensuring compatibility with low-voltage...
Description &#177;15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors DATACOM, INTERFACE CIRCUIT, QCC16
【15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors
±15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors

File Size 286.51K  /  19 Page

View it Online

Download Datasheet

    Maxim
Part No. MAX1997EVKIT
OCR Text ...+8.6V providing up to 10mA. The lowvoltage logic linear-regulator is configured for +2.5V, providing up to 200mA. The backplane buffer is configured for +4.3V and can source or sink current peaks more than 300mA. The MAX1997 EV kit demonstr...
Description Evaluation Kit for the MAX1997

File Size 358.19K  /  12 Page

View it Online

Download Datasheet

For lowvoltage Found Datasheets File :: 395    Search Time::1.5ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of lowvoltage

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.8609960079193