|
|
|
International Light Technologies Inc. Gilway Technical Lamp
|
Part No. |
N513 N516 N526R1 N515 N515R1
|
Description |
FPGA, 12K LUTS, 93 I/O,DSP,144TQFP; logic ic family:ECP2; logic ic function:FPGA; Voltage, supply:1.2V; Case style:TQFP; Base number:2; I/O lines FPGA, 12K LUTS, 193 I/O,DSP,256FPBGA; logic ic family:ECP2; logic ic function:FPGA; Voltage, supply:1.2V; Case style:FPBGA; Base number:2; I/O lines, No. of:193; logic function number:LFE2-12E; Pins, No. of:256; Temp, op. RoHS Compliant: Yes Neon Glow Lamps (Standard Brightness)
|
File Size |
105.20K /
1 Page |
View
it Online |
Download Datasheet |
|
|
|
Carlo Gavazzi
|
Part No. |
ST4842XCQQ ST2642XCVV ST2642XCNV ST2731XCVV ST4742XCVV ST4731XCQQ ST2731XCNV ST4843XCVV ST4841XCVV ST4641XCNV ST4641XCQQ ST4642XCQQ ST4642XCVV ST4643XCNV ST4643XCQQ ST4643XCVV ST2742XCNV ST2741XCQQ
|
Description |
ic MAX 9000 CPLD 560 208-RQFP FPGA, FLEX 10KV, 50K GATES, RQFP240; logic ic family:FPGA; logic ic Base Number:10; logic ic function:EPF10K50V; Voltage, supply:3.3V; Case style FPGA, FLEX 10KA, 10K GATES, PQFP208; logic ic family:FPGA; logic ic Base Number:10; logic ic function:EPF10K10A; Voltage, supply:3.3V; Case style ACEX 1K FPGA, 30K, 1K30, PQFP208; logic ic family:Programmable; logic ic Base Number:30; logic ic function:Programmable; Case style:PQFP; Base number CPLD. MAX 7000, 256 MACROCELLS, PQFP208; logic ic family:CPLD (EPLD); logic ic Base Number:7256; logic ic function:EPM7256AE; Voltage, supply:3.3V FPGA, ACEX 1K, 10K GATES, TQFP100; logic ic family:Programmable; logic ic Base Number:10; logic ic function:EP1K10; Voltage, supply:2.50V; Case style:TQFP; Base number:1; Gates, No. of:10000; I/O lines, No. of:66; ic Generic RoHS Compliant: Yes MAX 3000A CPLD 128 MC 144-TQFP MAX 3000A CPLD 32 MC 44-PLCC MAX II CPLD 1270 LE 256-FBGA CPLD. MAX 7000, 192 MACROCELLS, PQFP160; logic ic family:CPLD (EPLD); logic ic Base Number:7192; logic ic function:EPM7192S; Voltage, supply:5V; Case style:PQFP; Gates, No. of:3750; I/O lines, No. of:124; Macrocells, No. of:192; RoHS Compliant: Yes MAX II CPLD 240 LE 100-TQFP MAX 7000 CPLD 32 MC 44-PLCC CPLD 256CELLS 161/O 10NS [256/FBGA] CPLD. MAX 7000, 160 MACROCELLS, PQFP160; logic ic family:CPLD (EPLD); logic ic Base Number:7160; logic ic function:EPM7160S; Voltage, supply:5V; Case style:PQFP; Gates, No. of:3200; I/O lines, No. of:104; Macrocells, No. of:160; RoHS Compliant: Yes ic ACEX 1K FPGA 50K 256-FBGA 通信集成电路 ic ACEX 1K FPGA 30K 208-PQFP 通信集成电路
|
File Size |
1,473.68K /
38 Page |
View
it Online |
Download Datasheet |
|
|
|
International Light Technologies Inc.
|
Part No. |
N527R1 N521 N523 N507
|
Description |
Green Glow Lamps(with Resistor) FPGA, 12K LUTS, 131 I/O,DSP,208PQFP; logic ic family:ECP2; logic ic function:FPGA; Voltage, supply:1.2V; Case style:PQFP; Base number:2; I/O lines
|
File Size |
46.95K /
1 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|