Part Number Hot Search : 
64N90 ADS929 C858AF D6433 00600 EEUEBXXX AD549J FSA266
Product Description
Full Text Search
  lines Datasheet PDF File

For lines Found Datasheets File :: 42339    Search Time::1.36ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    API Technologies
Part No. LCFS1055
OCR Text ...ditional complementary output lines are available technical specifications parameter typical min/max frequency range 275 to 550 mhz 275 to 550 mhz output power +13 dbm - internal input reference frequency 40 mhz ...
Description 275 to 550 MHz Frequency Synthesizer

File Size 114.79K  /  2 Page

View it Online

Download Datasheet





    API Technologies
Part No. LCFS1053
OCR Text ...ditional complementary output lines are available technical specifications parameter typical min/max frequency range 1100 to 2200 mhz 1100 to 2200 mhz output power +13 dbm - internal input reference frequency 4...
Description 1100 to 2200 MHz Frequency Synthesizer

File Size 115.14K  /  2 Page

View it Online

Download Datasheet

    Murata
Part No. LQH32PN1R0NN0L LQH32PN100MN0K LQH32PN150MN0K LQH32PN101MN0K LQH32PN101MN0L LQH32PN100MN0L LQH32PN220MN0L LQH32PN121MN0K LQH32PN1R5NN0L LQH32PN6R8NN0K LQH32PN6R8NN0L
OCR Text .... reflow ok inductors for power lines inductors for general use rf inductors inductors for power lines wire wound type (ferrite core) wire wound type (ferrite core) lqh32pn_n0 inductors for power lines lqh32pn _ n0 series 1210/3225 (inch/...
Description Inductors

File Size 118.30K  /  2 Page

View it Online

Download Datasheet

    Intel
Part No. A82596DX KU82596DX KU82596SX
OCR Text ...3 i/o data bus. the 32 data bus lines are bidirectional, tri-state lines that provide the general purpose data path between the 82596 and memory. with the 82596dx the bus can be either 16 or 32 bits wide; this is determined by the bs16 sign...
Description High-performance 32-bit local area network coprocessor

File Size 764.91K  /  77 Page

View it Online

Download Datasheet

    Intel
Part No. A82596CA KU82596CA
OCR Text ...3 i/o data bus. the 32 data bus lines are bidirectional, tri-state lines that provide the general purpose data path between the 82596 and memory. with the 82596 the bus can be either 16 or 32 bits wide; this is determined by the bs16 signal...
Description High-performance 32-bit local area network coprocessor

File Size 739.58K  /  76 Page

View it Online

Download Datasheet

    TOSHIBA
Part No. TC7WPB9307FK
OCR Text ...sistors between the an/bn data lines and the v cca / v ccb supplies. there is no restriction on the relative magnitude of the an and bn volt ages; both the an and bn data lines can be pulled up to arbitrary power supplies. the enable...
Description Dual-supply level shift bus switches

File Size 304.26K  /  13 Page

View it Online

Download Datasheet

    VPC3201C

Micronas
Part No. VPC3201C
OCR Text ...he informa- tion of three video lines. to have a fixed phase rela- tionship of the color subcarrier in the three channels, the system clock (20.25 mhz) is fractionally locked to the color subcarrier. this allows the processing of all color ...
Description Video processor (50Hz/single scan)

File Size 757.11K  /  48 Page

View it Online

Download Datasheet

    OKI SEMICONDUCTOR CO., LTD.
Part No. MSM7661
OCR Text ...r s video signal input) ntsc: 3 lines/2 lines pal: 2 lines (3 virtual lines) ? input signal synchronization can lock synchronization and color burst at high speed through internal digital processing. sampling frequency 13.5 mhz (itu-r601) ...
Description NTSC/PAL Digital Dencoder(NTSC/PAL?跺??板?璇????

File Size 298.65K  /  40 Page

View it Online

Download Datasheet

    IBM Microeletronics
Part No. IBM42P21LNYAA10
OCR Text ...the ac coupling for the +tx/-tx lines. no ac coupling capacitors are required on the host card for proper operation. product descriptor part number maximum signaling rate wavelength sff-pgg-2125-sw ibm42p21snyaa10 2.125gb/s 850nm sff-pgg-2...
Description 1x Fibre Channel Small Form Factor Hot-Pluggable Transceiver(1x?????氦???灏??寮??甯????????)

File Size 187.86K  /  34 Page

View it Online

Download Datasheet

For lines Found Datasheets File :: 42339    Search Time::1.36ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of lines

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.57424783706665