Part Number Hot Search : 
CMBT9014 HD647380 76650 ABACT00 RT3Y97M AN1020 2SC1567 C100MC
Product Description
Full Text Search
  lga Datasheet PDF File

For lga Found Datasheets File :: 985    Search Time::1.063ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Alpha Industries Inc
Part No. PS094-315
OCR Text ...to change without notice. 1/02a lga packaged phase shifter for gsm base stations features designed for gsm 942.5 17.5 mhz band 100 degree phase shift range 1.5 degree phase deviation 0.3 db insertion loss deviation 0?12 v control vo...
Description lga Packaged Phase Shifter for GSM Base Stations

File Size 540.79K  /  3 Page

View it Online

Download Datasheet





    AVX
Part No. LP0603N5200ANTR LP0603A1880ANTR LP0603A2140ANTR
OCR Text lga ** ni/lead free solder tr taped & reeled thin-film low pass filter lp0603 lead-free lga type general description the lp0603 itf (integrated thin film) lead-free lga low pass filter is based on thin-film multilayer technology. the techno...
Description Thin-Film Low Pass Filter

File Size 170.48K  /  5 Page

View it Online

Download Datasheet

    TF-IMBI-Q45-A13-G2

AAEON Technology
Part No. TF-IMBI-Q45-A13-G2
OCR Text lga 775 processor system form factor mini-itx processor intel? core?2 duo/quad lga775 cpu, fsb 800/1066/1333 mhz (q9000, e8000, e7000, e5000, e6000, e4000, e2000, conroe l series), tdp 95w max. system memory dual-channel ddr3 800/1066 sdra...
Description Industrial Motherboard with Intel Core 2 Duo/ Quad lga 775 Processor

File Size 309.17K  /  2 Page

View it Online

Download Datasheet

    FCCSP

Amkor Technology
Part No. FCCSP
OCR Text ... mm bga ball pitch, as well as lga interconnect ? minimum nominal package thickness of 0.80 mm for lga interconnect, 1.0 mm for 0.5 mm bga pitch, 1.2 mm for 0.8 mm pitch ? turnkey solution - design, bumping, bumped wafer probe, backgrind,...
Description a flip chip solution in a CSP package format.

File Size 116.26K  /  2 Page

View it Online

Download Datasheet

    Linear Technology Corporation
Part No. LTM9002
OCR Text ...nd nap modes n 15mm 11.25mm lga package n telecommunications n direct conversion receivers n main and diversity receivers n cellular base stations of gnd lo v cc = 3v v dd differential amplifiers main rf ina C ina + v ref ov dd 0...
Description 14-Bit Dual-Channel IF/ Baseband Receiver Subsystem

File Size 401.30K  /  28 Page

View it Online

Download Datasheet

    LSM330DLTR

STMicroelectronics
Part No. LSM330DLTR
OCR Text ...e in a plastic land grid array (lga) package. several years ago st successfully pioneered the use of this package for accelerometers. today, st has the broadest manufa cturing capability in the world and unrivalled expertise for the pr...
Description Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor

File Size 997.03K  /  54 Page

View it Online

Download Datasheet

   
Part No. RTAX1000SL-1CQ352EV RTAX2000S-1LG1152EV
OCR Text ...2,052 8 840 2,520 package ccga/lga cqfp 624 208, 352 624 352 624, 1152 256, 352 1272 352 v5.4 rtax-s/sl radtolerant fpgas ii v5.4 ordering information temperature grade offerings package rtax250s/sl rtax1000s/sl rtax2000s/sl rtax400...
Description FPGA, 12096 CLBS, 1000000 GATES, CQFP352
FPGA, 21504 CLBS, 2000000 GATES, CBGA1152

File Size 6,007.68K  /  198 Page

View it Online

Download Datasheet

    Linear Technology, Corp.
Part No. LTM4623
OCR Text ...thin 6.25mm 6.25mm 1.82mm lga package. included in the package are the switching controller, power fets, inductor and support components. operating over an input voltage range of 4v to 20v or 2.375v to 20v with an external bias su...
Description Ultrathin 20VIN, 3A Step-Down DC/DC 渭Module Regulator

File Size 390.59K  /  24 Page

View it Online

Download Datasheet

    FXLC95000CL FXLC95000CLR1

Freescale Semiconductor, Inc
Part No. FXLC95000CL FXLC95000CLR1
OCR Text ...cal power fxlc95000cl 24-lead lga 3 mm by 5 mm by 1 mm case 2208-01 top view rgpio14 / scl1 rgpio15 / sda1 v ssio v ddio v dd bkgd-ms / rgpio9 resetb rgpio11 / mosi1 rgpio10 / sclk1 rgpio7 / an1+ / tpmch1 rgpio6 / an0- / tpmch0 rgp...
Description Xtrinsic FXLC95000CL Intelligent, Motion-Sensing Platform

File Size 569.56K  /  38 Page

View it Online

Download Datasheet

For lga Found Datasheets File :: 985    Search Time::1.063ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of lga

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.1276209354401