Part Number Hot Search : 
LM2941 BC36805 FF330 78P2243 BC337 6530A VLT60 M168B
Product Description
Full Text Search
  level Datasheet PDF File

For level  Found Datasheets File :: 213905    Search Time::2.219ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    PS21961-ST

Mitsubishi Electric Semiconductor
Part No. PS21961-ST
OCR Text ...ircuit, High voltage high-speed level shifting, Control supply under-voltage (UV) protection. For lower-leg IGBTS : Drive circuit, Control supply under-voltage protection (UV), Short circuit protection (SC), Over temperature protection (OT)...
Description Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE

File Size 123.00K  /  8 Page

View it Online

Download Datasheet





    Toko America
Part No. TK1122XCM TK1121XCM TK1123XCM
OCR Text ...l pin is pulled to a logic high level. an external capacitor can be connected to the noise bypass pin to lower the output noise level to 30 vrms. an internal pnp pass transistor is used to achieve a low dropout voltage of 170 mv (typ.) at 2...
Description (TK112xxCM) Voltage Regulator

File Size 207.79K  /  22 Page

View it Online

Download Datasheet

    SI8662 SI8661

Silicon Laboratories
Part No. SI8662 SI8661
OCR Text ...sis v hys 0.38 0.44 0.50 v high level input voltage v ih 2.0 ? ? v low level input voltage v il ??0 . 8v high level output volt- age v oh loh = ?4 ma v dd1 ,v dd2 ?0.4 4.8 ? v low level output volt- age v ol lol = 4 ma ? 0.2 0.4 v input lea...
Description LOW POWER SIX-CHANNEL DIGITAL ISOLATOR

File Size 421.45K  /  40 Page

View it Online

Download Datasheet

    RCLAMP3354S

Semtech Corporation
Part No. RCLAMP3354S
OCR Text ...clamp3354s can withstand a high level of surge current (25a, 8/20us) while maintaining a low loading capacitance of less than 5pf. the high surge capability means it can be used in high threat environ- ments in applications such as gig...
Description Low Voltage RClamp Surge Protection for GbE Interfaces

File Size 1,708.49K  /  7 Page

View it Online

Download Datasheet

    PDSH02-12S05W PDSH02-12S09W PDSH02-12S12W PDSH02-12S15W PDSH02-24D12W PDSH02-24D05W PDSH02-12S3P3W PDSH02-12D12W PDSH02-

Power Mate Technology Co., LTD
Power Mate Technology C...
Part No. PDSH02-12S05W PDSH02-12S09W PDSH02-12S12W PDSH02-12S15W PDSH02-24D12W PDSH02-24D05W PDSH02-12S3P3W PDSH02-12D12W PDSH02-12D15W PDSH02-12D05W PDSH02-24S05W PDSH02-24S12W PDSH02-48D15W PDSH02-48S09W PDSH02-48S15W PDSH02-48S3P3W PDSH02-24S15W PDSH02-24S3P3W PDSH02-48D05W PDSH02-48S05W PDSH02-24D15W PDSH02-48D12W
OCR Text ...std-020d moisture sensitivity level msl ipc j-std-033b level 2a emc specifications parameter conditions level emi (2) en55022 class a class b esd en61000-4-2 air 8kv and contact 6kv perf. c riteria a radia...
Description DC-DC CONVERTER

File Size 597.33K  /  4 Page

View it Online

Download Datasheet

    PCAL6416AER

NXP Semiconductors
Part No. PCAL6416AER
OCR Text ...ocessor running at one voltage level to i/o devices operating at a different (usually higher) voltage level. the pcal6416a has built-in level shifting feature that make s these devices extremely flexible in mixed signal environments wher...
Description Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers

File Size 3,104.12K  /  61 Page

View it Online

Download Datasheet

    NJU7691 NJU7691RB1

New Japan Radio
Part No. NJU7691 NJU7691RB1
OCR Text ...t block output high level on resistance r oh i sw =-200ma ? 0.9 1.2 ? output low level on resistance r ol i sw =+200ma ? 0.8 1.1 ? switching current limit i lim 500 650 800 ma high side sw leak current i leak...
Description 300mA Synchronous Step-Down switching regulator IC

File Size 129.64K  /  8 Page

View it Online

Download Datasheet

For level  Found Datasheets File :: 213905    Search Time::2.219ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of level

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.58078503608704