|
|
|
TI store
|
Part No. |
TPS61301YFFR TPS61301YFFT
|
OCR Text |
...agnd l 2.2 h m sda scl tps61300 led2 led3 d2 2. 5 v.. 5 . 5 v endcl flash_sync tx- mask gpio/pg envm indled privacy indicator camera engine ...7 specifications ......................................................... 5 7.1 absolute maximum ra... |
Description |
<font color=red>[Old version datasheet]</font> TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
|
File Size |
2,368.08K /
70 Page |
View
it Online |
Download Datasheet |
|
|
|
Atmel
|
Part No. |
AT85C5122 AT83C5122 AT83C5123 AT83EC5122 AT83EC5123 AT85EC5122 AT83C5122XXX-SIRIM AT83C5123XXX-RARIM AT83C5123XXX-SIRIM AT83EC5123XXX-RAVIM AT83C5123XXX-RATIM AT83C5123XXX-SISIM AT83EC5123XXX-RAFIM AT83EC5123XXX-SIUIM AT83EC5123XXX-SIXIM AT85EC5122-RDFIM AT85C5122XXX-SIRIM AT89C5122-SIRIM AT85EC5122-RDVIM AT85EC5122-SIUIM AT85C5122XXX-RDTIM AT89C5122-RDTIM
|
OCR Text |
...txd p4.3/led4 p4.4/led5 p3.6/wr/led2 d- rst xtal1 xtat2 p2.5/a13 p2.4/a12 p2.2/a10 p2.1/a9 p2.0/a8 p1.5/crst p1.4/cclk li p2.3/a11 2 3 4 5 6 7 8 9 10 11 48 47 46 45 44 43 42 41 40 39 38 vqfp64 64 52 12 13 36 37 vcc vss p5.0/kb0 ea ... |
Description |
C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes Code RAM. A pre-certified version of this product with Omnikey software is available: C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes ROM. C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes ROM, 512 Bytes EEPROM C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 30K bytes ROM and 512 bytes EEPROM data C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes Code RAM, 512 Bytes EEPROM Microcontroller with USB and smart card reader interface. Memory size 32K bytes ROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 30K ROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 30K bytes ROM 512 bytes EEPROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 32K bytes ROM 512 bytes EEPROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size RAM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 32K flash RAM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz.
|
File Size |
1,320.47K /
187 Page |
View
it Online |
Download Datasheet |
|
|
|
List of Unclassifed Man...
|
Part No. |
FBDX5XMC
|
OCR Text |
...ipsw_3 led3 sw2 dipsw_1 dipsw_4 led2 dipsw_2 . bt_rx sw1 rxd1 txd0 clk led1 reset sw4 sw3 bt_tx s_control rxd0 gnd status gnd s_control csb ...7 8 10 11 12 13 14 15 16 9 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 48 47 46 45 44 43 42 41 4... |
Description |
CPU
|
File Size |
23.17K /
1 Page |
View
it Online |
Download Datasheet |
|
|
|
Richtek Technology Corp...
|
Part No. |
RT9480
|
OCR Text |
... set by program vbat ts led1 led2 led3 led4 tp1 nc nc gnd button torch usbout1 usbout1 usbout2 nc tp2 swin2 lxbst vmid vbus pgndbst pgndb...7, 8, 14 nc no internal connection. 9, 25 (exposed pad) gnd ground. the exposed pad must be so... |
Description |
Easy to Use Power Bank Solution
|
File Size |
177.36K /
16 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|