Part Number Hot Search : 
M7248 EL827 CT520 S5L1462B MXTK92T D78064 102K63 PD1600
Product Description
Full Text Search
  lcc Datasheet PDF File

For lcc Found Datasheets File :: 4539    Search Time::1.562ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    HolyStone International
Part No. lcc
OCR Text lcc series large size np0 & x7r mlcc capacitors 50v ? 8kv operating temperature - 55~+125 rated voltage 50vdc to 8kvdc temperature coefficient np0 : 30ppm/ , - 55~+125 (eia class ) x7r : 15% , - 55~+125 (eia cl...
Description Large Size NP0 & X7R Mlcc Capacitors

File Size 207.90K  /  2 Page

View it Online

Download Datasheet





    LCC

Amkor Technology, Inc.
Part No. lcc
OCR Text lcc) Amkor Technology is committed to continuing to service this long established standard industry package. This surface mount package consists of a co-fired ceramic base that has metalized terminals / pads on the sides and bottom of the p...
Description Leadless Chip Carrier Package

File Size 455.20K  /  1 Page

View it Online

Download Datasheet

    LCC-40K2

List of Unclassifed Manufacturers
Part No. lcc-40K2
OCR Text lcc-40k2, lcd character module 40 x 2 features electrical characteristics 5 x 7 dots with cursor item symbol condition min. typ. max. unit built-in controller (ks0066 or equivalent) lcd operating t=0 - 4.8 - v 5 v power s upply voltage v dd...
Description LCD Character Module 40 x 2

File Size 102.68K  /  1 Page

View it Online

Download Datasheet

    LCC-16J2

ETC
List of Unclassifed Manufacturers
Part No. lcc-16J2
OCR Text lcc-16J2, LCD Character Module 16 x 2 FEATURES 5 x 7 DOTS WITH CURSOR BUILT-IN CONTROLLER (KS0066 OR EQUIVALENT) 5 V POWER SUPPLY 1/16 DUTY CYCLE 4.2 V LED FORWARD VOLTAGE Supply Voltage Supply Current Input Voltage "HIGH" Level "LOW" Le...
Description LCD Character Module 16 x 2

File Size 84.45K  /  1 Page

View it Online

Download Datasheet

    LCC-20K4

ETC
List of Unclassifed Manufacturers
Part No. lcc-20K4
OCR Text lcc-20K4, LCD Character Module 20 x 4 FEATURES 5 x 7 DOTS WITH CURSOR BUILT-IN CONTROLLER (KS0066 OR EQUIVALENT) 5 V POWER SUPPLY 1/16 DUTY CYCLE 4.2 V LED FORWARD VOLTAGE Supply Voltage Supply Current Input Voltage "HIGH" Level "LOW" Le...
Description LCD Character Module 20 x 4

File Size 101.89K  /  1 Page

View it Online

Download Datasheet

    LCC-20L4

List of Unclassifed Manufacturers
Part No. lcc-20L4
OCR Text lcc-20l4, lcd character module 20 x 4 features electrical characteristics 5 x 7 dots with cursor item symbol condition min. typ. max. unit built-in controller (ks0066 or equivalent) lcd operating t=0 - 4.8 - v 5 v power supply voltage v dd ...
Description LCD Character Module 20 x 4

File Size 121.68K  /  1 Page

View it Online

Download Datasheet

    Samsung Semiconductor Co., Ltd.
SAMSUNG SEMICONDUCTOR CO. LTD.
Part No. M368L6523BUM-lcc M381L6523BUM-LB3 M368L6523BTM-lcc M368L6523BUN-LB3 M381L6523BUM-lcc M381L6523BTM-LB3 M381L6523BTM-lcc M368L2923BTN-CB3 M381L2923BTM-LB3 M368L3324BTM-CB3 M368L2923BTN-LB3 M381L6523BTM-CB3 M368L3324BUM-CB3 M368L3324BTM-LB3 M368L6523BTN-CB3 M381L2923BTM-CB3 M381L2923BUM-CB3 M381L2923BUM-LB3 M381L6523BUM-CB3 M368L2923BUM-CCC M368L2923BUM-lcc M368L2923BTM-CCC M381L2923BTM-lcc M368L2923BTM-lcc M368L2923BUN-CB3 M368L6523BUN-CB3 M368L6523BUM-CCC M381L2923BUM-CCC M381L6523BTM-CCC
OCR Text ddr sdram 256mb, 512mb, 1gb unbuffered dimm rev. 1.1 june 2005 information in this document is provided in relation to samsung products, and is subject to change without notice. nothing in this document shall be construed as granting an...
Description 64M X 64 DDR DRAM MODULE, 0.65 ns, DMA184
128M X 64 DDR DRAM MODULE, 0.65 ns, DMA184
128M X 72 DDR DRAM MODULE, 0.7 ns, DMA184
DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II DDR SDRAM的缓冲模84pin缓冲模块基于512Mb乙芯片与64/72-bit非ECC / ECC6 TSOP-II
Flash Memory IC; Memory Size:4Mbit; Supply Voltage Max:3V; Package/Case:48-TSOP; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Access Time, Tacc:70ns; Series:S29AL
Flash Memory IC; Memory Size:4Mbit; Supply Voltage Max:3V; Package/Case:48-FBGA; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Access Time, Tacc:90ns; Series:S29AL
Single-Supply Voltage Translator 6-SOT-23 -40 to 85

File Size 454.45K  /  25 Page

View it Online

Download Datasheet

    SAMSUNG[Samsung semiconductor]
Part No. M381L6523DUM-lcc M368L2923DUN-CB3 M368L2923DUN-CCC M368L2923DUN-LB3 M368L2923DUN-lcc M368L3324DUS M368L3324DUS-CB3 M368L3324DUS-CCC M368L3324DUS-LB3 M368L3324DUS-lcc M368L6523DUS-CB3 M368L6523DUS-CCC M368L6523DUS-LB3 M368L6523DUS-lcc M381L2923DUM-CB3 M381L2923DUM-CCC M381L2923DUM-LB3 M381L2923DUM-lcc M381L6523DUM-CB3 M381L6523DUM-CCC M381L6523DUM-LB3
OCR Text 256MB, 512MB, 1GB Unbuffered DIMM DDR SDRAM DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb D-die with 64/72-bit Non ECC/ECC 66 TSOP-II with Pb-Free (RoHS compliant) INFORMATION IN THIS DOCUMENT IS PROVIDED...
Description DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb D-die with 64/72-bit Non ECC/ECC 66 TSOP-II with Pb-Free (RoHS compliant)

File Size 449.12K  /  25 Page

View it Online

Download Datasheet

    SAMSUNG[Samsung semiconductor]
Part No. M381L6523BUM-lcc M368L2923BTM-CCC M368L2923BTM-lcc M368L2923BTN-CB3 M368L2923BTN-LB3 M368L2923BUM-CCC M368L2923BUM-lcc M368L2923BUN-CB3 M368L2923BUN-LB3 M368L3324BT M368L3324BTM-CB3 M368L3324BTM-CCC M368L3324BTM-LB3 M368L3324BTM-lcc M368L3324BUM-CB3 M368L3324BUM-CCC M368L3324BUM-LB3 M368L3324BUM-lcc M368L6523BTM-CCC M368L6523BTM-lcc M368L6523BTN-CB3 M368L6523BTN-LB3 M368L6523BUM-CCC M368L6523BUM-lcc M368L6523BUN-CB3 M368L6523BUN-LB3 M381L2923BTM-CB3 M381L2923BTM-CCC M381L2923BTM-LB3 M381L2923BTM-lcc M381L2923BUM-CB3 M381L2923BUM-CCC M381L2923BUM-LB3 M381L2923BUM-lcc M381L6523BTM-CB3 M381L6523BTM-CCC M381L6523BTM-LB3 M381L6523BTM-lcc M381L6523BUM-CB3 M381L6523BUM-CCC M381L6523BUM-LB3
OCR Text 256MB, 512MB, 1GB Unbuffered DIMM DDR SDRAM DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II INFORMATION IN THIS DOCUMENT IS PROVIDED IN RELATION TO SAMSUNG PRODUCT...
Description DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II

File Size 449.50K  /  25 Page

View it Online

Download Datasheet

    SAMSUNG[Samsung semiconductor]
Part No. M470L6524DU0-lcc M470L2923DV0-CA2 M470L2923DV0-CB0 M470L2923DV0-CB3 M470L2923DV0-CCC M470L2923DV0-LA2 M470L2923DV0-LB0 M470L2923DV0-LB3 M470L2923DV0-lcc M470L3324DU0 M470L3324DU0-CA2 M470L3324DU0-CB0 M470L3324DU0-CB3 M470L3324DU0-CCC M470L3324DU0-LA2 M470L3324DU0-LB3 M470L3324DU0-lcc M470L6524DU0-CA2 M470L6524DU0-CB0 M470L6524DU0-CB3 M470L6524DU0-CCC M470L6524DU0-LA2 M470L6524DU0-LB0 M470L6524DU0-LB3
OCR Text 256MB, 512MB, 1GB Unbuffered SODIMM Preliminary DDR SDRAM DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb D-die 66 TSOP-II & 54 sTSOP-II with Pb-Free (RoHS compliant) INFORMATION IN THIS DOCUMENT IS PROVIDE...
Description DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb D-die 66 TSOP-II & 54 sTSOP-II with Pb-Free (RoHS compliant)

File Size 272.29K  /  20 Page

View it Online

Download Datasheet

For lcc Found Datasheets File :: 4539    Search Time::1.562ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of lcc

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.88571500778198