Part Number Hot Search : 
81600 SNC15041 1R051 2412W M5240 3004X BIC221C 4049UB
Product Description
Full Text Search
  LC30G191C1 1000 Datasheet PDF File

For LC30G191C1 1000 Found Datasheets File :: 150+       Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    LC37G-183C1_60 LC30G LC30G191C1_10 LC30G191C1_100 LC30G191C1_1000 LC30G191C1_150 LC30G191C1_1500 LC30G191C1_30 LC30G191C

List of Unclassifed Manufacturers
ETC[ETC]
Electronic Theatre Controls, Inc.
Part No. LC37G-183C1_60 LC30G LC30G191C1_10 LC30G191C1_100 LC30G191C1_1000 LC30G191C1_150 LC30G191C1_1500 LC30G191C1_30 LC30G191C1_300 LC30G191C1_500 LC30G191C1_60 LC37G LC37G-183C1_10 LC37G-183C1_100 LC37G-183C1_1000 LC37G-183C1_150 LC37G-183C1_1500 LC37G-183C1_30 LC37G-183C1_300 LC37G-183C1_500 LC30G191C1/10 LC30G191C1/100 LC30G191C1/1000 LC30G191C1/150 LC30G191C1/1500 LC30G191C1/30 LC30G191C1/300 LC30G191C1/500 LC37G-183C1/100 LC37G-183C1/1000 LC37G-183C1/150 LC37G-183C1/1500 LC37G-183C1/500 LC37G-183C1/300 LC37G-183C1/60 LC30G191C1/60 LC37G-183C1/30 LC37G-183C1/10
Description From old datasheet system
Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:30pF/ft RoHS Compliant: Yes
Belden Shielded Riser Multi-Conductor Cable, Wire Size: 18 AWG, Number of Conductors: 2, Length: 500 feet, Conductor Material: Bare Copper Solid, Shielding: Beldfoil, Jacket: Red PVC
Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:FRPE - Flame Retardant Polyethylene; Leaded Process Compatible:Yes; Capacitance:27uF; Conductor Material:Copper RoHS Compliant: Yes
Belden Unshielded Riser Multi-Conductor Cable, Wire Size: 18 AWG, Number of Conductors: 2, Length: 500 feet, Conductor Material: Bare Copper, Jacket: Gray PVC, Applications: Security systems, intercom/PA systems, sound/audio, power l
Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:7 x 28; Jacket Material:FRPE - Flame Retardant Polyethylene; Leaded Process Compatible:Yes; Capacitance:31uF; Conductor Material:Copper RoHS Compliant: Yes
Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:33pF/ft RoHS Compliant: Yes
TRANS PNP BIPOLAR 45V SOT323
DC GEARED MOTORS 直流减速电

File Size 113.34K  /  2 Page

View it Online

Download Datasheet