Part Number Hot Search : 
1P7460 BU2520 812H12 MAX4827 1N5081 C74VHC1 PSMN013 PA153
Product Description
Full Text Search
  k-b Datasheet PDF File

For k-b Found Datasheets File :: 136649    Search Time::3.14ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2SA1096 2SA1096A 2SC2497A 2SC2497

PANASONIC[Panasonic Semiconductor]
Part No. 2SA1096 2SA1096A 2SC2497A 2SC2497
OCR Text ...Base to emitter resistance RBE (k) Ambient temperature Ta (C) 189 2SC2497, 2SC2497A Area of safe operation (ASO) 10 3 ICP IC t=1s...B. Panasonic is endeavoring to continually improve the quality and reliability of these materials bu...
Description    Silicon NPN epitaxial planar type(For low-frequency power amplification)

File Size 68.48K  /  4 Page

View it Online

Download Datasheet





    2SA1190 2SA1191

HITACHI[Hitachi Semiconductor]
Part No. 2SA1190 2SA1191
OCR Text ... = -6 V, I C = -0.1 mA, Rg = 10 k f = 1 kHz VCE = -6 V, I C = -0.1 mA, Rg = 10 k f = 10 Hz VCB = -6 V, I C = -10 mA, Rg = 0, f = 1 kHz -- 0.2 2.0 -- 0.2 2.0 dB Noise voltage reffered to input en -- 0.7 --...
Description Silicon PNP Epitaxial

File Size 44.42K  /  10 Page

View it Online

Download Datasheet

    2SA2027

Isahaya Electronics Corporation
ETC[ETC]
List of Unclassifed Manufacturers
Part No. 2SA2027
OCR Text ...--OZ-* *E-{Z`--I*Aq--l--p"rE1/2"K*OECTn"dZq**i*w"u1/23/4-1/2IZQ*lZ`--A e*A-{Z`--'EL*UI Z*p*i*nEAACTn"dZq*S--L*e'm"I*aZYOE I`1/4IOE --IZAZ{*AZg--p-`o*eaIAI eUn*B *E-{Z`--EL*UI**if*[^*A*}*A*\I`1/4--pnH--aIZg--pENo*e`SQ*A`aeZOZO*S--LIOE --E`I*...
Description SILICON EPITAXIAL TRANSISTOR

File Size 54.89K  /  4 Page

View it Online

Download Datasheet

    2SA673A 2SA673AK 2SA673A_K

Hitachi,Ltd.
HITACHI[Hitachi Semiconductor]
Part No. 2SA673A 2SA673AK 2SA673A_K
OCR Text K) Silicon PNP Epitaxial Application * Low frequency amplifier * Medium speed switching Outline TO-92 (1) 1. Emitter 2. Collecto...B 60 to 120 C 100 to 200 D 160 to 320 See 2SA673A except for the above - mentioned characteristic...
Description Silicon PNP Epitaxial

File Size 35.43K  /  8 Page

View it Online

Download Datasheet

    2SA743 2SA743A

HITACHI[Hitachi Semiconductor]
Part No. 2SA743 2SA743A
OCR Text ...mA, IC = 0 VCE = -50 V, RBE = 1 k VCE = -80 V, RBE = 1 k VCE = -4 V, IC = -50 mA VCE = -4 V, IC = -1 A (pulse) VCE = -4 V, IC = -50 mA I C =...B 60 to 120 1. The 2SA743 and 2SA743A is grouped by hFE as follows. C 100 to 200 2 2SA743, ...
Description Silicon PNP Transistor
Silicon PNP Epitaxial

File Size 30.46K  /  6 Page

View it Online

Download Datasheet

    2SA778 2SA778A 2SA778AK 2SA778K 2SA778_K 2SA778A_K

HITACHI[Hitachi Semiconductor]
Part No. 2SA778 2SA778A 2SA778AK 2SA778K 2SA778_K 2SA778A_K
OCR Text K), 2SA778A(K) Silicon PNP Epitaxial Application High voltage medium speed switching Outline TO-92 (1) 1. Emitter 2. Collector 3...B = -1 mA I C = -15 mA, I B = -1 mA VCB = -10 V, IE = 0, f = 1 MHz VCE = -3 V, I C = -15 mA VCC = -1...
Description Silicon PNP Epitaxial

File Size 41.66K  /  8 Page

View it Online

Download Datasheet

    2SA836

HITACHI[Hitachi Semiconductor]
Part No. 2SA836
OCR Text ...E = -6 V, I C = -0.1mA, Rg = 10 k f = 10 Hz f = 1 kHz Note: C 1. The 2SA836 is grouped by hFE as follows. D 250 to 500 160 to 320 ...B dB 6 B 4d d dB 5 3 dB 2 dB 1 Contours of Constant Noise Figure (1) 50 k 20 k 10 k 5k 2k 1k 500 ...
Description Silicon PNP Epitaxial

File Size 31.87K  /  6 Page

View it Online

Download Datasheet

    2SA872 2SA872A

HITACHI[Hitachi Semiconductor]
Part No. 2SA872 2SA872A
OCR Text ..., f = 10 Hz I C = -50 A Rg = 50 k f = 1 kHz Typ -- -- -- -- -- -- -- 120 1.8 -- -90 -- -- DC current tarnsfer ratio hFE1* hFE2 Base to emitter voltage VBE Collector to emitter saturation voltage 250 160 -- -- -- -- -- -0.75 -...
Description Silicon PNP Transistor
Silicon PNP Epitaxial

File Size 36.33K  /  7 Page

View it Online

Download Datasheet

    2SA886 2SA0886

PANASONIC[Panasonic Semiconductor]
Part No. 2SA886 2SA0886
OCR Text ... Base-emitter resistance RBE (k) Ambient temperature Ta (C) 2 SJD00003BED 2SA0886 Safe operation area -10 ICP Single pulse TC=25C Rth t 104 (1)Without heat sink (2)With a 100x100x2mm Al heat sink Collector current ...
Description Power Device - Power Transistors - Others
Silicon PNP epitaxial planar type (For low-frequency power amplification Complementary)

File Size 89.38K  /  5 Page

View it Online

Download Datasheet

    2SA893 2SA893A

HITACHI[Hitachi Semiconductor]
Part No. 2SA893 2SA893A
OCR Text ...VCE = -6 V, I C = -50 A Rg = 50 k, f = 1 kHz Min -90 -- -- Typ -- -- -- -- -- -- 120 1.8 2 -120 -- -- -- 250 -- -- -- -- -- 120 1.8 2 DC current transfer ratio hFE* Base to emitter voltage VBE Collector to emitter saturation vol...
Description Silicon PNP Epitaxial

File Size 23.37K  /  5 Page

View it Online

Download Datasheet

For k-b Found Datasheets File :: 136649    Search Time::3.14ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of k-b

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.7796521186829