Part Number Hot Search : 
HT46R23 D8749H MM1662K 30620 D8284A LT11151 1N58311 2409D
Product Description
Full Text Search
  iron-core Datasheet PDF File

For iron-core Found Datasheets File :: 871    Search Time::1.094ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    L816PW-2R2MF L816PW-3R3MF L816PW-6R8MF L816PW-4R7MF L816PW-1R0MF L816PW-100MF L816PW-R68MF L816PW-R39MF L816PW-1R5MF L81

Superworld Electronics
Part No. L816PW-2R2MF L816PW-3R3MF L816PW-6R8MF L816PW-4R7MF L816PW-1R0MF L816PW-100MF L816PW-R68MF L816PW-R39MF L816PW-1R5MF L816PW
OCR Text ...g in Figure 1. 11-2.2 Soldering Iron (Figure 2) : Products attachment with soldering iron is discouraged due to the inherent process control limitations. In the event that a soldering iron must be employed the following precautions are reco...
Description HIGH CURRENT MOLDED POWER INDUCTORS

File Size 358.34K  /  9 Page

View it Online

Download Datasheet





    W3F371-RA-10 W3F900-RD-10 W3F161-RD-10 W3F221-RC-10 W3F121-RD-10

Superworld Electronics
Part No. W3F371-RA-10 W3F900-RD-10 W3F161-RD-10 W3F221-RC-10 W3F121-RD-10
OCR Text ...ng in Figure 1. 9-2.2 Soldering Iron (Figure 2) : Products attachment with soldering iron is discouraged due to the inherent process control limitations. In the event that a soldering iron must be employed the following precautions are reco...
Description WIREWOUND TYPE COMMON MODE FILTER

File Size 275.65K  /  6 Page

View it Online

Download Datasheet

    LPT-3535 LPT-3535-5R0LA LPT-3535-5R0LB LPT-3535-5R0LC LPT-3535-100LA LPT-3535-100LC LPT-3535-101LC LPT-3535-150LC LPT-35

Vishay Intertechnology,Inc.
Vishay Siliconix
Vishay Intertechnology, Inc.
Vishay Beyschlag
Part No. LPT-3535 LPT-3535-5R0LA LPT-3535-5R0LB LPT-3535-5R0LC LPT-3535-100LA LPT-3535-100LC LPT-3535-101LC LPT-3535-150LC LPT-3535-151LA LPT-3535-151LC LPT-3535-1R0LB LPT-3535-100LB LPT-3535-101LB LPT-3535-1R0LA LPT-3535-101LA LPT-3535-150LB LPT-3535-151LB LPT-3535-1R5LA LPT-3535-1R0LC LPT-3535-1R5LB LPT-3535-150LA LPT-3535-3R3LA LPT-3535-3R3LC LPT-3535-3R3LB LPT-3535-330LA LPT-3535-250LC LPT-3535-331LB LPT-3535-331LC
OCR Text Iron and MPP Cores FEATURES * Toroidal design for minimal EMI radiation in DC to DC converter applications. * Designed to support the grow...CORE IND. VALUES (40C ) (LBIAS) [30%] 0.005 1.0 6.42 LPT-3535-1R0LA 0.48 @ 7.05 0.800 1.5 4.77 LPT-3...
Description Customizable, Kool-Mu, Powdered Iron and MPP Cores
CONTACT
SCREW
TERMINAL
Transformers Customizable/ Surface Mount Torodial/ Kool-Mu/ Powdered Iron and MPP Cores
Transformers Customizable, Surface Mount Torodial, Kool-Mu, Powdered Iron and MPP Cores 变压器定制,表面贴装Torodial,库尔木,铁粉和MPP的芯

File Size 261.34K  /  2 Page

View it Online

Download Datasheet

    SGS Thomson Microelectronics
Part No. AN510
OCR Text ...eans that a cheap and efficient iron powder core can be used. When operating with ripple currents larger than around 1A, the larger dI/dt leads to the occurence of skin effects and large eddy currents in an iron powder core, meaning that op...
Description CIRCUITS FOR POWER FACTOR CORRECTION WITH REGARDS TO MAINS FILTERING

File Size 152.43K  /  9 Page

View it Online

Download Datasheet

    COILCRAFT INC
Part No. PT4215-4
OCR Text ...des. also available in powdered iron powered iron e cores are now available for all coilcraft standard e core packages except the pt 7019. this has extended the versatility of these packages, making them an ideal choice for power inductors ...
Description 250 W, SMPS TRANSFORMER

File Size 677.28K  /  5 Page

View it Online

Download Datasheet

    东电中国)投资有限公司
Part No. UF1815SG-151Y2R2-01 UF1815SG-181Y1R6-01 UF1717V-201Y1R6-01 UF1717V-200Y2R0-03
OCR Text ...ure1 3505C, 5sec max. Soldering iron method Electrical Appliance and Material Safety Applicable safety Law ("DENAN"), IEC60065, UL6500, CSA ...core and yet it offers excellent noise suppression into the high frequencies due to its low distribu...
Description
File Size 87.38K  /  4 Page

View it Online

Download Datasheet

    EPCOS AG
Part No. B82623-G1-A5 B82623-G1-A8 B82623-G1-A11 B82623-G1-A10 B82623-G1-A3
OCR Text ...n n ring core double choke with iron powder core n plastic case n complete resin potting features n case and potting flame-retardant as per ul 94 v-0 n high differential-mode attenuation n low stray inductance applications n attenuation of ...
Description Chokes for Power Lines 扼流圈的电力

File Size 36.93K  /  2 Page

View it Online

Download Datasheet

    EPCOS AG
Part No. B82617-F2103-M1 B82625-B2202-M1 B82625-B2102-M1 B82625-B2302-M1 B82625-B2402-M1 B82625-B2602-M1 B82625-B2502-M1 B82615 B82617-F2102-M1 B82617-F2402-M1 B82617-F2802-M1 B82617-F2602-M1 B82617-F2502-M1 B82617-F2202-M1 B82617-F2302-M1 B82615-B2402-M1 B82615-B2102-M1 B82615-B2302-M1 B82615-B2502-M1 B82615-B2202-M1 B82615-B2602-M1
OCR Text Iron Powder Core Harmonic chokes Rated voltage 250 Vac / 350 Vdc Rated current 1 A to 10 A Rated inductance 0,18 to 40 mH Construction s s s s s B82615 ... B82627 Ring core choke with iron powder core Two sizes (B8265 and B8267) Sin...
Description Chokes for Power Lines Ring Core Chokes with Iron Powder Core 电力线环芯电感扼流圈与铁粉芯

File Size 198.32K  /  6 Page

View it Online

Download Datasheet

    Vishay Intertechnology,Inc.
Part No. LPT3535
OCR Text ...t torodial, kool-mu ? , powered iron and mpp cores dimensions in inches [millimeters] pad layout 0.160 [4.06] 0.392 sq. [9.96 sq.] 0.120 [3...core standard ind. values actual ind. - h (loc) 15 % rated idc (40 c) ind. at idc (l bi...
Description Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu, Powered Iron and MPP Cores

File Size 88.08K  /  3 Page

View it Online

Download Datasheet

    Vishay
Part No. IMS-2
OCR Text ...e range: - 55 c to + 105 c. iron core ferrite core iron core ims-2 vishay dale document number 34045 revision 12-aug-02 www.vishay.com 23 for technical questions, contact magnetics@vishay .com mechanical specifications terminal str...
Description MIL-C-15305 Qualified, Type LT and commercial, Molded, Shielded

File Size 85.15K  /  2 Page

View it Online

Download Datasheet

For iron-core Found Datasheets File :: 871    Search Time::1.094ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of iron-core

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.79483604431152