Part Number Hot Search : 
38900 P0111 DTC114E DTC114E C1330HA 0402A 5335S 1N5632
Product Description
Full Text Search
  iris zoom focus Datasheet PDF File

For iris zoom focus  Found Datasheets File :: 32    Search Time::1.437ms    
Page :: | <1> | 2 | 3 | 4 |   

    FAN8702 FAN8702B FAN8702MP FAN8702MPX

FAIRCHILD[Fairchild Semiconductor]
Part No. FAN8702 FAN8702B FAN8702MP FAN8702MPX
OCR Text ...itable for shutter, auto-focus, iris and zoom motor drive. 48-LQFP-0707 48MLP7X7 Typical Applications * DSC * Mobile Phone Camera Ordering Information Device FAN8702MP FAN8702MPX FAN8702 FAN8702B Package 48MLP 7X7 48MLP 7X7 48...
Description 6CH Motor Drive IC
6 Channel DSC Motor Driver

File Size 355.48K  /  20 Page

View it Online

Download Datasheet





    FAN8700

FAIRCHILD SEMICONDUCTOR CORP
FAIRCHILD[Fairchild Semiconductor]
Part No. FAN8700
OCR Text ...8 PG 17 DM1 DM2 M 16 iris M zoom 15 14 13 12 11 10 M Shutter 9 AF M Actuator DAT2 DM3 RBT NC SG PG VCC FAN8700 SM1 VDI SM2 VDD SM5 VSM SEL CTL1 CTL2 CTL3 PG PVE PG SM4 SM3 1 2...
Description Camera Motor Drive and Control IC

File Size 142.92K  /  14 Page

View it Online

Download Datasheet

    Sinartis
Part No. OM02
OCR Text ... Video out: * Shutter: * S/N: * iris: * AGC: CCD 1/3" CCIR B/W 795 Hor. x 596 Ver. 625 lines 50 fields/sec 1 Volt p-p / 75 Ohm 1/50--1/120.0...zoom 2X active) mm Laser 3.6 x 4.8 (1.8 x 2.4) mm e BGA 2.3 x 3 (1.1 x 1.5 ) mm. Being the working a...
Description Special CCD Cameras

File Size 445.04K  /  2 Page

View it Online

Download Datasheet

    ICS300-CAB12 ICS300-CCB12 ICS300-CRB12 ICS300-CSB12 ICS300-MAB12 ICS300-MC8 ICS300-CA3 ICS300-CA6 ICS300-CA8 ICS300-CC3

ETC[ETC]
Part No. ICS300-CAB12 ICS300-CCB12 ICS300-CRB12 ICS300-CSB12 ICS300-MAB12 ICS300-MC8 ICS300-CA3 ICS300-CA6 ICS300-CA8 ICS300-CC3 ICS300-CC6 ICS300-CC8 ICS300-CR3 ICS300-CR6 ICS300-CR8 ICS300-CRV3A ICS300-CS3 ICS300-CS6 ICS300-CS8 ICS300-CSV3A ICS300-MA3 ICS300-MA6 ICS300-MA8 ICS300-MC12 ICS300-MC3 ICS300-MC6
OCR Text ... Lens of 3 mm to 6 mm with Auto iris, Available with High Resolution Color Camera AC Line Lock with All Color Cameras in 24 VAC Operation Al...zoom Angle of View** Horizontal Diagonal Vertical 90 -- 69 2.9 mm 2.0 Fixed N/A N/A 87 -- 67 42 -- 3...
Description 300 Series CamclosureTM Camera System INTEGRATED CAMERA SYSTEM, INDOOR/OUTDOOR, WALL OR CEILING

File Size 88.53K  /  4 Page

View it Online

Download Datasheet

    LB8658FN LB8658PL

Sanyo Semicon Device
Part No. LB8658FN LB8658PL
OCR Text ...orts a constant voltage for the iris H-bridge x1 : a voice coil motor (VCM) x1. - Constant voltage drive. - VC4 allows the independent const...zoom H-bridge x1 : a DC motor (DCM) x1. - Constant voltage drive. - VC3 allows the independent const...
Description Monolithic Digital IC DSC Motor Driver

File Size 258.40K  /  16 Page

View it Online

Download Datasheet

    APX6223QDI-TY APX6223QDI-TYL APX6223QBI-TY APX6223QBI-TYL APX6223

ANPEC[Anpec Electronics Coropration]
Part No. APX6223QDI-TY APX6223QDI-TYL APX6223QBI-TY APX6223QBI-TYL APX6223
OCR Text ...UT4A 46 OUT3B Stepping or DC iris M 14 18 21 22 OUT2B 19 OUT2A OUT1B Stepping focus 32 28 VBB5 40 VBB34 41 42 45 OUT3A...zoom M 39 43 47 Stepping or DC iris M 14 18 22 Stepping focus 33 OUT6B RNF6 10uF ...
Description DSC Motors Driver IC

File Size 579.71K  /  16 Page

View it Online

Download Datasheet

    AT5558N AT5558N-GRE AT5558

AIMTRON[Aimtron Technology]
Part No. AT5558N AT5558N-GRE AT5558
OCR Text ... VM2 OUT3A OUT3B OUT4A OUT4B iris 0.01~0.1uF (option) zoom 0.01~0.1uF (option) IN5A IN5B VM3 OUT5A OUT5B Shutter 0.01~0.1uF (option) Vref VC12 VC3 VC4 VC5 RFG 1 0.1uF 3.3k 20k 3.3k 100k 75k 100k ...
Description 5-Channel DSC Motor Driver

File Size 214.61K  /  13 Page

View it Online

Download Datasheet

    FAIRCHILD[Fairchild Semiconductor]
Part No. FAN8705
OCR Text ...ks suitable for shutter, single iris,auto-focus and zoom motor drive. 40MLP5X5 Applications n DSC, Mobile phone camera Ordering Information Device FAN8705 Package 40-MLP Operating Temp. -25C ~ 80C (c)2005 Fairchild Semic...
Description 5 Channel DSC Motor Driver

File Size 526.09K  /  24 Page

View it Online

Download Datasheet

    PT506-24A PT506-24A220 PT506-24DT PT506-24DT220

List of Unclassifed Manufacturers
ETC
Part No. PT506-24A PT506-24A220 PT506-24DT PT506-24DT220
OCR Text ...ngertip control of zoom, focus, iris, and lens speed functions, with push button selection of up to 6 sites, and joystick control of the pan/tilt. When used with the RB115 relay box, the control can be used with 120 VAC pan/tilts (one relay...
Description PAN/TILT AND zoom LENS FUNCTIONS, MULTIPLE LOCATIONS

File Size 126.40K  /  2 Page

View it Online

Download Datasheet

For iris zoom focus  Found Datasheets File :: 32    Search Time::1.437ms    
Page :: | <1> | 2 | 3 | 4 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of iris zoom focus

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.55409097671509