Part Number Hot Search : 
1N3031B PIP24 TP10AS 1N5348 D946B WXXXK GRM21 2SC52
Product Description
Full Text Search
  ip3 Datasheet PDF File

For ip3 Found Datasheets File :: 7538    Search Time::1.578ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MFC-PO13811-QDG

United Monolithic Semiconductors
Part No. MFC-PO13811-QDG
OCR Text ...pression (1) Noise Figure Input ip3 Input LO VSWR Input RF VSWR Bias current (2) Min 37 17.5 DC 12 0 12 4.5 -5 2.0:1 1.7:1 140 mA Typ Max 40 21 3.5 Unit GHz GHz GHz dB dBm dBc dB dBm (1) With external I/Q 90 hybrid coupler (2) Typically,...
Description 37-40GHz Down converter

File Size 458.30K  /  10 Page

View it Online

Download Datasheet





    HMC812LC4

Hittite Microwave Corporation
Part No. HMC812LC4
OCR Text ...ly a small degradation in input ip3 performance. Applications include AGC circuits and temperature compensation of multiple gain stages in microwave point-to-point and VSAT radios. Electrical Specifi cations, TA = +25 C, 50 Ohm system P...
Description GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 30 GHz

File Size 293.69K  /  8 Page

View it Online

Download Datasheet

    HMC815LC510

Hittite Microwave Corporation
http://
Part No. HMC815LC510
OCR Text ...O to RF Isolation: 10 dB Output ip3: +27 dBm 32 Lead 5x5mm SMT Package: 25mm2 10 MIXERS - I/Q MIXERS, IRMS & RECEIVERS - SMT * Military Radar, EW & ELINT * Satellite Communications * Sensors Functional Diagram General Descripti...
Description GaAs MMIC I/Q UPCONVERTER 21 - 27 GHz

File Size 681.15K  /  16 Page

View it Online

Download Datasheet

    HMC815LC5

Hittite Microwave Corporation
Part No. HMC815LC5
OCR Text ...O to RF Isolation: 10 dB Output ip3: +27 dBm 32 Lead 5x5mm SMT Package: 25mm2 8 MIXERS - I/Q MIXERS, IRMS & RECEIVERS - SMT * Military Radar, EW & ELINT * Satellite Communications * Sensors Functional Diagram General Descriptio...
Description GaAs MMIC I/Q UPCONVERTER 21 - 27 GHz

File Size 680.80K  /  16 Page

View it Online

Download Datasheet

    Pasternack Enterprises, Inc.
Part No. PE15A1008
OCR Text ...ain flatness: 0.75 db ? output ip3: 23 dbm ? noise figure: 1.6 db ? reverse isolation: 50 db ? 50 ohm input and output matched ? -40 to 85c operating temperature ? unconditionally stable ? single dc positive supply ? built-in voltag...
Description 23 dBm ip3, 1.6 dB NF, 13 dBm, 20 MHz to 3 GHz, Low Noise Amplifier

File Size 710.94K  /  5 Page

View it Online

Download Datasheet

    HMC816LP4E

Hittite Microwave Corporation
Part No. HMC816LP4E
OCR Text ...dB High Gain: 22 dB High Output ip3: +37 dBm Single Supply: +3V to +5V 50 Ohm Matched Input/Output 24 Lead 4x4mm QFN Package: 16 mm2 8 LOW NOISE AMPLIFIERS - SMT Typical Applications The HMC816LP4E is ideal for: * Cellular/3G and LT...
Description SMT GaAs PHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 230 - 660 MHz

File Size 440.69K  /  8 Page

View it Online

Download Datasheet

    HMC716LP3 HMC716LP3E

Hittite Microwave Corporation
Part No. HMC716LP3 HMC716LP3E
OCR Text ...plifier, 3.1 - 3.9 ghz output ip3 and supply current vs. supply voltage @ 3300 mhz [3] [1] vdd = 5v, r bias = 820 [2] vdd = 3v, r bias = 47k [3] r bias = 820 for vdd = 5v, r bias = 47k for vdd = 3v [4] m easur...
Description GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 3.1 - 3.9 GHz

File Size 413.46K  /  10 Page

View it Online

Download Datasheet

    RF2045 RF2045PCBA

RFMD[RF Micro Devices]
Part No. RF2045 RF2045PCBA
OCR Text ...all Signal Gain * +32dBm Output ip3 GND 4 MARKING - C5 * +18dBm Output Power * Excellent Gain Flatness RF IN 1 3 RF OUT Ordering Information 2 GND RF2045 RF2045 PCBA General Purpose Amplifier Fully Assembled Evaluation Boar...
Description GENERAL PURPOSE AMPLIFIER

File Size 66.49K  /  6 Page

View it Online

Download Datasheet

    RF2945

RFMD[RF Micro Devices]
Part No. RF2945
OCR Text ...ded Noise Figure Cascaded Input ip3 RX Sensitivity LO Leakage RSSI DC Output Range RSSI Sensitivity RSSI Dynamic Range -91.5 300 to 1000 35 23 10 -31 -26 -96 -55 0.5 to 2.5 22.5 80 Freq=433MHz Freq=915MHz Freq=433MHz Freq=915MHz IF BW =400k...
Description 433/868/915MHZ FSK/ASK/OOK TRANSCEIVER

File Size 741.21K  /  24 Page

View it Online

Download Datasheet

    HMC718LP4 HMC718LP4E

Hittite Microwave Corporation
Part No. HMC718LP4 HMC718LP4E
OCR Text ... / 718lp4e gaas phemt mmic high ip3 low noise amplifier, 0.6 - 1.4 ghz v01.1008 general description features functional diagram typical applications electrical specifcations, t a = +25c, rbias = 3.92k ohms* p arameter vdd = +3v vdd = +...
Description GaAs PHEMT MMIC HIGH ip3 LOW NOISE AMPLIFIER, 0.6 - 1.4 GHz

File Size 382.82K  /  10 Page

View it Online

Download Datasheet

For ip3 Found Datasheets File :: 7538    Search Time::1.578ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of ip3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.2543668746948