Part Number Hot Search : 
CD4772 C9106 35035 6N139W MA158 5N2305 G0512 TLE42
Product Description
Full Text Search
  interfaces Datasheet PDF File

For interfaces Found Datasheets File :: 20515    Search Time::1.187ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MCIMX2510

Freescale Semiconductor, Inc
Part No. MCIMX2510
OCR Text ...board EEPROM, and smart battery interfaces, for example: Dallas DS2502. The ARM926 Platform consists of the ARM926EJ-STM core, the ETM real-time debug modules, a 5x5 Multi-Layer AHB crossbar switch, and a "primary AHB" complex. It contains ...
Description i.MX25 Applications Processor for Automotive Products

File Size 1,697.84K  /  132 Page

View it Online

Download Datasheet





    STV8116

STMicroelectronics
Part No. STV8116
OCR Text ...8116 features five standard I/O interfaces (3wire serial, 3-wire SPI, 4-wire SPI, 68000 parallel and 8080 parallel) for easy interfacing with the host microcontroller. 162x132 display matrix 200A max column current 100mA max row current ...
Description 162 RGB x 132 single chip true 262K color OLED controller/driver

File Size 171.67K  /  4 Page

View it Online

Download Datasheet

    ES7020BDF ES7020BF ES7020

ESS Technology,Inc
Part No. ES7020BDF ES7020BF ES7020
OCR Text ... SDRAM, clock, and decoder RISC interfaces of the ES7020, appears in Figure 1. 1 2 3 4 5 6 7 The pound symbol (#) denotes an active-low signal. The rest of the ES7020 device pinout appears in Figure 2, Figure 3 and Figure 4. 8 9 ...
Description Vantage-II Audio/Video Codec Product Brief

File Size 52.68K  /  6 Page

View it Online

Download Datasheet

    STW5098 STW5098BBLF STW5098BBLR STW5098BBLT STW5098T

STMicroelectronics
Part No. STW5098 STW5098BBLF STW5098BBLR STW5098BBLT STW5098T
OCR Text ...and DAC Dual I2S or PCM digital interfaces for dual master Sustain complex voice and audio flow with or without mixing I2C/SPI compatible control I/F Asynchronous sampling ADC and DAC: they do not require oversampled clock and information o...
Description Dual low power asynchronous stereo audio Codec with integrated power amplifiers

File Size 779.10K  /  85 Page

View it Online

Download Datasheet

    STR71XF07 STR715FR0XX STR711FR0XX STR710FR2XX STR710FZ1XX STR715FR0T1

STMicroelectronics
Part No. STR71XF07 STR715FR0XX STR711FR0XX STR710FR2XX STR710FZ1XX STR715FR0T1
OCR Text interfaces Features Core - ARM7TDMI 32-bit RISC CPU - 59 MIPS @ 66 MHz from SRAM - 45 MIPS @ 50 MHz from Flash Memories - Up to 256 Kbytes Flash program memory (10 kcycles endurance, 20 yrs retention @ 85 C) - 16K bytes Flash data mem...
Description ARM7TDMI⑩ 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces

File Size 920.98K  /  77 Page

View it Online

Download Datasheet

    STE2130S

STMicroelectronics
Part No. STE2130S
OCR Text ...rity inversion Selectable input interfaces: - 68000 and 8080 parallel interfaces - 3- and 4- wire SPI interface - 3-wire 9-bit serial Interface Selectable scan direction 4 programmable gamma look-up tables for gamma setting Fully integrated...
Description    240RGB x 320 single chip true 262K color controller/driver

File Size 50.42K  /  4 Page

View it Online

Download Datasheet

    KS05UL5

SeCoS Halbleitertechnologie GmbH
Part No. KS05UL5
OCR Text interfaces 07-jun-2013 rev. a page 1 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. millimeter millimeter ref. min. max. ref. min. max. a 2.40 2.60 f 0.41 ...
Description Ultra Low Capacitance ESD Protection for high-speed interfaces

File Size 770.07K  /  3 Page

View it Online

Download Datasheet

    STA2416

STMicroelectronics
Part No. STA2416
OCR Text ...DV - eSCO: EV3, 5 Communication interfaces - Synchronous serial interface, supporting up to 32-bit data - Two enhanced 16550 UARTs with 128-byte FIFO depth - 12 Mbps USB interface - Fast master I2C bus interface - Multi slot PCM interface -...
Description Bluetooth⑩ Baseband with integrated flash

File Size 357.27K  /  38 Page

View it Online

Download Datasheet

    MT90528AG MT90528AG2 MT90528

Zarlink Semiconductor Inc
Part No. MT90528AG MT90528AG2 MT90528
OCR Text ... of 28 independent DS1/E1/STBUS interfaces Supports AAL1 trunking, with up to 128 TDM channels per VC (af-vtoa-0089.001) Supports CAS transmission and reception in all structured modes of operation Supports simultaneous processing of up to ...
Description 28-Port Primary Rate Circuit Emulation AAL1 SAR

File Size 1,613.98K  /  195 Page

View it Online

Download Datasheet

For interfaces Found Datasheets File :: 20515    Search Time::1.187ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of interfaces

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.7377619743347