Part Number Hot Search : 
AIC1647 MT3S11T SR103 4HCT37 74VCX1 78M00 NJM2795 ERTEC
Product Description
Full Text Search
  idc2.8 Datasheet PDF File

For idc2.8 Found Datasheets File :: 142    Search Time::1.796ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    UPD17P401 UPD17P401CG

NEC[NEC]
Part No. UPD17P401 UPD17P401CG
OCR Text ...1 XIN, XOUT XTIN, XTOUT IDC0 to IDC2 BLK0 to BLK2 HSYNC : Serial clock input/output : Serial data inputs : Serial data outputs : Serial cloc...8 bit Module Timer X IN /CLK OSC X OUT LCD 0 /KS 0 P0A 0 -P0A 3 RF P0B 0 -P0B 3 P0C0 /MD 0 P0C...
Description ONE-TIME PROM VERSION 4-BIT SINGLE CHIP MICROCONTROLLER WITH DEDICATED ON-CHIP VCR CAMERA HARDWARE

File Size 349.20K  /  32 Page

View it Online

Download Datasheet





    TEA2260 TEA2261

ST Microelectronics
STMICROELECTRONICS[STMicroelectronics]
Part No. TEA2260 TEA2261
OCR Text ...VIS IBIN IBIS VIM1 VIM2 VIM VC2 IDC2 ICC2 IBI(max) 4/9 0.6 0.85 0.15 0.3 0.4 600 900 300 2.55 10 45 0.2 1.2 V V A A mV mV mV V A A A CURR...8 3 14 1nF 82k 330 1nF nF 330 nF 1 2.2 H 22k 2 4 6 5 47 F BY299 SGSF 344 10 F 16V 22...
Description SWITCH MODE POWER SUPPLY CONTROLLER

File Size 159.25K  /  9 Page

View it Online

Download Datasheet

    TEA2262

ST Microelectronics
STMICROELECTRONICS[STMicroelectronics]
Part No. TEA2262
OCR Text ...ATION SECTION VIM1 VIM2 VIM VC2 IDC2 ICC2 IBI(max) First Current Limitation Threshold Second Current Limitation Threshold Thresholds Differe...8.5V) output pulses are inhibited, in order to avoid wrong operation of the power supply or bad powe...
Description SWITCH MODE POWER SUPPLY CONTROLLER

File Size 88.65K  /  9 Page

View it Online

Download Datasheet

    CPC5602C CPC5602CTR

Clare Inc
Clare Inc.
CLARE[Clare, Inc.]
Part No. CPC5602C CPC5602CTR
OCR Text ...MBOL V(BR)DSS VGS1 ID1 ID2 IDC1 IDC2 RDS IGSS CISS OJC MIN 350 -3.6 130 125 60 TYP 8 MAX --2 5 10 .1 300 14 UNITS V V mA mA mA mA A pF o C/W CONDITIONS VGS=-5v, ID<100A ID=2uA, 10V<VDS<100V VGS=-2.7V, 5V<VDS<50V VGS=-0.57V, 5V<VDS<50V VDS=...
Description N Channel Depletion Mode FET

File Size 74.60K  /  4 Page

View it Online

Download Datasheet

    PBL3852

Ericsson
Part No. PBL3852
OCR Text ...V V IL = 20-100 mA see text, IDC2 = 1.9 mA note 2 at zero signal in the receiver amplifier Notes 1. Adjustable to both higher and lowe...8. 3. Psofometric weighting will give (6-7) dB lower value. (-dB) 4. 150 ohm resistor in test set up...
Description Universal Transmission Circuit

File Size 282.97K  /  24 Page

View it Online

Download Datasheet

    SLF6018T-6R8MR87-K SLF6018T-680MR33-K SLF6018 SLF6018T SLF6018T-100MR68-K SLF6018T-101MR30-K SLF6018T-150MR56-K SLF6018T

Electronic Theatre Controls, Inc.
ETC[ETC]
List of Unclassifed Manufacturers
Part No. SLF6018T-6R8MR87-K SLF6018T-680MR33-K SLF6018 SLF6018T SLF6018T-100MR68-K SLF6018T-101MR30-K SLF6018T-150MR56-K SLF6018T-220MR49-K SLF6018T-330MR38-K SLF6018T-470MR36-K SLF6018T-4R7MR96-K
OCR Text ....93 0.76 0.68 0.58 0.48 0.30 IDC2 0.96 0.87 0.68 0.56 0.49 0.38 0.36 0.33 0.30 [H] 4.7 6.8 10.0 15.0 22.0 33.0 47.0 68.0 100.0 [%] 20 20 20 20 20 20 20 20 20 [A] max. [A] typ. 1 1 1 1 1 1 1 1 1 Rated DC current :...
Description SMD Power Inductor 贴片功率电感

File Size 80.95K  /  1 Page

View it Online

Download Datasheet

    TLE4473GV52 Q67007-A9668 TLE4473GV53 Q67007-A9683

Infineon Technologies AG
Part No. TLE4473GV52 Q67007-A9668 TLE4473GV53 Q67007-A9683
OCR Text ...arged with the constant current IDC2. After the power-onreset time, the voltage at the capacitor reaches VDU2 and the reset output will be s...8 7 GND D1 D2 INH2 INH1 I AEP03318_4473gv53.VSD Pin 6 and heat slug should be connected ...
Description Multiple Voltage Regulator for Automotive Applications
Dual Low Drop Voltage Regulator

File Size 572.74K  /  15 Page

View it Online

Download Datasheet

    TLE4473GV55-2

Infineon Technologies AG
Part No. TLE4473GV55-2
OCR Text ...CD2 is charged with the current IDC2 for output voltages greater than the reset threshold VRT2. If the output voltage gets lower than VRT2 (...8 IN H 1 4 .7 k R e se t Ge n e ra to r R O1 2 e .g . Se n so r Su p p ly e .g . Se n so r R e...
Description Dual Low Drop Voltage Regulator

File Size 282.23K  /  16 Page

View it Online

Download Datasheet

    MB39A102 MB39A102EVB MB39A102PFT

Fujitsu Media Devices Limited
Part No. MB39A102 MB39A102EVB MB39A102PFT
OCR Text ...ounted RLF5018TIDC1 = 0.63 A IDC2 = 0.86 A 220MR63 RLF5018TIDC1 = 0.94 A IDC2 = 1.3 A 100MR94 RLF5018TIDC1 = 0.76 A IDC2 = 1.0 A 150MR76 ...8 MB39A102 Sym Part No bol name 46 C28 47 C29 48 C30 49 C31 50 R1 51 R2 52 R3 53 R4 54 R5 55 R...
Description Evaluation Board

File Size 245.44K  /  24 Page

View it Online

Download Datasheet

    TEA226103 TEA2261_03 TEA2260 TEA2261

STMICROELECTRONICS[STMicroelectronics]
Part No. TEA226103 TEA2261_03 TEA2260 TEA2261
OCR Text ... Capacitor C2 Discharge Current IDC2 Capacitor C2 Charge Current ICC2 IBI(max) Maximum Input Bias Current (Pin 3) 0.6 0.85 0.15 0.3 0....8/11 2261-06.eps TEA2261/0 SECURITY FUNCTIONS OF THE TEA2261 (see flowchart below) Undervolta...
Description SWITCH MODE POWER SUPPLY CONTROLLER

File Size 114.65K  /  11 Page

View it Online

Download Datasheet

For idc2.8 Found Datasheets File :: 142    Search Time::1.796ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of idc2.8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.58295083045959