|
|
|
Electronic Theatre Controls, Inc. NEC, Corp.
|
Part No. |
Z00-24 Z00-16 Z00-4 Z00-10 Z00-6 ZE-24 ZE-04 ZE-6 ZE-06 ZE-024 ZE-4 ZE-9 ZE-16 ZE-10 Z5-70/SK3
|
Description |
ic,SERIAL EEPROM,NOR FLASH,CMOS,LDCC,20PIN,PLASTic ic,EPLD, ALTERA,3256A,144TQFP ic max 7000 cpld 192 160-PQFP ic max 7000 cpld 256 100-TQFP ic max 7000 cpld 64 84-PLCC OVERLOAD RELAY 0.4 TO 0.6A NanoPower Voltage Detectors UEBERLASTRELAIS DIL E 0.16 BIS 0.24 UEBERLASTRELAIS迪勒的位.16国际清算银行0.24 FUSE, 2AG SLO-BLO, SUBMINIATURE, GLASS BODY, 5A, 125V 过载继电070A
|
File Size |
283.03K /
6 Page |
View
it Online |
Download Datasheet |
|
|
|
Microchip Technology, Inc.
|
Part No. |
YTF832
|
Description |
max 7000 cpld 64 MC 44-tqfp 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 4A条(丁)| TO - 220AB现有
|
File Size |
91.74K /
2 Page |
View
it Online |
Download Datasheet |
|
|
|
Carlo Gavazzi
|
Part No. |
ST4842XCQQ ST2642XCVV ST2642XCNV ST2731XCVV ST4742XCVV ST4731XCQQ ST2731XCNV ST4843XCVV ST4841XCVV ST4641XCNV ST4641XCQQ ST4642XCQQ ST4642XCVV ST4643XCNV ST4643XCQQ ST4643XCVV ST2742XCNV ST2741XCQQ
|
Description |
ic max 9000 cpld 560 208-RQFP FPGA, FLEX 10KV, 50K GATES, RQFP240; Logic ic family:FPGA; Logic ic Base Number:10; Logic ic function:EPF10K50V; Voltage, supply:3.3V; Case style FPGA, FLEX 10KA, 10K GATES, PQFP208; Logic ic family:FPGA; Logic ic Base Number:10; Logic ic function:EPF10K10A; Voltage, supply:3.3V; Case style ACEX 1K FPGA, 30K, 1K30, PQFP208; Logic ic family:Programmable; Logic ic Base Number:30; Logic ic function:Programmable; Case style:PQFP; Base number cpld. max 7000, 256 MACROCELLS, PQFP208; Logic ic family:cpld (EPLD); Logic ic Base Number:7256; Logic ic function:EPM7256AE; Voltage, supply:3.3V FPGA, ACEX 1K, 10K GATES, TQFP100; Logic ic family:Programmable; Logic ic Base Number:10; Logic ic function:EP1K10; Voltage, supply:2.50V; Case style:TQFP; Base number:1; Gates, No. of:10000; I/O lines, No. of:66; ic Generic RoHS Compliant: Yes max 3000A cpld 128 MC 144-tqfp max 3000A cpld 32 MC 44-PLCC max II cpld 1270 LE 256-FBGA cpld. max 7000, 192 MACROCELLS, PQFP160; Logic ic family:cpld (EPLD); Logic ic Base Number:7192; Logic ic function:EPM7192S; Voltage, supply:5V; Case style:PQFP; Gates, No. of:3750; I/O lines, No. of:124; Macrocells, No. of:192; RoHS Compliant: Yes max II cpld 240 LE 100-TQFP max 7000 cpld 32 MC 44-PLCC cpld 256CELLS 161/O 10NS [256/FBGA] cpld. max 7000, 160 MACROCELLS, PQFP160; Logic ic family:cpld (EPLD); Logic ic Base Number:7160; Logic ic function:EPM7160S; Voltage, supply:5V; Case style:PQFP; Gates, No. of:3200; I/O lines, No. of:104; Macrocells, No. of:160; RoHS Compliant: Yes ic ACEX 1K FPGA 50K 256-FBGA 通信集成电路 ic ACEX 1K FPGA 30K 208-PQFP 通信集成电路
|
File Size |
1,473.68K /
38 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|