Part Number Hot Search : 
SVC202 OMK63 01M50 01M2A 321K1 40220 DS3234 EN8966
Product Description
Full Text Search
  i-gt Datasheet PDF File

For i-gt Found Datasheets File :: 3118    Search Time::2.296ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Galileo Technology Services, LLC
Part No. GT-48006A
OCR Text ...escription clock and reset rst* i reset: active low. rst* must be asserted for at least 10 clock cycles when in the reset state. following rst* deassertion, the gt-48006a clears the inter- nal buffers and initializes the address table in ...
Description Low Cost Two Port 10/100Mbps Ethernet Bridge/Switch Controller(低成本、双端口10/100Mbps以太网桥交换式控制器)

File Size 359.13K  /  33 Page

View it Online

Download Datasheet





    Galileo
Part No. GT-64260
OCR Text ...A GPIO MPSC 0 (55 Mbps) CPU I/F Device 32-bit, 100 MHz SDRAM 64-bit, 100 MHz PCI 1 64-bit, 66 MHz * Integrated * Eight Crossba...GT-64240 Family GT-64240 CPU Interface Frequency SDRAM Support 4 GB 64-Bit, 100 MHz SDRA...
Description High-performance Mips System Controller For Communications Applications

File Size 1,254.50K  /  6 Page

View it Online

Download Datasheet

    Galileo Technology Services, LLC
Part No. GT-32090
OCR Text ...ories (rom / flash / sram) and i/o controllers - external wait support - 8-, 16-, and 32-bit device (and boot) support ? high performance d...gt-32090 scsi network sio bus ad bus address & 373 32 16 flash uart external agent adbusreq ad...
Description Highly Integrated Single-Chip System Controller(高集成单片系统控制器)

File Size 543.46K  /  67 Page

View it Online

Download Datasheet

    Galileo Technology Services, LLC
Part No. GT-96100A
OCR Text ...y types of standard memory and i/o devices. - up to 4gb address space. - optional external wait-state support. - 8-,16-,32- and 64-bit widt...gt-96100a advanced communication controller revision 1.0 3 ? two 32-bit or...
Description Advanced Communication Controller That Handles a Wide Range of Serial Communication Protocols,such as Ethernet,Fast Ethernet,and HDLC(通信协议的高级通信协议(以太网、快速以太网、HDLC)控制器)

File Size 4,353.94K  /  549 Page

View it Online

Download Datasheet

    Galileo Technology Services, LLC
Part No. GT-64111
OCR Text ...ny types of standard memory and i/o devices - up to 160mb address space - optional external wait-state support - 8-,16-,32- and 64-bit wid...gt-64111 32-bit/66mhz sysad cpu 32-bit/66mhz pci bus network other . . . scsi 32-bit address/data bu...
Description System Controller for RC4640, RM523X and VR4300 CPUs(用于RC4640, RM523XVR4300 CPUs的系统控制器)

File Size 918.46K  /  130 Page

View it Online

Download Datasheet

    Galileo Technology Services, LLC
Part No. GT-64010A
OCR Text ...es (rom / flash / sram) and i/o controllers - up to 160mb address space - external wait support - 8-,16-,32- and 64-bit width device (a...gt-64010a scsi network pci bus other sysad bus address & control data data bypass 32 32 64 i/o ...
Description System Controller with PCI Interface for R4XXX/ R5000 Family CPUs(带PCI接口用于R4XXX/ R5000 系列 CPUs的系统控制器)

File Size 702.90K  /  111 Page

View it Online

Download Datasheet

    Galileo Technology Services, LLC
Part No. GT-64012
OCR Text ...yscmd get driven by the system; i.e., grelease* should be monitored for asser- tion before syscmd and sysad are truly released. in systems w...gt-64010 system controller from galileo takes advantage of this methodology to provide a system desi...
Description Secondary Cache Controller For the MIPS R4600/4650/4700/5000,(用于MIPS R4600/4650/4700/5000处理器的二级高速缓存控制器)

File Size 606.58K  /  24 Page

View it Online

Download Datasheet

    GT-6816

ETC
Part No. GT-6816
OCR Text I. General Descriptions- w w w ethigh-performance color scanner. The GT-6816 is enhanced not only in the AFE (SOC) solution for heEnd) from 12-bit to 16-bit but also built-in an intelligent power management circuit to (Analog S ...
Description SCANNER Chips

File Size 285.64K  /  63 Page

View it Online

Download Datasheet

    Electronic Theatre Controls, Inc.
Part No. GT-25-24 GT-25-12 GT-25-15 GT-25-5
OCR Text ... 950, TUV TO EN 60950, CE CLASS I 3000VAC PRIMARY-SECONDARY; 1500 VAC PRIMARY- GROUND < 0.75 mA @ 240 VAC EN 61000-4-5 LEVEL 4 COMPLIES WITH...GT-25 SERIES 25W Switching Power Supplies Data Sheet ISO 9001 REGISTERED SWITCHING POWER ...
Description SWITCHING POWER SUPPLY, SINGLE OUTPUT: 25 WATTS, ENCLOSED, UNIVERSAL INPUT 开关电源,单路输出25瓦,封闭,通用输入

File Size 283.89K  /  3 Page

View it Online

Download Datasheet

    GT-25-24 GT-25-12 GT-25-5 GT-25-15

List of Unclassifed Manufacturers
Part No. GT-25-24 GT-25-12 GT-25-5 GT-25-15
OCR Text ... 950, TUV TO EN 60950, CE CLASS I 3000VAC PRIMARY-SECONDARY; 1500 VAC PRIMARY- GROUND < 0.75 mA @ 240 VAC EN 61000-4-5 LEVEL 4 COMPLIES WITH...GT-25 SERIES 25W Switching Power Supplies Data Sheet ISO 9001 REGISTERED SWITCHING POWER ...
Description SWITCHING POWER SUPPLY, SINGLE OUTPUT: 25 WATTS, ENCLOSED, UNIVERSAL INPUT

File Size 285.21K  /  3 Page

View it Online

Download Datasheet

For i-gt Found Datasheets File :: 3118    Search Time::2.296ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of i-gt

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.1955420970917