Part Number Hot Search : 
LB1609 DRP10 TRANS RG4CZ 24121 ISL6251 SEL4925A C2610E
Product Description
Full Text Search
  high-hfe Datasheet PDF File

For high-hfe  Found Datasheets File :: 19017    Search Time::2.172ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    22SC5405 2SC5405

PANASONIC[Panasonic Semiconductor]
PanasonicSemiconductor
Panasonic Corporation
Part No. 22SC5405 2SC5405
OCR Text high-speed switching and high current amplification ratio Unit: mm s Features q q 9.90.3 3.00.5 4.60.2 2.90.2 q High-speed switching High forward current transfer ratio hFE which has satisfactory linearity Dielectric break...
Description    Silicon NPN triple diffusion planar type
SiliconNPNtriplediffusionplanartype

File Size 35.55K  /  2 Page

View it Online

Download Datasheet





    panasonic
Part No. 2SC3315
OCR Text high-frequency amplification Unit: mm 4.00.2 2.00.2 q q q q s Absolute Maximum Ratings Parameter Collector to base voltage Collecto...hFE Cre fT NF PG * Conditions IC = 10A, IE = 0 IE = 10A, IC = 0 VCB = 6V, IE = -1mA VCB = 6V, IE...
Description NS-A1
From old datasheet system

File Size 55.34K  /  4 Page

View it Online

Download Datasheet

    PANASONIC[Panasonic Semiconductor]
Matsshita / Panasonic
Part No. 2SC3315 0183
OCR Text high-frequency amplification Unit: mm 4.00.2 3.00.2 0.70.1 s Features q q q q Optimum for high-density mounting. Allowing supply w...hFE Cre fT NF PG * Conditions IC = 10A, IE = 0 IE = 10A, IC = 0 VCB = 6V, IE = -1mA VCB = 6V, IE...
Description Silicon NPN epitaxial planer type(For high-frequency amplification)
From old datasheet system
Transistor

File Size 43.50K  /  3 Page

View it Online

Download Datasheet

    Sanyo
Part No. 2SC3255 2SA1291 0045
OCR Text High-Speed Switching Applications Applications * Various inductance lamp drivers for electrical equipment. * Inverters, converters (strobo...hFE. * Short switching time. 14.0 15.1 6.3 0.4 1 2 3 ( ) : 2SA1291 Specif...
Description NPN Epitaxial Planar Silicon Transistors 60V/10A High-Speed Switching Applications
From old datasheet system
PNP/NPN Epitaxial Planar Silicon Transistors

File Size 39.47K  /  4 Page

View it Online

Download Datasheet

    Matsshita / Panasonic
Part No. 2SC5440 0234
OCR Text ... 18.60.5 (2.0) Solder Dip * High breakdown voltage, and high reliability through the use of a glass passivation layer * High-speed switc...hFE VCE(sat) VBE(sat) fT tstg tf Conditions VCB = 1 000 V, IE = 0 VCB = 1 500 V, IE = 0 Emitter cuto...
Description Power Transistors
From old datasheet system

File Size 59.37K  /  3 Page

View it Online

Download Datasheet

    2SD2663 2SB1700

SANYO[Sanyo Semicon Device]
Part No. 2SD2663 2SB1700
OCR Text ... 0.8 0.75 15.5 11.0 High DC current gain. Large current capacity and wide ASO. Micaless package facilitating mounting. 3.3 ...hFE fT VCE(sat) VBE(sat) V(BR)CBO V(BR)CEO ton tstg tf Conditions VCE=(--)3V, IC=(-)1.5A VCE=(--)5V,...
Description From old datasheet system
PNP/NPN Epitaxial Planar Silicon Darlington Transistors

File Size 35.82K  /  4 Page

View it Online

Download Datasheet

    2SB772

Renesas Electronics Corporation
Part No. 2SB772
OCR Text ...ee quality grades: "Standard", "High Quality", and "Specific". The recommended applications for each Renesas Electronics product depends on ...hFE linearity and high hFE hFE2 = 60 to 400 (VCE = -2.0 V, IC = -1.0 A) * Less cramping space requir...
Description PNP SILICON POWER TRANSISTOR

File Size 291.51K  /  5 Page

View it Online

Download Datasheet

    Toshiba
Part No. 2SC1815
OCR Text ...age Amplifier Applications * * High voltage and high current: VCEO = 50 V (min), IC = 150 mA (max) Excellent hFE linearity: hFE (2) = 100 (typ.) at VCE = 6 V, IC = 150 mA : hFE (IC = 0.1 mA)/hFE (IC = 2 mA) = 0.95 (typ.) * * Low noise: NF ...
Description Transistor Silicon NPN

File Size 138.70K  /  4 Page

View it Online

Download Datasheet

    Sanyo
Part No. 2SA1882 0177
OCR Text ...ications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications ...hFE values at IC=50mA as follows : Rank S 140 to 280 T 200 to 400 U 280 to 560 Marking : 2SA1882...
Description PNP Epitaxial Planar Silicon Transistors Low-Frequency General-Purpose Amplifier Applications
From old datasheet system
PNP/NPN Epitaxial Planar Silicon Transistors

File Size 47.50K  /  5 Page

View it Online

Download Datasheet

    2SA1038S 2SA1579 2SA1514K

Rohm Co., Ltd.
ROHM[Rohm]
Part No. 2SA1038S 2SA1579 2SA1514K
OCR Text High-voltage Amplifier Transistor (-120V, -50mA) 2SA1579 / 2SA1514K / 2SA1038S Features 1) High breakdown voltage. (BVCEO = -120V) 2) Comp...hFE Type Package hFE Marking Code Basic ordering unit (pieces) Denotes hFE 2SA1579 UMT3 RS R ...
Description ER 3C 3#12 PIN PLUG
High-voltage Amplifier Transistor (−120V/ −50mA)
High-voltage Amplifier Transistor (-120V, -50mA)
High-voltage Amplifier Transistor (−120V −50mA)
High-voltage Amplifier Transistor (−120V, −50mA)

File Size 65.63K  /  4 Page

View it Online

Download Datasheet

For high-hfe  Found Datasheets File :: 19017    Search Time::2.172ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of high-hfe

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.0424699783325