Part Number Hot Search : 
CDRH4D18 TMC603 UPD80C35 TGL41NNA CVCO55B 6008L IRU1246 CIH32
Product Description
Full Text Search
  height.31 Datasheet PDF File

For height.31 Found Datasheets File :: 7331    Search Time::1.36ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    HMA2701 HMA124 HMAA2705 HMA121

Fairchild Semiconductor
Part No. HMA2701 HMA124 HMAA2705 HMA121
OCR Text ...ackage (2.4 mm maximum standoff height) * Current Transfer Ratio in selected groups HMAA2705: 50-300% HMA121: 50-600% HMA2701: 50-300% HMA12...31/03 FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS HMA121 HMA124 HMA2701 HMAA2705 ELECTRIC...
Description FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS

File Size 491.93K  /  8 Page

View it Online

Download Datasheet





    NJU6637 NJU6637CH

NJRC[New Japan Radio]
Part No. NJU6637 NJU6637CH
OCR Text ...m Bump Size : 90 x 45um Bump Height : 17.5um Bump Material :Au Preliminary NJU6637A Mode B (SEL="H") SEG73 DUMMY34 DUMMY35 DUMMY33 C...31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 PAD Name SEL=H SEL=L DMY1 DMY2 DMY3 DMY4...
Description 16-CHARACTER 3-LINE DOT MATRIX LCD CONTROLLER DRIVER

File Size 302.79K  /  28 Page

View it Online

Download Datasheet

    UPD16682 UPD16682N UPD16682P UPD16682W

NEC[NEC]
Part No. UPD16682 UPD16682N UPD16682P UPD16682W
OCR Text ... 35 x 92.5 m (TYP.) 2 Bump height: 17 m(TYP.) Pad Type B: Pad size(Al): 75 x 105 m (TYP.) 2 Pad size (Through hole): 42 x 72 m (...31 35 to 37 32 to 34 I/O -- -- -- -- Function Description Power supply pins for logic. Apply the log...
Description 1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM

File Size 414.24K  /  56 Page

View it Online

Download Datasheet

    GT16-30PCF28 GT16CB-1PP-HU GT16-_0.7-1.5PC GT16-_1.6-2.9PC GT16-_1.6-2.9SC GT16-1P-HU GT16-1S-HU GT16-2428PCF GT16-2428S

HIROSE[Hirose Electric]
Hirose Electric USA, INC.
HIROSE ELECTRIC Co., Ltd.
Part No. GT16-30PCF28 GT16CB-1PP-HU GT16-_0.7-1.5PC GT16-_1.6-2.9PC GT16-_1.6-2.9SC GT16-1P-HU GT16-1S-HU GT16-2428PCF GT16-2428SCF GT16C-_1.6-2.9SC GT16C-1P_S-R GT16C-1P-DS GT16C-1S-HU GT16-PC GT16-SC GT16-/1.6-2.9SC GT16-/1.6-2.9PC GT16-/0.7-1.5PC GT16C-/1.6-2.9SC GT16C-1P/S-R
OCR Text ...(60Hz) Hand Press * Crimp height setting tables are available for each cable type. Please contact your nearest Hirose Electric account representative. * Different cables will require different crimp height settings. 8 B Test Dat...
Description 1 CONTACT(S), MALE, COMBINATION LINE CONNECTOR, SURFACE MOUNT
Coaxial cable connection of Antennas/ Sensors/ and Communication Trunk Lines
Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines 在天线,传感器和通信中继同轴电缆连接

File Size 220.02K  /  9 Page

View it Online

Download Datasheet

    ICM107 ICM-107BPA ICM107B

ETC[ETC]
Part No. ICM107 ICM-107BPA ICM107B
OCR Text ...rough registers AD_WIDTH and AD_HEIGHT. 2.6 SIF Interface Register programming is through SIF interface (SCL and SDA pins). The default ...31: reserved 10/29/2002 0x0C 0x0D 0x0E 0x0F 0x10 0x11 AD_WIDTHL AD_WIDTHH AD_HEIGHTL AD_HEIGH...
Description ICM107B Mega pixel Color CMOS image sensor

File Size 514.81K  /  20 Page

View it Online

Download Datasheet

    S190-80 S190 S190-100 S190-120 S190-140 S190-150 S190-30 S190-40 S190-65

Fujitsu Component Limited.
Fujitsu Limited
FUJITSU[Fujitsu Media Devices Limited]
Fujitsu Microelectronics
Part No. S190-80 S190 S190-100 S190-120 S190-140 S190-150 S190-30 S190-40 S190-65
OCR Text ...ng (A) Connection type Physical Height (mm) Width (mm) Depth (mm) Weight (kg) Footprint (W x D) (mm) 3) Noise emission Sound pressure level at workplace (dB(A)) Environmental Operating environment to DIN IEC 721 Temperature (C) Rel. humidit...
Description Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TV06; Number of Contacts:4; Connector Shell Size:13; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight
BUSINESS SERVERS

File Size 82.12K  /  4 Page

View it Online

Download Datasheet

    UPD168113 UPD168113K9-9B4-A UPD168113K9-9B4

NEC[NEC]
Part No. UPD168113 UPD168113K9-9B4-A UPD168113K9-9B4
OCR Text ...ps reduce the mounting area and height. The PD168113 can be used to drive two stepping motors, or two DC motors and one coil. FEATURES ...31 29 28 27 26 25 24 23 22 MOB1 FIL1 FIL2 FB1 OUT1B VM12 OUT1A EXT1 21 PGND12 20 19 18 17 16 ...
Description 7 ch H-bridge driver supporting serial control
MOS INTEGRATED CIRCUIT

File Size 745.47K  /  50 Page

View it Online

Download Datasheet

    FDZ206P

Fairchild Semiconductor
Part No. FDZ206P
OCR Text ...thin package: less than 0.80 mm height when mounted to PCB * 0.65 mm ball pitch * 3.5 x 4 mm2 footprint * High power and current handling ca...31 20 184 96 53 -1.5 A nA nA V mV/C m A S pF pF pF ns ns ns ns nC nC nC A V nS nC On Character...
Description P-Channel 2.5V Specified PowerTrench

File Size 210.84K  /  6 Page

View it Online

Download Datasheet

For height.31 Found Datasheets File :: 7331    Search Time::1.36ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of height.31

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.6060879230499