Part Number Hot Search : 
190MS8E G240C KLQ03 3F945 HT66F GRM188 78L08 MAX5933D
Product Description
Full Text Search
  heatsink Datasheet PDF File

For heatsink Found Datasheets File :: 24044    Search Time::1.453ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2SC5002

SANKEN[Sanken electric]
Part No. 2SC5002
OCR Text ... 40 at si nk 1 Without heatsink Natural Cooling L=3mH -IB2=1A Duty:less than 1% Without heatsink Natural Cooling 0.5 20 Without heatsink 1 100 500 Collector-Emitter Voltage V C E( V) 1000 0.1 50 100 500 1000 2000 3.5 0 ...
Description Silicon NPN Triple Diffused Planar Transistor(Display Horizontal Deflection Output, Switching Regulator and General Purpose)
Silicon NPN Triple Diffused Planar Transistor(Display Horizontal Deflection Output/ Switching Regulator and General Purpose)

File Size 23.63K  /  1 Page

View it Online

Download Datasheet





    2SC5003

SANKEN[Sanken electric]
Part No. 2SC5003
OCR Text ... 5 40 at si 1 Without heatsink Natural Cooling L=3mH -IB2=1A Duty:less than 1% nk Without heatsink Natural Cooling 0.5 20 1 100 500 Collector-Emi tter Voltage V C E( V) 1000 0.1 50 100 500 1000 ...
Description Silicon NPN Triple Diffused Planar Transistor(Display Horizontal Deflection Output/ Switching Regulator and General Purpose)
Silicon NPN Triple Diffused Planar Transistor(Display Horizontal Deflection Output, Switching Regulator and General Purpose)

File Size 24.73K  /  1 Page

View it Online

Download Datasheet

    2SC5071

SANKEN[Sanken electric]
Part No. 2SC5071
OCR Text ...50 at si nk 1 0.5 Without heatsink Natural Cooling 1 0.5 Without heatsink Natural Cooling L=3mH IB2 =1.0A Duty:less than 1% 0.1 5 10 50 100 500 0.1 5 10 50 100 500 3.5 0 Without heatsink 0 25 50 ...
Description Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)

File Size 23.88K  /  1 Page

View it Online

Download Datasheet

    ST1230C08K0LP ST1230C08K0P ST1230C08K1LP ST1230C08K1P ST1230C08K2LP ST1230C08K2P ST1230C08K3LP ST1230C08K3P ST1230C12K0L

http://
Vishay Siliconix
Part No. ST1230C08K0LP ST1230C08K0P ST1230C08K1LP ST1230C08K1P ST1230C08K2LP ST1230C08K2P ST1230C08K3LP ST1230C08K3P ST1230C12K0LP ST1230C12K0P ST1230C12K1LP ST1230C12K1P ST1230C12K2LP ST1230C12K2P ST1230C12K3LP ST1230C12K3P ST1230C14K0LP ST1230C14K0P ST1230C14K1LP ST1230C14K1P ST1230C14K2LP ST1230C14K2P ST1230C14K3LP ST1230C14K3P ST1230C16K2LP ST1230C16K2P ST1230C16K3LP ST1230C16K3P ST1230C16K0P ST1230C16K1LP ST1230C16K1P ST1230C16K0LP
OCR Text ...mum average on-state current at heatsink temperature Maximum RMS on-state current SYMBOL IT(AV) IT(RMS) TEST CONDITIONS 180 conduction, half sine wave double side (single side) cooled DC at 25 C heatsink temperature double side cooled t = 1...
Description Phase Control Thyristors (Hockey PUK Version), 1745 A

File Size 117.96K  /  7 Page

View it Online

Download Datasheet

    DKI10751

Sanken electric
Part No. DKI10751
OCR Text ...ut using silicone grease with a heatsink ? when silicone grease is used in mounting the product s on a heatsink, it shall be applied evenly and thinly. if more silicone grease than required is applied, it may produce excess st...
Description DC-DC converters

File Size 369.52K  /  6 Page

View it Online

Download Datasheet

    TDF8599 TDF8599TD TDF8599TH

NXP Semiconductors
Part No. TDF8599 TDF8599TD TDF8599TH
OCR Text ...P36 HSOP36 Description plastic, heatsink small outline package; 36 leads; low stand-off height plastic, heatsink small outline package; 36 leads; low stand-off height Version SOT851-2 SOT938-1 Type number TDF8599_1 (c) NXP B.V. 2008. ...
Description I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics

File Size 290.86K  /  52 Page

View it Online

Download Datasheet

    ULN2064B ULN2064B03

STMicroelectronics
Part No. ULN2064B ULN2064B03
OCR Text ...ard (Fig. 12) or to an external heatsink (Fig. 13). The diagram of Figure 14 shows the maximum dissipable power Ptot and the Rth j-amb as a function of the side "" of two equal square copper areas having a thickness of 35 (1.4 mils). Figur...
Description 50V - 1.5A QUAD DARLINGTON SWITCHES

File Size 1,005.67K  /  8 Page

View it Online

Download Datasheet

    GKI07113

Sanken electric
Part No. GKI07113
OCR Text ...= 25 c , with infin ite heatsink 40 a t a = 25 c , mounted on pcb* 9 a pulsed drain current i dm pw 100s duty cycle 1 % 80 a continuous source current (body diode) i s 40 a pul...
Description N ch Trench Power MOSFET

File Size 242.13K  /  6 Page

View it Online

Download Datasheet

For heatsink Found Datasheets File :: 24044    Search Time::1.453ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of heatsink

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.9783298969269